Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

15KP17CA Datasheet(PDF) 2 Page - Shanghai Semitech Semiconductor Co., Ltd

Part # 15KP17CA
Description  Excellent clamping capability
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMITECH [Shanghai Semitech Semiconductor Co., Ltd]
Direct Link  http://www.semitech.cn
Logo SEMITECH - Shanghai Semitech Semiconductor Co., Ltd

15KP17CA Datasheet(HTML) 2 Page - Shanghai Semitech Semiconductor Co., Ltd

  15KP17CA Datasheet HTML 1Page - Shanghai Semitech Semiconductor Co., Ltd 15KP17CA Datasheet HTML 2Page - Shanghai Semitech Semiconductor Co., Ltd 15KP17CA Datasheet HTML 3Page - Shanghai Semitech Semiconductor Co., Ltd 15KP17CA Datasheet HTML 4Page - Shanghai Semitech Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
15KP Series
Rev. 2.0, 25-Nov.-16
WWW.SEMITECH.CN
Electrical Specification (TA=25@25°C unless otherwise specified)
Type Number
Reverse
Stand-Off
Voltage
Breakdown
Voltage
Min. @IT
Breakdown
Voltage
Max. @ IT
Test
Current
Maximum
Clamping
Voltage
@IPP
Peak
Pulse
Current
Reverse
Leakage
@VRMW
(Uni)
(Bi)
VRMW(V)
VBR MIN(V)
VBR MAX(V)
IT (mA)
VC(V)
IPP(A)
IR(uA)
15KP17A
15KP17CA
17
18.99
20.79
50
29.3
515.4
5000
15KP18A
15KP18CA
18
20.11
22.01
50
30.9
488.7
5000
15KP20A
15KP20CA
20
22.34
24.46
20
34.3
440.2
1500
15KP22A
15KP22CA
22
24.57
26.91
10
37.1
407.0
500
15KP24A
15KP24CA
24
26.81
29.35
5
40.7
371.0
150
15KP26A
15KP26CA
26
29.04
31.80
5
44.0
343.2
50
15KP28A
15KP28CA
28
31.28
34.24
5
47.5
317.9
25
15KP30A
15KP30CA
30
33.51
36.70
5
50.7
297.8
15
15KP33A
15KP33CA
33
36.90
40.40
5
54.7
276.1
2
15KP36A
15KP36CA
36
40.20
44.00
5
59.8
252.5
2
15KP40A
15KP40CA
40
44.70
48.90
5
65.8
229.5
2
15KP43A
15KP43CA
43
48.00
52.60
5
69.8
216.3
2
15KP45A
15KP45CA
45
50.30
55.00
5
72.8
207.4
2
15KP48A
15KP48CA
48
53.60
58.70
5
77.7
194.3
2
15KP51A
15KP51CA
51
57.00
62.40
5
82.9
182.1
2
15KP54A
15KP54CA
54
60.30
66.00
5
87.7
172.2
2
15KP58A
15KP58CA
58
64.80
70.90
5
93.8
161.0
2
15KP60A
15KP60CA
60
67.00
73.40
5
97.4
155.0
2
15KP64A
15KP64CA
64
71.50
78.30
5
104.2
144.9
2
15KP70A
15KP70CA
70
78.20
85.60
5
113.6
132.9
2
15KP75A
15KP75CA
75
83.80
91.70
5
122.0
123.8
2
15KP78A
15KP78CA
78
87.10
95.40
5
126.1
119.7
2
15KP85A
15KP85CA
85
94.90
104.00
5
137.6
109.7
2
15KP90A
15KP90CA
90
100.50
110.10
5
145.6
103.7
2
15KP100A
15KP100CA
100
111.70
122.30
5
161.3
93.6
2
15KP110A
15KP110CA
110
122.90
134.50
5
178.6
84.5
2
15KP120A
15KP120CA
120
134.00
146.80
5
192.3
78.5
2
15KP130A
15KP130CA
130
145.20
159.00
5
208.3
72.5
2
15KP150A
15KP150CA
150
167.60
183.50
5
241.9
62.4
2
15KP160A
15KP160CA
160
178.70
195.70
5
258.6
58.4
2
15KP170A
15KP170CA
170
189.90
207.90
5
272.7
55.4
2
15KP180A
15KP180CA
180
201.10
220.10
5
288.5
52.3
2
15KP200A
15KP200CA
200
223.40
244.60
5
319.1
47.3
2
15KP220A
15KP220CA
220
245.70
269.10
5
356.0
42.4
2
15KP240A
15KP240CA
240
268.10
293.50
5
384.6
39.3
2
15KP260A
15KP260CA
260
290.40
318.00
5
416.7
36.2
2
15KP280A
15KP280CA
280
312.80
342.40
5
454.5
33.2
2
For Bi-directional type having VRWM of 30 Volts and less, the IR limit is double.
For parts without A, the VBR is ± 10% and VC is 5% higher than with A parts.


Similar Part No. - 15KP17CA

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
15KP17CA EIC-15KP17CA Datasheet
42Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
HuaXinAn Electronics CO...
15KP17CA HUAXINAN-15KP17CA Datasheet
363Kb / 5P
   15000W Transient Voltage Suppressors
logo
Littelfuse
15KP17CA LITTELFUSE-15KP17CA Datasheet
101Kb / 3P
   Silicon Avalanche Diodes - 15000 Watt Axial Leaded Transient Voltage Suppressor
logo
FutureWafer Tech Co.,Lt...
15KP17CA FUTUREWAFER-15KP17CA Datasheet
960Kb / 9P
   15000W Transient Voltage Suppression Diodes
20-JUL-2021 V 2.0
logo
TAITRON Components Inco...
15KP17CA TAITRON-15KP17CA Datasheet
175Kb / 4P
   15KW Transient Voltage Suppressor
More results

Similar Description - 15KP17CA

ManufacturerPart #DatasheetDescription
logo
Sangdest Microelectroni...
SMAJ SMC-SMAJ Datasheet
426Kb / 7P
   Excellent Clamping Capability
logo
Shanghai Semitech Semic...
AK10 SEMITECH-AK10 Datasheet
101Kb / 2P
   Excellent clamping capability
P6SMB440CA SEMITECH-P6SMB440CA Datasheet
195Kb / 6P
   Excellent clamping capability
logo
Sangdest Microelectroni...
15KPA SMC-15KPA Datasheet
291Kb / 5P
   Excellent Clamping Capability
logo
Micro Commercial Compon...
ESDLC5V0T5 MCC-ESDLC5V0T5 Datasheet
326Kb / 3P
   Excellent clamping capability
logo
Unisonic Technologies
SMCJXXAL-SMC-R UTC-SMCJXXAL-SMC-R Datasheet
207Kb / 4P
   Excellent clamping capability
logo
Sangdest Microelectroni...
SMCJ SMC-SMCJ Datasheet
416Kb / 6P
   Excellent Clamping Capability
logo
Unisonic Technologies
SMDJXXAL-SMC-R UTC-SMDJXXAL-SMC-R Datasheet
202Kb / 4P
   Excellent clamping capability
logo
Shanghai Semitech Semic...
P6SMB SEMITECH-P6SMB Datasheet
479Kb / 5P
   Excellent clamping capability
8KP SEMITECH-8KP Datasheet
484Kb / 4P
   Excellent clamping capability
5KP5.0A SEMITECH-5KP5.0A Datasheet
270Kb / 5P
   Excellent Clamping Capability
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com