Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GBLC15C Datasheet(PDF) 2 Page - Shanghai Semitech Semiconductor Co., Ltd

Part # GBLC15C
Description  Bi-directional Configurations
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMITECH [Shanghai Semitech Semiconductor Co., Ltd]
Direct Link  http://www.semitech.cn
Logo SEMITECH - Shanghai Semitech Semiconductor Co., Ltd

GBLC15C Datasheet(HTML) 2 Page - Shanghai Semitech Semiconductor Co., Ltd

  GBLC15C Datasheet HTML 1Page - Shanghai Semitech Semiconductor Co., Ltd GBLC15C Datasheet HTML 2Page - Shanghai Semitech Semiconductor Co., Ltd GBLC15C Datasheet HTML 3Page - Shanghai Semitech Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
GBLC03C---GBLC24C
Electrical Characteristics
Ratings at 25°C ambient temperature unless otherwise specified.
Symbol
Parameter
IPP
Maximum Reverse Peak Pulse Current
VC
Clamping Voltage @ IPP
VRWM
Working Peak Reverse Voltage
IR
Maximum Reverse Leakage Current @ VRWM
IT
Test Current
VBR
Breakdown Voltage @ IT
Electrical Characteristics Ratings at 25°C ambient temperature unless otherwise specified.
Device
VRWM
(V)
IR(uA)
@ VRWM
VBR (V) @ IT
(Note 2)
IT(mA)
Vc(V)
@Ip=1A
Vc(V)
@Ipp
C
(pF)
Max
Max
Min
Max
Max
TYP
GBLC03C
3.0
20.0
4.0
1.0
5.15
13.9@8A
1.2
GBLC05C
5.0
5.0
6.0
1.0
9.80
18.3@8A
1.2
GBLC08C
8.0
5.0
8.5
1.0
13.40
18.5@8A
1.2
GBLC12C
12.0
1.0
13.3
1.0
19.00
28.6@6A
1.2
GBLC15C
15.0
1.0
16.7
1.0
24.00
31.8@5A
1.2
GBLC24C
24.0
1.0
26.7
1.0
43.00
56.0@3A
1.2
*Surge current waveform per Figure 1.
2. VBR is measured with a pulse test current IT at an ambient temperature of 25℃
Fig1. Pulse Waveform
Fig2. Power Derating


Similar Part No. - GBLC15C

ManufacturerPart #DatasheetDescription
logo
Protek Devices
GBLC15C PROTEC-GBLC15C Datasheet
174Kb / 3P
   ULTRA LOW CAPACITANCE TVS ARRAY
GBLC15C PROTEC-GBLC15C Datasheet
71Kb / 3P
   ULTRA LOW CAPACITANCE TVS ARRAY
GBLC15C PROTEC-GBLC15C Datasheet
600Kb / 7P
   ultra LOW CAPACITA NCE TVS ARRAY
GBLC15C PROTEC-GBLC15C Datasheet
603Kb / 7P
   ULTRA LOW CAPACITANCE TVS ARRAY
logo
List of Unclassifed Man...
GBLC15C ETC2-GBLC15C Datasheet
622Kb / 7P
   ultra LOW CAPACITA NCE TVS ARRAY
More results

Similar Description - GBLC15C

ManufacturerPart #DatasheetDescription
logo
Shanghai Semitech Semic...
ESD9B5V SEMITECH-ESD9B5V Datasheet
164Kb / 3P
   Bi-directional Configurations
ESD5B5.0 SEMITECH-ESD5B5.0 Datasheet
115Kb / 3P
   Bi-directional Configurations
LC05C SEMITECH-LC05C Datasheet
94Kb / 3P
   Bi-directional Configurations
P0080S SEMITECH-P0080S Datasheet
70Kb / 3P
   Bi-directional Configurations
logo
Green Power Solutions s...
GOB95023 GPSEMI-GOB95023 Datasheet
118Kb / 3P
   BI-DIRECTIONAL BI-DIRECTIONAL
GOB94018 GPSEMI-GOB94018_17 Datasheet
109Kb / 3P
   BI-DIRECTIONAL BI-DIRECTIONAL
logo
Murata Manufacturing Co...
LXES03AAA1-098 MURATA-LXES03AAA1-098 Datasheet
175Kb / 3P
   Bi-directional
logo
Shenzhen Luguang Electr...
ESDB6.8SM9 LUGUANG-ESDB6.8SM9 Datasheet
1Mb / 2P
   Bi-Directional TVS
logo
SYNERGY MICROWAVE CORPO...
KAP-241 SYNERGY-KAP-241 Datasheet
40Kb / 2P
   BI-DIRECTIONAL COUPLERS
logo
List of Unclassifed Man...
BDCA-16-30 ETC-BDCA-16-30 Datasheet
108Kb / 1P
   Bi-Directional Coupler
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com