Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

4.0SMDJ60A Datasheet(PDF) 2 Page - Shanghai Semitech Semiconductor Co., Ltd

Part # 4.0SMDJ60A
Description  Low profile package
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMITECH [Shanghai Semitech Semiconductor Co., Ltd]
Direct Link  http://www.semitech.cn
Logo SEMITECH - Shanghai Semitech Semiconductor Co., Ltd

4.0SMDJ60A Datasheet(HTML) 2 Page - Shanghai Semitech Semiconductor Co., Ltd

  4.0SMDJ60A Datasheet HTML 1Page - Shanghai Semitech Semiconductor Co., Ltd 4.0SMDJ60A Datasheet HTML 2Page - Shanghai Semitech Semiconductor Co., Ltd 4.0SMDJ60A Datasheet HTML 3Page - Shanghai Semitech Semiconductor Co., Ltd 4.0SMDJ60A Datasheet HTML 4Page - Shanghai Semitech Semiconductor Co., Ltd 4.0SMDJ60A Datasheet HTML 5Page - Shanghai Semitech Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
4.0SMDJ Series
Rev. 2.0, 10-Nov.-16
WWW.SEMITECH.CN
Electrical Specification @ Tamb 25°C
For Bi-directional type having VRWM of 10 Volts and less, the IR limit is double.
For parts without A, the VBR is ± 10% and VC is 5% higher than with A parts.
Type Number
Marking
Reverse
Stand-
Off
Voltage
Breakdown
Voltage
Min. @IT
Breakdown
Voltage
Max. @ IT
Test
Current
Maximum
Clamping
Voltage
@IPP
Peak
Pulse
Current
Reverse
Leakage
@VRMW
(Uni)
(Bi)
(Uni)
(Bi)
VRMW(V)
VBR MIN(V)
VBR MAX(V)
IT (mA)
VC(V)
IPP(A)
IR(uA)
4.0SMDJ5.0A 4.0SMDJ5.0CA
HDE
IDE
5.0
6.40
7.00
10
9.2
554.3
800
4.0SMDJ6.0A 4.0SMDJ6.0CA
HDG
IDG
6.0
6.67
7.37
10
10.3
495.1
800
4.0SMDJ6.5A 4.0SMDJ6.5CA
HDK
IDK
6.5
7.22
7.98
10
11.2
455.4
500
4.0SMDJ7.0A 4.0SMDJ7.0CA
HDM
IDM
7.0
7.78
8.60
10
12.0
425.0
200
4.0SMDJ7.5A 4.0SMDJ7.5CA
HDP
IDP
7.5
8.33
9.21
1
12.9
395.3
100
4.0SMDJ8.0A 4.0SMDJ8.0CA
HDR
IDR
8.0
8.89
9.83
1
13.6
375.0
50
4.0SMDJ8.5A 4.0SMDJ8.5CA
HDT
IDT
8.5
9.44
10.40
1
14.4
354.2
20
4.0SMDJ9.0A 4.0SMDJ9.0CA
HDV
IDV
9.0
10.00
11.10
1
15.4
331.2
10
4.0SMDJ10A
4.0SMDJ10CA
HDX
IDX
10.0
11.10
12.30
1
17.0
300.0
5
4.0SMDJ11A
4.0SMDJ11CA
HDZ
IDZ
11.0
12.20
13.50
1
18.2
280.2
2
4.0SMDJ12A
4.0SMDJ12CA
HEE
IEE
12.0
13.30
14.70
1
19.9
256.3
2
4.0SMDJ13A
4.0SMDJ13CA
HEG
IEG
13.0
14.40
15.90
1
21.5
237.2
2
4.0SMDJ14A
4.0SMDJ14CA
HEK
IEK
14.0
15.60
17.20
1
23.2
219.8
2
4.0SMDJ15A
4.0SMDJ15CA
HEM
IEM
15.0
16.70
18.50
1
24.4
209.0
2
4.0SMDJ16A
4.0SMDJ16CA
HEP
IEP
16.0
17.80
19.70
1
26.0
196.2
2
4.0SMDJ17A
4.0SMDJ17CA
HER
IER
17.0
18.90
20.90
1
27.6
184.8
2
4.0SMDJ18A
4.0SMDJ18CA
HET
IET
18.0
20.00
22.10
1
29.2
174.7
2
4.0SMDJ20A
4.0SMDJ20CA
HEV
IEV
20.0
22.20
24.50
1
32.4
157.4
2
4.0SMDJ22A
4.0SMDJ22CA
HEX
IEX
22.0
24.40
26.90
1
35.5
143.7
2
4.0SMDJ24A
4.0SMDJ24CA
HEZ
IEZ
24.0
26.70
29.50
1
38.9
131.1
2
4.0SMDJ26A
4.0SMDJ26CA
HFE
IFE
26.0
28.90
31.90
1
42.1
121.1
2
4.0SMDJ28A
4.0SMDJ28CA
HFG
IFG
28.0
31.10
34.40
1
45.4
112.3
2
4.0SMDJ30A
4.0SMDJ30CA
HFK
IFK
30.0
33.30
36.80
1
48.4
105.4
2
4.0SMDJ33A
4.0SMDJ33CA
HFM
IFM
33.0
36.70
40.60
1
53.3
95.7
2
4.0SMDJ36A
4.0SMDJ36CA
HFP
IFP
36.0
40.00
44.20
1
58.1
87.8
2
4.0SMDJ40A
4.0SMDJ40CA
HFR
IFR
40.0
44.40
49.10
1
64.5
79.1
2
4.0SMDJ43A
4.0SMDJ43CA
HFT
IFT
43.0
47.80
52.80
1
69.4
73.5
2
4.0SMDJ45A
4.0SMDJ45CA
HFV
IFV
45.0
50.00
55.30
1
72.7
70.2
2
4.0SMDJ48A
4.0SMDJ48CA
HFX
IFX
48.0
53.30
58.90
1
77.4
65.9
2
4.0SMDJ51A
4.0SMDJ51CA
HFZ
IFZ
51.0
56.70
62.70
1
82.4
61.9
2
4.0SMDJ54A
4.0SMDJ54CA
HGE
IGE
54.0
60.00
66.30
1
87.1
58.6
2
4.0SMDJ58A
4.0SMDJ58CA
HGG
IGG
58.0
64.40
71.20
1
93.6
54.5
2
4.0SMDJ60A
4.0SMDJ60CA
HGK
IGK
60.0
66.70
73.70
1
96.8
52.7
2
4.0SMDJ64A
4.0SMDJ64CA
HGM
IGM
64.0
71.10
78.60
1
103.0
49.5
2
4.0SMDJ70A
4.0SMDJ70CA
HGP
IGP
70.0
77.80
86.00
1
113.0
45.1
2
4.0SMDJ75A
4.0SMDJ75CA
HGR
IGR
75.0
83.30
92.10
1
121.0
42.1
2


Similar Part No. - 4.0SMDJ60A

ManufacturerPart #DatasheetDescription
logo
DONGGUAN YOU FENG WEI E...
4.0SMDJ60A YFWDIODE-4.0SMDJ60A Datasheet
668Kb / 5P
   Surface Mount Transient Voltage Suppressor Power 4000Watts
More results

Similar Description - 4.0SMDJ60A

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
MBF8 LUGUANG-MBF8 Datasheet
526Kb / 2P
   Low profile package
logo
Shanghai Semitech Semic...
10KP SEMITECH-10KP Datasheet
483Kb / 4P
   Low profile package
SMCJ440CA SEMITECH-SMCJ440CA Datasheet
245Kb / 6P
   Low profile package
MMF SEMITECH-MMF Datasheet
497Kb / 5P
   Low profile package
logo
Shenzhen Luguang Electr...
BYG10D LUGUANG-BYG10D Datasheet
1Mb / 4P
   Low profile package
logo
Central Semiconductor C...
PBCBRLD1_1509 CENTRAL-PBCBRLD1_1509 Datasheet
1Mb / 2P
   Low profile package
logo
Shenzhen Luguang Electr...
MBF6 LUGUANG-MBF6 Datasheet
526Kb / 2P
   Low profile package
logo
Shanghai Semitech Semic...
SMAJ SEMITECH-SMAJ Datasheet
495Kb / 5P
   Low profile package
5KP SEMITECH-5KP Datasheet
508Kb / 4P
   Low profile package
SMBJ SEMITECH-SMBJ Datasheet
492Kb / 5P
   Low profile package
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com