Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RUC002N05HZGT116 Datasheet(PDF) 11 Page - Rohm

Part # RUC002N05HZGT116
Description  Nch 50V 200mA Small Signal MOSFET
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

RUC002N05HZGT116 Datasheet(HTML) 11 Page - Rohm

Back Button RUC002N05HZGT116 Datasheet HTML 6Page - Rohm RUC002N05HZGT116 Datasheet HTML 7Page - Rohm RUC002N05HZGT116 Datasheet HTML 8Page - Rohm RUC002N05HZGT116 Datasheet HTML 9Page - Rohm RUC002N05HZGT116 Datasheet HTML 10Page - Rohm RUC002N05HZGT116 Datasheet HTML 11Page - Rohm RUC002N05HZGT116 Datasheet HTML 12Page - Rohm RUC002N05HZGT116 Datasheet HTML 13Page - Rohm RUC002N05HZGT116 Datasheet HTML 14Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
RUC002N05HZGT116
 
   
   
   
   
   
               
Datasheet
l
lDimensions
                                                                                           
www.rohm.com
© 2016 ROHM Co., Ltd. All rights reserved.
11/11
20160606 - Rev.001


Similar Part No. - RUC002N05HZGT116

ManufacturerPart #DatasheetDescription
logo
Rohm
RUC002N05 ROHM-RUC002N05 Datasheet
205Kb / 6P
   1.2V Drive Nch MOSFET
RUC002N05 ROHM-RUC002N05 Datasheet
202Kb / 6P
   1.2V Drive Nch MOSFET
logo
VBsemi Electronics Co.,...
RUC002N05T116 VBSEMI-RUC002N05T116 Datasheet
503Kb / 9P
   N-Channel 60-V (D-S) MOSFET
logo
Rohm
RUC002N05_1006 ROHM-RUC002N05_1006 Datasheet
202Kb / 6P
   1.2V Drive Nch MOSFET
More results

Similar Description - RUC002N05HZGT116

ManufacturerPart #DatasheetDescription
logo
Rohm
RE1J002YN ROHM-RE1J002YN Datasheet
3Mb / 13P
   Nch 50V 200mA Small Signal MOSFET
RU1J002YN ROHM-RU1J002YN Datasheet
3Mb / 13P
   Nch 50V 200mA Small Signal MOSFET
RE1C002UN ROHM-RE1C002UN Datasheet
2Mb / 13P
   Nch 20V 200mA Small Signal MOSFET
QS6K21FRA ROHM-QS6K21FRA_16 Datasheet
2Mb / 15P
   45V NchNch Small Signal MOSFET
QS8K51 ROHM-QS8K51 Datasheet
2Mb / 13P
   100V NchNch Small Signal MOSFET
QH8KC6 ROHM-QH8KC6 Datasheet
2Mb / 14P
   60V NchNch Small Signal MOSFET
QH8K26 ROHM-QH8K26 Datasheet
2Mb / 15P
   40V Nch Nch Small Signal MOSFET
QS8K2HZG ROHM-QS8K2HZG Datasheet
2Mb / 15P
   30V NchNch Small Signal MOSFET
QH8KB5 ROHM-QH8KB5 Datasheet
2Mb / 14P
   40V NchNch Small Signal MOSFET
QH8K22 ROHM-QH8K22 Datasheet
2Mb / 15P
   40V NchNch Small Signal MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com