Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RTR030N05FRA Datasheet(PDF) 2 Page - Rohm

Part # RTR030N05FRA
Description  Nch 45V 3A Middle Power MOSFET
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

RTR030N05FRA Datasheet(HTML) 2 Page - Rohm

  RTR030N05FRA Datasheet HTML 1Page - Rohm RTR030N05FRA Datasheet HTML 2Page - Rohm RTR030N05FRA Datasheet HTML 3Page - Rohm RTR030N05FRA Datasheet HTML 4Page - Rohm RTR030N05FRA Datasheet HTML 5Page - Rohm RTR030N05FRA Datasheet HTML 6Page - Rohm RTR030N05FRA Datasheet HTML 7Page - Rohm RTR030N05FRA Datasheet HTML 8Page - Rohm RTR030N05FRA Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
RTR030N05FRA
          
               
Datasheet
l
lThermal resistance
                                   
Parameter
Symbol
Values
Unit
Min.
Typ.
Max.
Thermal resistance, junction - ambient
RthJA*2
-
-
125
/W
RthJA*3
-
-
165
/W
l
lElectrical characteristics (Ta = 25°C)
Parameter
Symbol
Conditions
Values
Unit
Min.
Typ.
Max.
Drain - Source breakdown
voltage
V(BR)DSS VGS = 0V, ID = 1mA
45
-
-
V
Breakdown voltage
temperature coefficient
 ΔV(BR)DSS  ID = 1mA
-
46.8
-
mV/
   ΔTj     referenced to 25
Zero gate voltage
drain current
IDSS
VDS = 45V, VGS = 0V
-
-
1
μA
Gate - Source leakage current
IGSS
VGS = ±12V, VDS = 0V
-
-
±10
μA
Gate threshold voltage
VGS(th)
VDS = 10V, ID = 1mA
0.5
-
1.5
V
Gate threshold voltage
temperature coefficient
 ΔVGS(th)   ID = 1mA
-
-3.9
-
mV/
   ΔTj     referenced to 25
Static drain - source
on - state resistance
RDS(on)*4
VGS = 4.5V, ID = 3A
-
48
67
VGS = 4V, ID = 3A
-
53
74
VGS = 2.5V, ID = 3A
-
68
95
Gate resistance
RG
f = 1MHz, open drain
-
6.7
-
Ω
Forward Transfer
Admittance
|Yfs|*4
VDS = 10V, ID = 3A
2.8
-
-
S
*1 Pw10μs, Duty cycle1%
*2 Mounted on a ceramic board (30×30×0.8mm)
*3 Mounted on a FR4 (25×25×0.8mm)
*4 Pulsed
                                             
 
                                           
www.rohm.com
© 2016 ROHM Co., Ltd. All rights reserved.
2/11
20160808 - Rev.001


Similar Part No. - RTR030N05FRA

ManufacturerPart #DatasheetDescription
logo
Rohm
RTR030N05 ROHM-RTR030N05 Datasheet
222Kb / 5P
   2.5V Drive Nch MOSFET
RTR030N05 ROHM-RTR030N05 Datasheet
162Kb / 5P
   2.5V Drive Nch MOSFET
RTR030N05HZG ROHM-RTR030N05HZG Datasheet
2Mb / 15P
   Nch 45V 3A Small Signal MOSFET
RTR030N05TL ROHM-RTR030N05TL Datasheet
162Kb / 5P
   2.5V Drive Nch MOSFET
logo
VBsemi Electronics Co.,...
RTR030N05TL VBSEMI-RTR030N05TL Datasheet
475Kb / 9P
   N-Channel 30-V (D-S) MOSFET
More results

Similar Description - RTR030N05FRA

ManufacturerPart #DatasheetDescription
logo
Rohm
RQ5E030AJ ROHM-RQ5E030AJ Datasheet
2Mb / 12P
   Nch 30V 3A Middle Power MOSFET
RTR030N05HZG ROHM-RTR030N05HZG Datasheet
2Mb / 15P
   Nch 45V 3A Small Signal MOSFET
SP8K23FRA ROHM-SP8K23FRA Datasheet
2Mb / 15P
   45V NchNch Power MOSFET
SP8K22FRA ROHM-SP8K22FRA Datasheet
2Mb / 15P
   45V NchNch Power MOSFET
QH8KA4 ROHM-QH8KA4 Datasheet
1Mb / 14P
   30V NchNch Middle Power MOSFET
HP8K22 ROHM-HP8K22 Datasheet
4Mb / 19P
   30V NchNch Middle Power MOSFET
UT6K3 ROHM-UT6K3 Datasheet
1Mb / 15P
   30V NchNch Middle Power MOSFET
SH8KA7 ROHM-SH8KA7 Datasheet
2Mb / 14P
   30V NchNch Middle Power MOSFET
HP8K24 ROHM-HP8K24 Datasheet
4Mb / 19P
   30V NchNch Middle Power MOSFET
SH8KA2 ROHM-SH8KA2 Datasheet
2Mb / 14P
   30V NchNch Middle Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com