Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RTR025N03FRA Datasheet(PDF) 9 Page - Rohm

Part # RTR025N03FRA
Description  Nch 30V 2.5A Small Signal MOSFET
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

RTR025N03FRA Datasheet(HTML) 9 Page - Rohm

Back Button RTR025N03FRA Datasheet HTML 5Page - Rohm RTR025N03FRA Datasheet HTML 6Page - Rohm RTR025N03FRA Datasheet HTML 7Page - Rohm RTR025N03FRA Datasheet HTML 8Page - Rohm RTR025N03FRA Datasheet HTML 9Page - Rohm RTR025N03FRA Datasheet HTML 10Page - Rohm RTR025N03FRA Datasheet HTML 11Page - Rohm RTR025N03FRA Datasheet HTML 12Page - Rohm RTR025N03FRA Datasheet HTML 13Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
RTR025N03FRA
           
               
Datasheet
l
lElectrical characteristic curves
Fig.18 Typical Capacitance vs.
      Drain - Source Voltage
Fig.19 Switching Characteristics
Fig.20 Dynamic Input Characteristics
Fig.21 Source Current vs.
      Source Drain Voltage
                                                                                           
www.rohm.com
© 2016 ROHM Co., Ltd. All rights reserved.
9/11
20160930 - Rev.001


Similar Part No. - RTR025N03FRA

ManufacturerPart #DatasheetDescription
logo
Rohm
RTR025N03 ROHM-RTR025N03 Datasheet
57Kb / 3P
   2.5V Drive Nch MOS FET
RTR025N03 ROHM-RTR025N03 Datasheet
54Kb / 3P
   2.5V Drive Nch MOS FET
logo
VBsemi Electronics Co.,...
RTR025N03 VBSEMI-RTR025N03 Datasheet
486Kb / 9P
   N-Channel 30-V (D-S) MOSFET
logo
Rohm
RTR025N03HZG ROHM-RTR025N03HZG Datasheet
2Mb / 14P
   Nch 30V 2.5A Small Signal MOSFET
RTR025N03TL ROHM-RTR025N03TL Datasheet
54Kb / 3P
   2.5V Drive Nch MOS FET
More results

Similar Description - RTR025N03FRA

ManufacturerPart #DatasheetDescription
logo
Rohm
RSR025N03FRATL ROHM-RSR025N03FRATL Datasheet
2Mb / 14P
   Nch 30V 2.5A Small Signal MOSFET
RQ5E025TN ROHM-RQ5E025TN Datasheet
1Mb / 14P
   Nch 30V 2.5A Small Signal MOSFET
RTR025N03HZG ROHM-RTR025N03HZG Datasheet
2Mb / 14P
   Nch 30V 2.5A Small Signal MOSFET
RQ5E025SN ROHM-RQ5E025SN Datasheet
1Mb / 14P
   Nch 30V 2.5A Small Signal MOSFET
20170316 - Rev.002
RSR025N03HZG ROHM-RSR025N03HZG Datasheet
2Mb / 15P
   Nch 30V 2.5A Small Signal MOSFET
QS8K2HZG ROHM-QS8K2HZG Datasheet
2Mb / 15P
   30V NchNch Small Signal MOSFET
RUF025N02FRA ROHM-RUF025N02FRA Datasheet
2Mb / 14P
   Nch 20V 2.5A Small Signal MOSFET
RTR025N05HZG ROHM-RTR025N05HZG Datasheet
2Mb / 15P
   Nch 45V 2.5A Small Signal MOSFET
RSR025N05HZG ROHM-RSR025N05HZG Datasheet
2Mb / 15P
   Nch 45V 2.5A Small Signal MOSFET
RSR025N05FRA ROHM-RSR025N05FRA Datasheet
2Mb / 15P
   Nch 45V 2.5A Small Signal MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com