Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RTL020P02FRA Datasheet(PDF) 2 Page - Rohm

Part # RTL020P02FRA
Description  2.5V Drive Pch MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

RTL020P02FRA Datasheet(HTML) 2 Page - Rohm

  RTL020P02FRA Datasheet HTML 1Page - Rohm RTL020P02FRA Datasheet HTML 2Page - Rohm RTL020P02FRA Datasheet HTML 3Page - Rohm RTL020P02FRA Datasheet HTML 4Page - Rohm RTL020P02FRA Datasheet HTML 5Page - Rohm RTL020P02FRA Datasheet HTML 6Page - Rohm RTL020P02FRA Datasheet HTML 7Page - Rohm RTL020P02FRA Datasheet HTML 8Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
RTL020P02
Transistors
Rev.B
2/4
Electrical characteristics (Ta=25°C)
Parameter
Symbol
IGSS
Yfs
Min.
Typ. Max.
Unit
Conditions
V(BR) DSS
IDSS
VGS (th)
RDS (on)
Ciss
Coss
Crss
td (on)
tr
td (off)
tf
Qg
Qgs
Qgd
Gate-source leakage
Drain-source breakdown voltage
Zero gate voltage drain current
Gate threshold voltage
Static drain-source on-state
resistance
Forward transfer admittance
Input capacitance
Output capacitance
Reverse transfer capacitance
Turn-on delay time
Rise time
Turn-off delay time
Fall time
Total gate charge
Gate-source charge
Gate-drain charge
∗Pulsed
−±10
µAVGS=±12V, VDS=0V
VDD −15V
−20
−−
VID= −1mA, VGS=0V
−1
µAVDS= −20V, VGS=0V
−0.7
−−2.0
V
VDS= −10V, ID= −1mA
100
135
ID= −2A, VGS= −4.5V
110
150
mΩ
mΩ
mΩ
ID= −2A, VGS= −4V
180
250
ID= −1A, VGS= −2.5V
1.2
−−
SVDS= −10V, ID= −1A
430
pF
VDS= −10V
80
55
pF
VGS=0V
11
pF
f=1MHz
13
ns
38
ns
12
ns
4.9
ns
1.2
nC
1.3
nC
VGS= −4.5V
RL=7.5Ω
RG=10Ω
−−
nC
ID= −2A
VDD −15V
ID= −1A
VGS= −4.5V
RL=15Ω
RG=10Ω
Body diode characteristics (Source-drain) (Ta=25°C)
VSD
−−1.2
V
IS= −0.8A, VGS=0V
Forward voltage
Parameter
Symbol Min.
Typ. Max. Unit
Conditions
RTL020P02FRA


Similar Part No. - RTL020P02FRA

ManufacturerPart #DatasheetDescription
logo
Rohm
RTL020P02 ROHM-RTL020P02 Datasheet
88Kb / 5P
   DC-DC Converter (-20V, -2.0A)
More results

Similar Description - RTL020P02FRA

ManufacturerPart #DatasheetDescription
logo
Rohm
US6J2TR ROHM-US6J2TR Datasheet
89Kb / 5P
   2.5V Drive PchPch MOSFET
RTR030P02FHA ROHM-RTR030P02FHA Datasheet
1Mb / 8P
   2.5V Drive Pch MOSFET
RTF020P02TL ROHM-RTF020P02TL Datasheet
102Kb / 5P
   2.5V Drive Pch MOSFET
RTQ025P02FRA ROHM-RTQ025P02FRA Datasheet
1Mb / 8P
   2.5V Drive Pch MOSFET
RTQ035P02FHA ROHM-RTQ035P02FHA Datasheet
1Mb / 8P
   2.5V Drive Pch MOSFET
RTU002P02 ROHM-RTU002P02 Datasheet
65Kb / 3P
   2.5V Drive Pch MOSFET
RTR020P02FRA ROHM-RTR020P02FRA Datasheet
1Mb / 8P
   2.5V Drive Pch MOSFET
QS6M4TR ROHM-QS6M4TR Datasheet
85Kb / 6P
   2.5V Drive Nch Pch MOSFET
QS6M3TR ROHM-QS6M3TR Datasheet
95Kb / 8P
   2.5V Drive NchPch MOSFET
US6M2 ROHM-US6M2_07 Datasheet
74Kb / 4P
   2.5V Drive NchPch MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com