Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MGBR30S120CL-TA3-T Datasheet(PDF) 2 Page - Unisonic Technologies

Part # MGBR30S120CL-TA3-T
Description  Super low forward voltage drop
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

MGBR30S120CL-TA3-T Datasheet(HTML) 2 Page - Unisonic Technologies

  MGBR30S120CL-TA3-T Datasheet HTML 1Page - Unisonic Technologies MGBR30S120CL-TA3-T Datasheet HTML 2Page - Unisonic Technologies MGBR30S120CL-TA3-T Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MGBR30S120C
Preliminary
DIODE
UNISONICTECHNOLOGIESCO.,LTD
2 of 3
www.unisonic.com.tw
QW-R204-076.b
ABSOLUTE MAXIMUM RATINGS (TA=25°C unless otherwise specified)
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitance load, derate current by 20%.
PARAMETER
SYMBOL
RATINGS
UNIT
DC Blocking Voltage
VRM
120
V
Working Peak Reverse Voltage
VRWM
120
V
Peak Repetitive Reverse Voltage
VRRM
120
V
Per Leg
15
A
Average Rectified Output Current Per
Device
Total
IO
30
A
Non-Repetitive Peak Forward Surge Current 8.3ms Single
Half Sine-Wave Superimposed on Rated Load
IFSM
250
A
Operating Junction Temperature
TJ
-65 ~ +150
°C
Storage Temperature
TSTG
-65 ~ +150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
THERMAL CHARACTERISTICS (PER LEG)
PARAMETER
SYMBOL
RATINGS
UNIT
TO-220
2
°C/W
Typical Thermal Resistance
TO-220F
θJC
4
°C/W
ELECTRICAL CHARACTERISTICS (PER LEG) (TA =25°C unless otherwise specified.)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
Reverse Breakdown Voltage
V(BR)R
IR=0.50mA
120
V
IF=15A, TJ=25°C
0.78
V
Forward Voltage Drop
VFM
IF=15A, TJ=125°C
0.70
V
VR=120V, TJ=25°C
100
μA
Leakage Current
IRM
VR=120V, TJ=125°C
10
mA
Note: Pulse Test: Pulse width ≤ 300µs, Duty cycle ≤ 2%.


Similar Part No. - MGBR30S120CL-TA3-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
MGBR30S45C UTC-MGBR30S45C Datasheet
120Kb / 3P
   DUAL MOS GATED BARRIER RECTIFIER
MGBR30S45CG-TA3-T UTC-MGBR30S45CG-TA3-T Datasheet
167Kb / 3P
   DUAL MOS GATED BARRIER RECTIFIER
MGBR30S45CG-TN3-R UTC-MGBR30S45CG-TN3-R Datasheet
120Kb / 3P
   DUAL MOS GATED BARRIER RECTIFIER
MGBR30S45CG-TN3-R UTC-MGBR30S45CG-TN3-R Datasheet
167Kb / 3P
   DUAL MOS GATED BARRIER RECTIFIER
MGBR30S45CG-TN3-T UTC-MGBR30S45CG-TN3-T Datasheet
120Kb / 3P
   DUAL MOS GATED BARRIER RECTIFIER
More results

Similar Description - MGBR30S120CL-TA3-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
TGBR10S60L-TA3-T UTC-TGBR10S60L-TA3-T Datasheet
168Kb / 3P
   Super low forward voltage drop
TGBR40S60CL-TA3-T UTC-TGBR40S60CL-TA3-T Datasheet
133Kb / 3P
   Super low forward voltage drop
TGBR10S45CL-TA3-T UTC-TGBR10S45CL-TA3-T Datasheet
140Kb / 3P
   Super low forward voltage drop
TGBR10S60CL-TA3-T UTC-TGBR10S60CL-TA3-T Datasheet
133Kb / 3P
   Super low forward voltage drop
TGBR10S100CL-TA3-T UTC-TGBR10S100CL-TA3-T Datasheet
167Kb / 3P
   Super low forward voltage drop
TGBR10S150CL-TF1-T UTC-TGBR10S150CL-TF1-T Datasheet
155Kb / 3P
   Super low forward voltage drop
TGBR30S80L-TA3-T UTC-TGBR30S80L-TA3-T Datasheet
131Kb / 3P
   Super low forward voltage drop
TGBR30S100CL-TA3-T UTC-TGBR30S100CL-TA3-T Datasheet
131Kb / 3P
   Super low forward voltage drop
MGBR5S50L-TN3-R UTC-MGBR5S50L-TN3-R Datasheet
155Kb / 3P
   Super low forward voltage drop
TGBR30S150CL-TA3-T UTC-TGBR30S150CL-TA3-T Datasheet
132Kb / 3P
   Super low forward voltage drop
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com