Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RSR020N06FRA Datasheet(PDF) 7 Page - Rohm

Part # RSR020N06FRA
Description  Nch 60V 2A Power MOSFET
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

RSR020N06FRA Datasheet(HTML) 7 Page - Rohm

Back Button RSR020N06FRA Datasheet HTML 3Page - Rohm RSR020N06FRA Datasheet HTML 4Page - Rohm RSR020N06FRA Datasheet HTML 5Page - Rohm RSR020N06FRA Datasheet HTML 6Page - Rohm RSR020N06FRA Datasheet HTML 7Page - Rohm RSR020N06FRA Datasheet HTML 8Page - Rohm RSR020N06FRA Datasheet HTML 9Page - Rohm RSR020N06FRA Datasheet HTML 10Page - Rohm RSR020N06FRA Datasheet HTML 11Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
www.rohm.com
© 2012 ROHM Co., Ltd. All rights reserved.
Data Sheet
RSR020N06
zElectrical characteristic curves
0
0.2
0.4
0.6
0.8
1
1.2
-25
0
25
50
75
100
125
150
0
50
100
150
200
250
-50
-25
0
255075
100 125 150
V
GS=10V
ID=2A
pulsed
Fig.11 Drain CurrentDerating Curve
Junction Temperature : T
j [ºC]
Fig.13 Static Drain - Source On - State
Resistance vs. Drain Current(I)
Junction Temperature : T
j [ºC]
Fig.14 Static Drain - Source On - State
Resistance vs. J
unction Temperature
Drain Current : I
D [A]
Fig.12 Static Drain - Source On - State
Resistance vs. Gate Source Voltage
Gate - Source Voltage : V
GS [V]
0
100
200
300
400
500
0
5
10
15
20
I
D= 2.0A
I
D= 1.0A
T
a= 25ºC
Pulsed
10
100
1000
0.01
0.1
1
10
T
a= 25ºC
Pulsed
V
GS= 4.0V
V
GS= 4.5V
V
GS= 10V
7/11
2012.06 - Rev.B
FRA
2016.06 - Rev.B


Similar Part No. - RSR020N06FRA

ManufacturerPart #DatasheetDescription
logo
Rohm
RSR020N06 ROHM-RSR020N06 Datasheet
199Kb / 4P
   4V Drive Nch MOS FET
RSR020N06 ROHM-RSR020N06 Datasheet
594Kb / 12P
   Nch 60V 2A Power MOSFET
RSR020N06HZG ROHM-RSR020N06HZG Datasheet
2Mb / 14P
   Nch 60V 2A Small Signal MOSFET
logo
VBsemi Electronics Co.,...
RSR020N06TL VBSEMI-RSR020N06TL Datasheet
1Mb / 9P
   N-Channel 60-V (D-S) MOSFET
logo
Rohm
RSR020N06 ROHM-RSR020N06_12 Datasheet
594Kb / 12P
   Nch 60V 2A Power MOSFET
More results

Similar Description - RSR020N06FRA

ManufacturerPart #DatasheetDescription
logo
Rohm
RSR020N06 ROHM-RSR020N06_12 Datasheet
594Kb / 12P
   Nch 60V 2A Power MOSFET
RJP020N06FRA ROHM-RJP020N06FRA Datasheet
2Mb / 14P
   Nch 60V 2A Middle Power MOSFET
RSR020N06HZG ROHM-RSR020N06HZG Datasheet
2Mb / 14P
   Nch 60V 2A Small Signal MOSFET
SP8K32FRA ROHM-SP8K32FRA Datasheet
2Mb / 14P
   60V NchNch Power MOSFET
SH8KC7 ROHM-SH8KC7 Datasheet
2Mb / 14P
   60V NchNch Power MOSFET
SH8K39 ROHM-SH8K39 Datasheet
1Mb / 14P
   60V NchNch Power MOSFET
20190624 - Rev.004
SH8KC6 ROHM-SH8KC6 Datasheet
2Mb / 14P
   60V NchNch Power MOSFET
HP8KC7 ROHM-HP8KC7 Datasheet
2Mb / 14P
   60V NchNch Power MOSFET
20230328 - Rev.001
HP8KC6 ROHM-HP8KC6 Datasheet
2Mb / 14P
   60V NchNch Power MOSFET
20230313 - Rev.002
HT8KC5 ROHM-HT8KC5 Datasheet
2Mb / 14P
   60V NchNch Power MOSFET
20230302 - Rev.002
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com