Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AK4205EN Datasheet(PDF) 9 Page - Asahi Kasei Microsystems

Part # AK4205EN
Description  Ultra Low Noise and Distortion Headphone Amp with Analog Switch
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK4205EN Datasheet(HTML) 9 Page - Asahi Kasei Microsystems

Back Button AK4205EN Datasheet HTML 5Page - Asahi Kasei Microsystems AK4205EN Datasheet HTML 6Page - Asahi Kasei Microsystems AK4205EN Datasheet HTML 7Page - Asahi Kasei Microsystems AK4205EN Datasheet HTML 8Page - Asahi Kasei Microsystems AK4205EN Datasheet HTML 9Page - Asahi Kasei Microsystems AK4205EN Datasheet HTML 10Page - Asahi Kasei Microsystems AK4205EN Datasheet HTML 11Page - Asahi Kasei Microsystems AK4205EN Datasheet HTML 12Page - Asahi Kasei Microsystems AK4205EN Datasheet HTML 13Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
[AK4205]
016012367-E-00
2016/12
- 9 -
Parameter
Min.
Typ.
Max.
Unit
HP-amp Block: PINA-NINA, PINB-NINB pins (Full Differential Input)
→ AMPOUA, AMPOUB pins,
Rd = 33
Ω (Figure 4)
Amp Gain
Gain Setting
0.18
0.48
0.78
dB
THD+N
RL = 32
Ω (Note 24)
-
-114
-
dB
RL = 32
Ω (Note 25)
-
-118
-
dB
RL = 600
Ω(Note 24)
-
-117
-
dB
RL = 600
Ω(Note 25)
-
-120
-
dB
Output Noise Level (A-weighted) (Note 26, Note 27)
-
-116
-
dBV
Output Noise Level (A-weighted) (Note 25, Note 27)
-
-117
-
dBV
PSRR (Note 28)
f = 217 Hz
-
120
-
dB
f = 1 kHz
-
115
-
dB
Note 24. Measured by Audio Precision APx 555. a
Note 25. A value of IC itself, the AK4205. It does not include the noise of measuring instrument.
Note 26. Measured by Audio Precision SYS 2722.
Note 27. Input signal is DC2.5 V
Note 28.
When sine wave of 500 mVpp is superimposed on PVDDA, PVDDB, PVEEA, PVEEB.
Note 29. For analog characteristics of the headphone amplifier that is not listed in the above column,
refer to the analog characteristics of the headphone amplifier + Analog Switch part.
Note 30.
When only using the headphone amplifier, the power supply voltage described in the
recommended operating conditions should also be input to SWVDD
NINA pin
(NINB pin)
PINA pin
(PINB pin)
AVSSA pin
(AVSSB pin)
AMPOUTA pin
(AMPOUTB pin)
RL
Rd
DC 2.5V
DC 2.5V
Figure 4. Measurement Circuit for Headphone-amp


Similar Part No. - AK4205EN

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4205 AKM-AK4205 Datasheet
919Kb / 25P
   Ultra Low Noise and Distortion Headphone Amp with Analog Switch
More results

Similar Description - AK4205EN

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4205 AKM-AK4205 Datasheet
919Kb / 25P
   Ultra Low Noise and Distortion Headphone Amp with Analog Switch
logo
Linear Technology
LT1115 LINER-LT1115 Datasheet
932Kb / 12P
   Ultra-Low Noise, Low Distortion, Audio Op Amp
logo
Intersil Corporation
ISL55190 INTERSIL-ISL55190 Datasheet
961Kb / 18P
   Single and Dual Ultra-Low Noise, Ultra-Low Distortion, Low Power Op Amp
logo
Renesas Technology Corp
ISL55190 RENESAS-ISL55190 Datasheet
1Mb / 18P
   Single and Dual Ultra-Low Noise, Ultra-Low Distortion, Low Power Op Amp
March 30, 2007
logo
Intersil Corporation
ISL28190 INTERSIL-ISL28190 Datasheet
908Kb / 14P
   Single and Dual Ultra-Low Noise, Ultra-Low Distortion, Rail-to-Rail, Op Amp
ISL28190 INTERSIL-ISL28190_08 Datasheet
1Mb / 16P
   Single and Dual Ultra-Low Noise, Ultra-Low Distortion, Rail-to-Rail Output, Op Amp
ISL55191 INTERSIL-ISL55191 Datasheet
880Kb / 18P
   Single and Dual Ultra-Low Noise, Ultra-Low Distortion, Rail-to-Rail, Low Power Op Amp
logo
Vishay Siliconix
DG2751 VISHAY-DG2751 Datasheet
164Kb / 8P
   0.39 ?? Low-RON, Ultra-Low Distortion, Compact DPDT Analog Switch
01-Jan-2022
logo
National Semiconductor ...
LME49990 NSC-LME49990 Datasheet
448Kb / 16P
   Ultra-low Distortion, Ultra-low Noise Operational Amplifier
logo
Texas Instruments
LME49990 TI1-LME49990_15 Datasheet
1Mb / 19P
[Old version datasheet]   Ultra-low Distortion, Ultra-low Noise Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com