Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WI453232R82MF Datasheet(PDF) 5 Page - Superworld Electronics

Part # WI453232R82MF
Description  MOLDED WIREWOUND CHIP INDUCTORS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

WI453232R82MF Datasheet(HTML) 5 Page - Superworld Electronics

  WI453232R82MF Datasheet HTML 1Page - Superworld Electronics WI453232R82MF Datasheet HTML 2Page - Superworld Electronics WI453232R82MF Datasheet HTML 3Page - Superworld Electronics WI453232R82MF Datasheet HTML 4Page - Superworld Electronics WI453232R82MF Datasheet HTML 5Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
SUPERWORLD ELECTRONICS (S) PTE LTD
WI453232 SERIES
NOTE : Specifications subject to change without notice. Please check our website for latest information.
PG. 5
12.01.2015
( 3 ) Q'TY & G.W. PER PACKAGE
G
( 2 ) DIMENSIONS
A
178
B
13
( 1 ) CONFIGURATION
T
Unit:m/m
* CARRIER TAPE WIDTH : D
D
+0
G
14
50
N
-0
EMBOSSED CARRIER
D
COVER TAPE
2.0± 0.5
ØC
8. PACKAGING INFORMATION :
MOLDED WIREWOUND CHIP INDUCTORS
21± 0.8
C
12
T
16.5
P : 8m/m
4m/m
Style
07-12
330
13± 0.5
21± 0.8
12
18.4
13-12
+0
14
50
-0
Q'TY(pcs)
500
G.W.(gw)
Q'TY(pcs)
G.W.(gw)
7.20
41 x 39 x 22
Size(cm)
130
20000
Stype
07-12
2000
540
18000
13-12
6.50
41 x 39 x 22
Outer : Carton
Inner : Reel
Leader
no component
200mm min.
User direction of feed
Trailer
on component
400mm min.
Components


Similar Part No. - WI453232R82MF

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
WI453232 SUPERWORLD-WI453232 Datasheet
294Kb / 6P
   MOLDED WIREWOUND CHIP INDUCTORS
WI453232-100F SUPERWORLD-WI453232-100F Datasheet
294Kb / 6P
   MOLDED WIREWOUND CHIP INDUCTORS
WI453232-100F SUPERWORLD-WI453232-100F Datasheet
263Kb / 5P
   Wire Wound Inductor
WI453232-101F SUPERWORLD-WI453232-101F Datasheet
294Kb / 6P
   MOLDED WIREWOUND CHIP INDUCTORS
WI453232-101F SUPERWORLD-WI453232-101F Datasheet
263Kb / 5P
   Wire Wound Inductor
More results

Similar Description - WI453232R82MF

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NIN NIC-NIN Datasheet
396Kb / 11P
   Molded Chip Wirewound Inductors
logo
Superworld Electronics
WI322522 SUPERWORLD-WI322522 Datasheet
264Kb / 6P
   MOLDED WIREWOUND CHIP INDUCTORS
WI565050 SUPERWORLD-WI565050 Datasheet
290Kb / 6P
   MOLDED WIREWOUND CHIP INDUCTORS
WI252018 SUPERWORLD-WI252018 Datasheet
303Kb / 6P
   MOLDED WIREWOUND CHIP INDUCTORS
logo
NIC-Components Corp.
NIN-FA100KTRF NIC-NIN-FA100KTRF Datasheet
124Kb / 13P
   Molded Chip Wirewound Inductors
logo
Superworld Electronics
WI322522 SUPERWORLD-WI322522_11 Datasheet
267Kb / 6P
   MOLDED WIREWOUND CHIP INDUCTORS
HWI453232 SUPERWORLD-HWI453232 Datasheet
285Kb / 6P
   MOLDED WIREWOUND CHIP INDUCTORS
WI453232 SUPERWORLD-WI453232 Datasheet
294Kb / 6P
   MOLDED WIREWOUND CHIP INDUCTORS
logo
RENCO ELECTRONICS, INC.
RL-2535 RENCO-RL-2535 Datasheet
1Mb / 3P
   MOLDED WIREWOUND CHIP INDUCTORS
logo
RCD COMPONENTS INC.
MCI1812-R01MBW RCD-MCI1812-R01MBW Datasheet
37Kb / 1P
   MOLDED WIREWOUND CHIP INDUCTORS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com