Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AK4953AEN Datasheet(PDF) 1 Page - Asahi Kasei Microsystems

Part # AK4953AEN
Description  24bit Stereo CODEC with MIC/HP/SPK-AMP
Download  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK4953AEN Datasheet(HTML) 1 Page - Asahi Kasei Microsystems

  AK4953AEN Datasheet HTML 1Page - Asahi Kasei Microsystems AK4953AEN Datasheet HTML 2Page - Asahi Kasei Microsystems AK4953AEN Datasheet HTML 3Page - Asahi Kasei Microsystems AK4953AEN Datasheet HTML 4Page - Asahi Kasei Microsystems AK4953AEN Datasheet HTML 5Page - Asahi Kasei Microsystems AK4953AEN Datasheet HTML 6Page - Asahi Kasei Microsystems AK4953AEN Datasheet HTML 7Page - Asahi Kasei Microsystems AK4953AEN Datasheet HTML 8Page - Asahi Kasei Microsystems AK4953AEN Datasheet HTML 9Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 99 page
background image
[AK4953A]
MS1252-E-05
2015/10
- 1 -
GENERAL DESCRIPTION
The AK4953A is a low power consumption 24bit stereo CODEC with a microphone, headphone and
speaker amplifiers. The input circuits include a microphone amplifier and an ALC (Automatic Level
Control) circuit, and the output circuits include a cap-less headphone amplifier and a speaker amplifier. It
is suitable for portable application with recording/playback function. The integrated charge pump circuit
generates a negative voltage and removes the output AC coupling capacitors. The speaker amplifier has
a wide operating voltage range, which is from 0.9V to 5.5V, enabling a direct drive to batteries. The
AK4953A is available in a small 36-pin QFN (5x5mm 0.4mm pitch), utilizing less board space than
competitive offerings.
FEATURES
1. Recording Function
 Stereo Single-ended input with three Selectors
 MIC Amplifier (+29dB/+26dB/+23dB/+20dB/+16dB/+12dB/0dB)
 Digital ALC (Automatic Level Control)
(Setting Range: +36dB
 54dB, 0.375dB Step)
 ADC Performance: S/(N+D): 82dB, DR, S/N: 88dB (MIC-Amp=+20dB)
S/(N+D): 85dB, DR, S/N: 96dB (MIC-Amp=0dB)
 Wind-noise Reduction Filter
 5 Band Notch Filter
 Digital MIC Interface
2. Playback Function
 Digital De-emphasis Filter (tc=50/15s, fs=32kHz, 44.1kHz, 48kHz)
 Digital ALC (Automatic Level Control)
(Setting Range: +36dB ~
54dB, 0.375dB Step)
 Digital Volume Control (+12dB ~ 115dB, 0.5dB Step, Mute)
 Capacitor-less Stereo Headphone Amplifier
- HP-Amp Performance: S/(N+D): 80dB@24mW, S/N: 96dB
- Output Power: 24mW@16
- Pop Noise Free at Power-ON/OFF
 Mono Speaker-Amplifier
- SPK-Amp Performance: S/(N+D): 70dB@250mW, S/N: 95dB
- BTL Output
- Output Power: 400mW@8
 (SVDD=3.3V)
100mW@8
 (SVDD=1.5V)
 Beep Generator
3. Power Management
4. Master Clock:
(1) PLL Mode
 Frequencies: 11.2896MHz, 12MHz, 13.5MHz, 24MHz, 27MHz (MCKI pin)
32fs or 64fs (BICK pin)
(2) External Clock Mode
 Frequencies: 256fs, 384fs, 512fs or 1024fs (MCKI pin)
AK4953A
24bit Stereo CODEC with MIC/HP/SPK-AMP


Similar Part No. - AK4953AEN

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4953A AKM-AK4953A Datasheet
940Kb / 96P
   24bit Stereo CODEC with MIC/HP/SPK-AMP
More results

Similar Description - AK4953AEN

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4951EN AKM-AK4951EN Datasheet
894Kb / 30P
   24bit Stereo CODEC with MIC/HP/SPK-AMP
AK4951EG AKM-AK4951EG Datasheet
894Kb / 30P
   24bit Stereo CODEC with MIC/HP/SPK-AMP
AK4951A AKM-AK4951A Datasheet
1Mb / 105P
   24bit Stereo CODEC with MIC/HP/SPK-AMP
AK4951AEN AKM-AK4951AEN Datasheet
1Mb / 105P
   24bit Stereo CODEC with MIC/HP/SPK-AMP
AK4951 AKM-AK4951 Datasheet
2Mb / 111P
   24bit Stereo CODEC with MIC/HP/SPK-AMP
AK4953A AKM-AK4953A Datasheet
940Kb / 96P
   24bit Stereo CODEC with MIC/HP/SPK-AMP
AK4649VN AKM-AK4649VN Datasheet
922Kb / 94P
   24bit Stereo CODEC with MIC/SPK-AMP
AK4649 AKM-AK4649 Datasheet
955Kb / 96P
   24bit Stereo CODEC with MIC/SPK-AMP
AK4648 AKM-AK4648 Datasheet
1Mb / 119P
   Stereo CODEC with MIC/HP/SPK-AMP
AK4642EN AKM-AK4642EN Datasheet
648Kb / 83P
   Stereo CODEC with MIC/HP/SPK-AMP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com