Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1754C-19-BB-SC-16 Datasheet(PDF) 1 Page - Emcore Corporation

Part # 1754C-19-BB-SC-16
Description  Standard ITU Grid Wavelengths
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMCORE [Emcore Corporation]
Direct Link  http://www.emcore.com
Logo EMCORE - Emcore Corporation

1754C-19-BB-SC-16 Datasheet(HTML) 1 Page - Emcore Corporation

  1754C-19-BB-SC-16 Datasheet HTML 1Page - Emcore Corporation 1754C-19-BB-SC-16 Datasheet HTML 2Page - Emcore Corporation 1754C-19-BB-SC-16 Datasheet HTML 3Page - Emcore Corporation 1754C-19-BB-SC-16 Datasheet HTML 4Page - Emcore Corporation 1754C-19-BB-SC-16 Datasheet HTML 5Page - Emcore Corporation 1754C-19-BB-SC-16 Datasheet HTML 6Page - Emcore Corporation 1754C-19-BB-SC-16 Datasheet HTML 7Page - Emcore Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
DATASHEET | FEBRUARY 2016
FIBER OPTICS
| REV 2016.02
Information contained herein is deemed reliable and accurate as of the issue date. EMCORE reserves the right to change the design or specification at any time without notice.
Applications
 CATV Broadcast Networks
 Networks with Limited Fiber
 Architectures Using Separate Optical
Wavelengths to Carry Targeted Services
Features
 Standard ITU Grid Wavelengths
 Advanced Analog Chip Design
 Reduced Equipment Requirements in
the Hub
 OC-48 Pin Out
 Telcordia Technologies™ 468 Compliant
 Wide Temperature Range – Stable Even
in Harsh Environments
 RoHS Compliant
The 1754C laser module is a Dense Wavelength Division Multiplexing (DWDM)
laser for analog CATV applications. It features a distributed-feedback (DFB) device
that has been designed specifically for radio frequency (RF) and CATV applications.
The 1754C laser module has a wide temperature range for reliable performance in
harsh node environments and narrow transmitter designs. It also features low
adiabatic chirp to maximize signal quality in short and long lengths of fiber. The
laser’s excellent inherent linearity minimizes degradation of the broadcast signals
caused by quadrature amplitude modulated (QAM) channels.
The 1754C is available in all C-band ITU grid wavelengths
.
Performance Highlights
Min
Typical
Max
Units
Available Wavelengths
See page 3
nm
Operating Temperature Range
-40
25
+85
C
Optical Output Power
6 - 16
-
-
mW
Adiabatic Chirp (measured at 500 MHz)
40
-
100
MHz/mA
Composite Second-Order Distortion (CSO)
-
-
-55
dBc
Composite Triple Beat Distortion (CTB)
-
-
-64
dBc
Carrier-to-Noise Ratio (CNR)
52
-
-
dB
Frequency Range
5
-
2700
MHz
RF Return Loss
16
-
-
dB
Noise and distortion performance above assume 79 channel NTSC loading with no
QAM, 0 dBm received optical power. See following pages for complete
specifications and operating/test conditions.
1754C C-Band DWDM DFB Laser Module


Similar Part No. - 1754C-19-BB-SC-16

ManufacturerPart #DatasheetDescription
logo
Emcore Corporation
1754C-19-BB-SC-16 EMCORE-1754C-19-BB-SC-16 Datasheet
710Kb / 7P
   C-Band DWDM DFB Laser Component
1754C-19-BB-SC-16 EMCORE-1754C-19-BB-SC-16 Datasheet
715Kb / 7P
   1754C C-Band DWDM DFB Laser Module
More results

Similar Description - 1754C-19-BB-SC-16

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
XPD-MR-08-XXCDFA SOURCE-XPD-MR-08-XXCDFA Datasheet
532Kb / 9P
   Available in all 100GHz C-Band Wavelengths on the DWDM ITU Grid
XPD-MR-04-XXIDFA SOURCE-XPD-MR-04-XXIDFA Datasheet
491Kb / 9P
   Available in all 100GHz C-Band Wavelengths on the DWDM ITU Grid
logo
Bourns Electronic Solut...
TISP7015L1 BOURNS-TISP7015L1_10 Datasheet
635Kb / 1P
   ITU-T
logo
Faraday Technology
601F0575 FARADAY-601F0575 Datasheet
81Kb / 2P
   ITU-R BT. 601 FILTERS
logo
Intersil Corporation
HC-5509B INTERSIL-HC-5509B_03 Datasheet
528Kb / 9P
   ITU CO/Loop Carrier SLIC
logo
OKI electronic componet...
MSM7580 OKI-MSM7580 Datasheet
207Kb / 18P
   ITU-T G.721 ADPCM TRANSCODER
logo
JDS Uniphase Corporatio...
DWS-2F3883P20 JDSU-DWS-2F3883P20 Datasheet
127Kb / 3P
   WDM,Filter, 200 GHz, ITU Component
DWS-1F3883P20 JDSU-DWS-1F3883P20 Datasheet
127Kb / 3P
   WDM,Filter, 100 GHz, ITU Component
logo
OKI electronic componet...
MSM7581 OKI-MSM7581 Datasheet
165Kb / 18P
   ITU-T G.721 4ch ADPCM TRANSCODER
logo
Hamamatsu Corporation
C8000-30 HAMAMATSU-C8000-30 Datasheet
118Kb / 2P
   High-sensitivity imaging from UV to nearinfrared wavelengths
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com