Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

6000-0DE4-62001 Datasheet(PDF) 5 Page - Emcore Corporation

Part # 6000-0DE4-62001
Description  Single or Dual Optical Outputs
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMCORE [Emcore Corporation]
Direct Link  http://www.emcore.com
Logo EMCORE - Emcore Corporation

6000-0DE4-62001 Datasheet(HTML) 5 Page - Emcore Corporation

  6000-0DE4-62001 Datasheet HTML 1Page - Emcore Corporation 6000-0DE4-62001 Datasheet HTML 2Page - Emcore Corporation 6000-0DE4-62001 Datasheet HTML 3Page - Emcore Corporation 6000-0DE4-62001 Datasheet HTML 4Page - Emcore Corporation 6000-0DE4-62001 Datasheet HTML 5Page - Emcore Corporation 6000-0DE4-62001 Datasheet HTML 6Page - Emcore Corporation 6000-0DE4-62001 Datasheet HTML 7Page - Emcore Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
DATASHEET | OCTOBER 2013
FIBER OPTICS
| REV 2013.10
Information contained herein is deemed reliable and accurate as of the issue date. EMCORE reserves the right to change the design or specification at any time without notice.
General and Mechanical Specifications (continued)
Property
Requirement
Comments
Front Panel RF Gain / OMI Adjustment Range
+2 / -4 dB from nominal setting
CATV Performance can vary slightly
CATV Frequency Range
45 MHz – 1003 MHz
CATV Flatness
+/- 0.50 dB
45 MHz – 550 MHz
+/- 0.75 dB
45 MHz – 1003 MHz
CATV Flatness – N-Type
+/- 0.75 dB
45 MHz – 1003 MHz N-Type
CATV Input impedance
75
Ω
CATV Input Return Loss
16 dB min
45 MHz – 1003 MHz
CATV Front Panel RF Tap
-20 +/- 1 dB down from RF input
CATV Front Panel RF Tap Flatness
+/- 1 dB
45 MHz – 1003 MHz
SAT-IF Frequency Range
950 MHz – 2800 MHz
SAT-IF Flatness
+/- 2 dB
SAT-IF Input impedance
75
Ω
SAT-IF Input Return Loss
10 dB min
950 MHz – 2800 MHz
SAT-IF Front Panel RF Tap
7 +/- 2.5 dBmV/Ch at 1% OMI/ch
SAT-IF Front Panel RF Tap Flatness
+/- 1 dB
950 MHz – 2800 MHz
Test/Link Configuration
Property
EDFA
Link
1
Received Power
2
L-Type
15 dBm
25 Km
0.0 dBm at the receiver
D-Type
None
40 Km
0.0 dBm at the receiver
S-Type
16 dBm
65 Km
0.0 dBm at the receiver
F-Type
21 dBm
20 Km
-5.5 dBm at the receiver
N-Type
13 dBm
40 Km
0.0 dBm at the receiver
Medallion 6000 Series 1550 nm
Externally-Modulated Transmitter


Similar Part No. - 6000-0DE4-62001

ManufacturerPart #DatasheetDescription
logo
Emcore Corporation
6000-0DE4-11001 EMCORE-6000-0DE4-11001 Datasheet
459Kb / 7P
   Medallion 6000 Series 1550 nm Externally-Modulated Transmitter
More results

Similar Description - 6000-0DE4-62001

ManufacturerPart #DatasheetDescription
logo
Emcore Corporation
6000-0IE1 EMCORE-6000-0IE1 Datasheet
819Kb / 6P
   Single or Dual Optical Outputs
6000-0JE1 EMCORE-6000-0JE1 Datasheet
454Kb / 5P
   Single or Dual Optical Outputs
logo
OPLINK Communications I...
OISA155000D3111 OPLINK-OISA155000D3111 Datasheet
275Kb / 2P
   Mini Single Stage Dual Optical Isolator (C or L Band)
logo
XP Power Limited
SDL400PS12 XPPOWER-SDL400PS12 Datasheet
1,020Kb / 4P
   Single & Dual Outputs
logo
Wall Industries,Inc.
LANCW15 WALL-LANCW15_16 Datasheet
276Kb / 5P
   Single and Dual Outputs
DCHF10W WALL-DCHF10W_16 Datasheet
177Kb / 4P
   Single and Dual Outputs
LANCUW8 WALL-LANCUW8_16 Datasheet
417Kb / 5P
   Single and Dual Outputs
LANCUW15 WALL-LANCUW15_16 Datasheet
232Kb / 5P
   Single and Dual Outputs
LANCW5 WALL-LANCW5_11 Datasheet
261Kb / 4P
   Single and Dual Outputs
ELANC WALL-ELANC_16 Datasheet
153Kb / 4P
   Single and Dual Outputs
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com