Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1622B-079-FC-1331-10 Datasheet(PDF) 4 Page - Emcore Corporation

Part # 1622B-079-FC-1331-10
Description  OC-48 Pinout Compatible
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMCORE [Emcore Corporation]
Direct Link  http://www.emcore.com
Logo EMCORE - Emcore Corporation

1622B-079-FC-1331-10 Datasheet(HTML) 4 Page - Emcore Corporation

  1622B-079-FC-1331-10 Datasheet HTML 1Page - Emcore Corporation 1622B-079-FC-1331-10 Datasheet HTML 2Page - Emcore Corporation 1622B-079-FC-1331-10 Datasheet HTML 3Page - Emcore Corporation 1622B-079-FC-1331-10 Datasheet HTML 4Page - Emcore Corporation 1622B-079-FC-1331-10 Datasheet HTML 5Page - Emcore Corporation 1622B-079-FC-1331-10 Datasheet HTML 6Page - Emcore Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
DATASHEET | FEBRUARY 2016
FIBER OPTICS
| REV 2016.02
Information contained herein is deemed reliable and accurate as of the issue date. EMCORE reserves the right to change the design or specification at any time without notice.
1622A/B CWDM DFB Laser Module
Electrical Schematics
Pin Definitions
Pin
Description
1
Thermistor
2
Thermistor
3
Dc Laser Bias (-)
4
MPD Anode (-)
5
MPD Cathode (+)
6
Thermal Electric Cooler (+)
7
Thermal Electric Cooler (-)
8
Case Ground
9
Case Ground
10
NC
11
Laser Common (+)
12
Laser Modulation (-)
13
Laser Common (+)
14
NC
Figure 1. 1622 CWDM Laser Schematic
Figure 2. 1622 CWDM Circuit Schematic


Similar Part No. - 1622B-079-FC-1331-10

ManufacturerPart #DatasheetDescription
logo
Emcore Corporation
1622B-079-FC-1331-10 EMCORE-1622B-079-FC-1331-10 Datasheet
635Kb / 6P
   1622 CWDM DFB Laser Module
More results

Similar Description - 1622B-079-FC-1331-10

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYS25G0101DX CYPRESS-CYS25G0101DX_10 Datasheet
564Kb / 18P
   SONET OC-48 Transceiver
CYS25G0101DX CYPRESS-CYS25G0101DX Datasheet
214Kb / 15P
   SONET OC-48 Transceiver
CYS25G0101DX CYPRESS-CYS25G0101DX_07 Datasheet
279Kb / 17P
   SONET OC-48 Transceiver
logo
Zarlink Semiconductor I...
ZL30116 ZARLINK-ZL30116 Datasheet
583Kb / 31P
   SONET/SDH OC-48/OC-192 System Synchronizer
logo
OPLINK Communications I...
STX48-0414 OPLINK-STX48-0414 Datasheet
407Kb / 4P
   OC-48/STM-16 Transmitter
logo
Zarlink Semiconductor I...
ZL30119 ZARLINK-ZL30119_06 Datasheet
529Kb / 28P
   SONET/SDH OC-48/OC-192 Line Card Synchronizer
ZL30117 ZARLINK-ZL30117 Datasheet
401Kb / 24P
   SONET/SDH OC-48/OC-192 Line Card Synchronizer
logo
Analog Devices
ADN2811 AD-ADN2811 Datasheet
359Kb / 16P
   OC-48/OC-48 FEC Clock and Data Recovery IC with Integrated Limiting Amp
REV. A
ADN2811 AD-ADN2811_15 Datasheet
485Kb / 20P
   OC-48/OC-48 FEC Clock and Data Recovery IC with Integrated Limiting Amp
REV. B
logo
Integrated Device Techn...
IDT5T929 IDT-IDT5T929 Datasheet
60Kb / 8P
   PRECISION CLOCK GENERATOR OC-48 APPLICATIONS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com