Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

6000-0ID1-44001 Datasheet(PDF) 6 Page - Emcore Corporation

Part # 6000-0ID1-44001
Description  Single or Dual Optical Outputs
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMCORE [Emcore Corporation]
Direct Link  http://www.emcore.com
Logo EMCORE - Emcore Corporation

6000-0ID1-44001 Datasheet(HTML) 6 Page - Emcore Corporation

  6000-0ID1-44001 Datasheet HTML 1Page - Emcore Corporation 6000-0ID1-44001 Datasheet HTML 2Page - Emcore Corporation 6000-0ID1-44001 Datasheet HTML 3Page - Emcore Corporation 6000-0ID1-44001 Datasheet HTML 4Page - Emcore Corporation 6000-0ID1-44001 Datasheet HTML 5Page - Emcore Corporation 6000-0ID1-44001 Datasheet HTML 6Page - Emcore Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
DATASHEET | NOVEMBER 2013
FIBER OPTICS
| REV 2013.11
Information contained herein is deemed reliable and accurate as of the issue date. EMCORE reserves the right to change the design or specification at any time without notice.
Model Number InformationNote 3
6000 –
□ □ □ □ - □ □ □ □ □
Logo &
Customer
Specific
Link
Type
Pout (dBm min)
Note 1
Loading Type
Optics
RF
Wavelength
(nm)
Power Supply
0 – EMCORE
Logo
I – 0 to
100 km
D – 10/10
Note 4
1 – All Channel
Plans
1 – SC/APC,
Rear
1 – RF IN
Rear, TP
Front
00 –1555+/-
5.0 nm
1 – AC primary,
no secondary
1 – no Logo
A – 7.0/7.0
2 – FC/APC,
Rear
2 – RF IN
Front, TP
Front
01 – 1550+/-
5.0 nm
2 – DC primary,
no secondary
3 – E2000/APC,
Rear
3 – RF IN
Front, TP
Rear
xx – ITU
Channel +/-
0.1 nm
Note 2
3 – AC primary,
AC secondary
4 – SC/APC,
Front
4 – RF IN
Rear, TP
Rear
4 – AC primary,
DC secondary
5 – FC/APC,
Front
5 – DC primary,
DC secondary
6 – E2000/APC,
Front
Note 1: Options available for Indicated types only
Note 2: ITU grid wavelengths can be specified from channel 18 to 40
Note 3: Not all configurations are available, contact factory
Note 4: CSO port 2 degraded by 1dB
Note 5: Contact Factory for Model type availability
Additional Kits
G3708-006-001 - Replaceable AC power supply modules
G3708-005-001 - Replaceable DC power supply modules
G7914-076-001 - Replaceable Blank power module plate
G3906-008-001 - Replaceable fans
Laser Safety Information
This product meets the applicable requirements of 21 CFR 1010 & 1040 and is classified as a Class 1M laser product. During use as
intended, the laser energy is fully contained within the fiber network such that there is no accessible laser radiation. This product has been
issued accession number 0820466-001.
I-Type Medallion 6000 1550 nm
Externally-Modulated Transmitter


Similar Part No. - 6000-0ID1-44001

ManufacturerPart #DatasheetDescription
logo
Emcore Corporation
6000-0ID1-44001 EMCORE-6000-0ID1-44001 Datasheet
819Kb / 6P
   I-Type Medallion 6000 1550 nm Externally-Modulated Transmitter
More results

Similar Description - 6000-0ID1-44001

ManufacturerPart #DatasheetDescription
logo
Emcore Corporation
6000-0JE1 EMCORE-6000-0JE1 Datasheet
454Kb / 5P
   Single or Dual Optical Outputs
6000-L01 EMCORE-6000-L01 Datasheet
459Kb / 7P
   Single or Dual Optical Outputs
logo
OPLINK Communications I...
OISA155000D3111 OPLINK-OISA155000D3111 Datasheet
275Kb / 2P
   Mini Single Stage Dual Optical Isolator (C or L Band)
logo
XP Power Limited
SDL400PS12 XPPOWER-SDL400PS12 Datasheet
1,020Kb / 4P
   Single & Dual Outputs
logo
Wall Industries,Inc.
LANCW15 WALL-LANCW15_16 Datasheet
276Kb / 5P
   Single and Dual Outputs
DCHF10W WALL-DCHF10W_16 Datasheet
177Kb / 4P
   Single and Dual Outputs
LANCUW8 WALL-LANCUW8_16 Datasheet
417Kb / 5P
   Single and Dual Outputs
LANCUW15 WALL-LANCUW15_16 Datasheet
232Kb / 5P
   Single and Dual Outputs
LANCW5 WALL-LANCW5_11 Datasheet
261Kb / 4P
   Single and Dual Outputs
ELANC WALL-ELANC_16 Datasheet
153Kb / 4P
   Single and Dual Outputs
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com