Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMR23625CFPQDRRRQ1 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # LMR23625CFPQDRRRQ1
Description  SIMPLE SWITCHER 36 V, 2.5 A Synchronous Step-Down Converter
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMR23625CFPQDRRRQ1 Datasheet(HTML) 4 Page - Texas Instruments

  LMR23625CFPQDRRRQ1 Datasheet HTML 1Page - Texas Instruments LMR23625CFPQDRRRQ1 Datasheet HTML 2Page - Texas Instruments LMR23625CFPQDRRRQ1 Datasheet HTML 3Page - Texas Instruments LMR23625CFPQDRRRQ1 Datasheet HTML 4Page - Texas Instruments LMR23625CFPQDRRRQ1 Datasheet HTML 5Page - Texas Instruments LMR23625CFPQDRRRQ1 Datasheet HTML 6Page - Texas Instruments LMR23625CFPQDRRRQ1 Datasheet HTML 7Page - Texas Instruments LMR23625CFPQDRRRQ1 Datasheet HTML 8Page - Texas Instruments LMR23625CFPQDRRRQ1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 37 page
background image
4
LMR23625-Q1
SNVSAR5 – DECEMBER 2016
www.ti.com
Product Folder Links: LMR23625-Q1
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
In shutdown mode, the VCC to AGND maximum value is 5.25 V.
7 Specifications
7.1 Absolute Maximum Ratings
Over the recommended operating junction temperature range of -40 °C to 125 °C (unless otherwise noted)
(1)
PARAMETER
MIN
MAX
UNIT
Input Voltages
VIN to PGND
-0.3
42
V
EN/SYNC to AGND
-5.5
VIN + 0.3
FB to AGND
-0.3
4.5
PGOOD to AGND
-0.3
15
AGND to PGND
-0.3
0.3
Output Voltages
SW to PGND
-1
VIN + 0.3
V
SW to PGND less than 10 ns transients
-5
42
BOOT to SW
-0.3
5.5
VCC to AGND
-0.3
4.5 (2)
TJ
Junction temperature
-40
150
°C
Tstg
Storage temperature
-65
150
°C
(1)
AEC Q100-002 indicates that HBM stressing shall be in accordance with the ANSI/ESDA/JEDEC JS-001 specification.
7.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human-body model (HBM) (1)
±2500
V
Charged-device model (CDM)
±1000
(1)
Operating Ratings indicate conditions for which the device is intended to be functional, but do not guarantee specific performance limits.
For guaranteed specifications, see Electrical Characteristics.
7.3 Recommended Operating Conditions
Over the recommended operating junction temperature range of -40 °C to 125 °C (unless otherwise noted)
(1)
MIN
MAX
UNIT
Input Voltage
VIN
4
36
V
EN/SYNC
-5
36
FB
-0.3
1.2
PGOOD
-0.3
12
Input Current
PGOOD pin current
0
1
mA
Output Voltage
VOUT
1
28
V
Output Current
IOUT
0
2.5
A
Temperature
Operating junction temperature, TJ
-40
125
°C


Similar Part No. - LMR23625CFPQDRRRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMR23625CFPQDRRRQ1 TI1-LMR23625CFPQDRRRQ1 Datasheet
1Mb / 34P
[Old version datasheet]   SIMPLE SWITCHER 36 V, 2.5 A Synchronous Step-Down Converter
LMR23625CFPQDRRRQ1 TI1-LMR23625CFPQDRRRQ1 Datasheet
3Mb / 40P
[Old version datasheet]   SIMPLE SWITCHER 36-V, 2.5-A Synchronous Step-Down Converter
More results

Similar Description - LMR23625CFPQDRRRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMR23625-Q1 TI1-LMR23625-Q1_18 Datasheet
3Mb / 40P
[Old version datasheet]   SIMPLE SWITCHER 36-V, 2.5-A Synchronous Step-Down Converter
LMR23625 TI1-LMR23625_17 Datasheet
3Mb / 40P
[Old version datasheet]   SIMPLE SWITCHER 36 V, 2.5 A Synchronous Step-Down Converter
LMR23625-Q1 TI1-LMR23625-Q1 Datasheet
1Mb / 34P
[Old version datasheet]   SIMPLE SWITCHER 36 V, 2.5 A Synchronous Step-Down Converter
LMR23625 TI1-LMR23625 Datasheet
159Kb / 9P
[Old version datasheet]   SIMPLE SWITCHER 36 V, 2.5 A Synchronous Step-Down Converter
LMR23610-Q1 TI1-LMR23610-Q1 Datasheet
2Mb / 36P
[Old version datasheet]   SIMPLE SWITCHER 36 V, 1 A Synchronous Step-Down Converter
LMR23630_017 TI1-LMR23630_017 Datasheet
3Mb / 42P
[Old version datasheet]   SIMPLE SWITCHER 36-V, 3-A Synchronous Step-Down Converter
LMR23630 TI1-LMR23630 Datasheet
159Kb / 9P
[Old version datasheet]   SIMPLE SWITCHER 36 V, 3 A Synchronous Step-Down Converter
LMR23630 TI1-LMR23630_17 Datasheet
3Mb / 40P
[Old version datasheet]   SIMPLE SWITCHER 36 V, 3 A Synchronous Step-Down Converter
LMR23615 TI1-LMR23615 Datasheet
1Mb / 32P
[Old version datasheet]   SIMPLE SWITCHER 36-V, 1.5-A Synchronous Step-Down Converter
LMR23630-Q1 TI1-LMR23630-Q1_18 Datasheet
3Mb / 40P
[Old version datasheet]   SIMPLE SWITCHER 36-V, 3-A Synchronous Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com