Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1782B-NM-063-16FC-PM Datasheet(PDF) 1 Page - Emcore Corporation

Part # 1782B-NM-063-16FC-PM
Description  Monitor Photodiode
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMCORE [Emcore Corporation]
Direct Link  http://www.emcore.com
Logo EMCORE - Emcore Corporation

1782B-NM-063-16FC-PM Datasheet(HTML) 1 Page - Emcore Corporation

  1782B-NM-063-16FC-PM Datasheet HTML 1Page - Emcore Corporation 1782B-NM-063-16FC-PM Datasheet HTML 2Page - Emcore Corporation 1782B-NM-063-16FC-PM Datasheet HTML 3Page - Emcore Corporation 1782B-NM-063-16FC-PM Datasheet HTML 4Page - Emcore Corporation 1782B-NM-063-16FC-PM Datasheet HTML 5Page - Emcore Corporation 1782B-NM-063-16FC-PM Datasheet HTML 6Page - Emcore Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
DATASHEET | MAY 2014
FIBER OPTICS
| REV 2014.05
Information contained herein is deemed reliable and accurate as of the issue date. EMCORE reserves the right to change the design or specification at any time without notice.
Applications
DWDM
CATV
Free Space Optics
Features
40, 50, 63, 80 & 100 mW Optical Output
Power
OC-48 Pinout Compatible
Telcordia Technologies® GR-468
Compliant
PM Fiber
-20°C to +65°C Operating Temperature
Range
Monitor Photodiode
RoHS
The 1782 laser component is characterized for use as a CW optical source in
CATV and DWDM networks. The 1782 is dc-coupled with a built-in TEC,
thermistor, and monitor photodiode. The device is mounted in a 14-pin, OC-48
pinout compatible butterfly package with the optical isolator mounted on the TEC.
The 1782 incorporates a high efficiency coupling scheme to deliver 40 mW, 50
mW, 63 mW, 80 mW and 100 mW of CW optical power.
Performance Highlights
Parameter
Min
Typ
Max
Units
Operating Case Temperature
-20
25
+65
°C
Wavelength
See Page 4
nm
Optical Output Power
40
50
63
80
100
-
-
-
-
-
-
-
-
mW
Threshold Current
-
-
40
mA
Operating Current
-
-
650
mA
RIN
-
-
-163
dB/Hz
RIN Through 65 km Fiber
Standard
Enhanced
-
-
-
-
-155
-157
dB/Hz
dB/Hz
SMSR
30
-
-
dB
Polarization Extiction Ratio (PMF pigtail)
17
-
-
dB
Optical Isolation
32
-
-
dB
Optical Return Loss
40
-
-
dB
1782 DWDM High Power CW Source Laser


Similar Part No. - 1782B-NM-063-16FC-PM

ManufacturerPart #DatasheetDescription
logo
Emcore Corporation
1782B-NM-063-16-FC-PM EMCORE-1782B-NM-063-16-FC-PM Datasheet
181Kb / 6P
   DWDM High Power CW Source Laser
More results

Similar Description - 1782B-NM-063-16FC-PM

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
S8559 HAMAMATSU-S8559 Datasheet
87Kb / 2P
   Si photodiode Detector for X-ray monitor
logo
Finisar Corporation.
HFE4081-321 FINISAR-HFE4081-321 Datasheet
267Kb / 6P
   Attenuated VCSEL with Back Monitor Photodiode - VCSEL Anode Common
logo
Sharp Corporation
PD101SC0SS0F SHARP-PD101SC0SS0F Datasheet
41Kb / 2P
   Photodiode for 12 x Speed Writing CD-R/RW power monitor
logo
Hamamatsu Corporation
S1226-18BU HAMAMATSU-S1226-18BU Datasheet
93Kb / 2P
   Si photodiode For high power UV monitor, and UV to visible, precision photometry
logo
Roithner LaserTechnik G...
PD-1375-IP ROITHNER-PD-1375-IP Datasheet
71Kb / 2P
   photodiode
logo
EPIGAP optoelectronic G...
EPD-270-0-0.3-1 EPIGAP-EPD-270-0-0.3-1 Datasheet
192Kb / 2P
   Photodiode
EPD-280-0-0.3-5 EPIGAP-EPD-280-0-0.3-5 Datasheet
211Kb / 2P
   Photodiode
EPD-360-0-0.3-1 EPIGAP-EPD-360-0-0.3-1 Datasheet
200Kb / 2P
   Photodiode
EPD-740-5-0.5 EPIGAP-EPD-740-5-0.5 Datasheet
327Kb / 2P
   Photodiode
EPD-740-5-0.9 EPIGAP-EPD-740-5-0.9 Datasheet
217Kb / 2P
   Photodiode
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com