Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

6000-0JE1-41001 Datasheet(PDF) 1 Page - Emcore Corporation

Part # 6000-0JE1-41001
Description  Single or Dual Optical Outputs
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMCORE [Emcore Corporation]
Direct Link  http://www.emcore.com
Logo EMCORE - Emcore Corporation

6000-0JE1-41001 Datasheet(HTML) 1 Page - Emcore Corporation

  6000-0JE1-41001 Datasheet HTML 1Page - Emcore Corporation 6000-0JE1-41001 Datasheet HTML 2Page - Emcore Corporation 6000-0JE1-41001 Datasheet HTML 3Page - Emcore Corporation 6000-0JE1-41001 Datasheet HTML 4Page - Emcore Corporation 6000-0JE1-41001 Datasheet HTML 5Page - Emcore Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
DATASHEET | OCTOBER 2013
FIBER OPTICS
| REV 2013.10
Information contained herein is deemed reliable and accurate as of the issue date. EMCORE reserves the right to change the design or specification at any time without notice.
Applications
High-Performance Supertrunking Links
High-Power Distribution Networks
Redundant Ring Architectures
FTTx Networks
RFOG Applications
SAT-IF Transport
DWDM Node Splitting
Features
Single or Dual Optical Outputs
QAM Loading to 1003 MHz
SAT-IF Loading from 950 to 2800 MHz
Dual Power Supplies, Redundant &
Hot Swappable
Front Panel RF Test Point
Vacuum Fluorescent Status Display
OMI / RF Gain Adjustment
AGC Select: CW, Video, Manual
(No AGC)
Industry Leading Field Adjustable
SBS Suppression
The J-Type Medallion 6000 Series
The J-Type Medallion 6000 series is a family of state-of-the-art high-performance 1550 nm
externally-modulated CATV fiber optic transmitters optimized for varying network
applications. Packaged in a convenient 1 RU housing, this line of optical transmitters
couples high optical output power, up to 10.0 dBm, with low optical line width resulting in
unmatched performance. The optical modulator, combined with proprietary pre-distortion
circuitry, provides superior CTB and CSO performance with SBS suppression levels of
greater than 17 dBm for SAT-IF applications.
The J-Type transmitter’s exceptional performance is enabled by EMCORE’s proprietary
high power, narrow line width CW (Continuous Wave) laser technology. When deployed
with one or more EMCORE optical amplifiers, transmissions of 150 km can be achieved.
The feature-rich WEB GUI and SNMP interface bring a whole suite of advanced operator
monitoring and configuration options to the platform, allowing for secure, simplified and
future-ready functionality for the next generation of intelligent networks.
Advanced features such as built-in field adjustable SBS control allow these transmitters to
be quickly optimized in the field for any link or application without the need to procure
specifically tuned transmitters.
The J-Type series are designed as a high-performance solution for applications where the
simultaneous, concurrent fiber optic transport of CATV and Satellite-Intermediate
Frequency Signals (SAT-IF) is required. The SAT-IF signals can be applied anywhere in
the 950 to 2800 MHz band.
J-Type transmitters are specially designed and optimized to support fiber optic links of up to
150 km for the Japanese marketplace and other markets with similar requirements.
Monitoring and configuration is supported via a convenient front panel display, an RS-232
port, and an Ethernet port with SNMP, Telnet, and Web GUI. The platform is mechanically
designed for flexibility and space efficiency including universal rack-mount features,
modular front panel design, and optional front and rear port placement. Dual redundant
field-replaceable fans and power supplies are standard.
J-Type Medallion 6000 1550 nm
Externally-Modulated Transmitter


Similar Part No. - 6000-0JE1-41001

ManufacturerPart #DatasheetDescription
logo
Emcore Corporation
6000-0JE1-41001 EMCORE-6000-0JE1-41001 Datasheet
486Kb / 5P
   J-Type Medallion 6000 1550 nm Externally Modulated Transmitter
6000-0JE1-41001 EMCORE-6000-0JE1-41001 Datasheet
454Kb / 5P
   J-Type Medallion 6000 1550 nm Externally-Modulated Transmitter
More results

Similar Description - 6000-0JE1-41001

ManufacturerPart #DatasheetDescription
logo
Emcore Corporation
6000-0IE1 EMCORE-6000-0IE1 Datasheet
819Kb / 6P
   Single or Dual Optical Outputs
6000-L01 EMCORE-6000-L01 Datasheet
459Kb / 7P
   Single or Dual Optical Outputs
logo
OPLINK Communications I...
OISA155000D3111 OPLINK-OISA155000D3111 Datasheet
275Kb / 2P
   Mini Single Stage Dual Optical Isolator (C or L Band)
logo
XP Power Limited
SDL400PS12 XPPOWER-SDL400PS12 Datasheet
1,020Kb / 4P
   Single & Dual Outputs
logo
Wall Industries,Inc.
LANCW15 WALL-LANCW15_16 Datasheet
276Kb / 5P
   Single and Dual Outputs
DCHF10W WALL-DCHF10W_16 Datasheet
177Kb / 4P
   Single and Dual Outputs
LANCUW8 WALL-LANCUW8_16 Datasheet
417Kb / 5P
   Single and Dual Outputs
LANCUW15 WALL-LANCUW15_16 Datasheet
232Kb / 5P
   Single and Dual Outputs
LANCW5 WALL-LANCW5_11 Datasheet
261Kb / 4P
   Single and Dual Outputs
ELANC WALL-ELANC_16 Datasheet
153Kb / 4P
   Single and Dual Outputs
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com