Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1782B-NM-040-04FC-PM Datasheet(PDF) 6 Page - Emcore Corporation

Part # 1782B-NM-040-04FC-PM
Description  Monitor Photodiode
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMCORE [Emcore Corporation]
Direct Link  http://www.emcore.com
Logo EMCORE - Emcore Corporation

1782B-NM-040-04FC-PM Datasheet(HTML) 6 Page - Emcore Corporation

  1782B-NM-040-04FC-PM Datasheet HTML 1Page - Emcore Corporation 1782B-NM-040-04FC-PM Datasheet HTML 2Page - Emcore Corporation 1782B-NM-040-04FC-PM Datasheet HTML 3Page - Emcore Corporation 1782B-NM-040-04FC-PM Datasheet HTML 4Page - Emcore Corporation 1782B-NM-040-04FC-PM Datasheet HTML 5Page - Emcore Corporation 1782B-NM-040-04FC-PM Datasheet HTML 6Page - Emcore Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
DATASHEET | MAY 2014
FIBER OPTICS
| REV 2014.05
Information contained herein is deemed reliable and accurate as of the issue date. EMCORE reserves the right to change the design or specification at any time without notice.
Ordering Code Definitions
1782x – NM – xxx – yy – FC - PM
Family Name
1782: High Power CW Laser, 1250 µm cavity
Optical Power Options
xxx = 100: 100 mW
xxx = 080: 80 mW
xxx = 063: 63 mW
xxx = 050: 50 mW
xxx = 040: 40 mW
ITU Channel
yy = 01: Any desired custom wavelength
(Please consults Sales when order custom
wavelength)
yy = 02: Non-ITU, 1547 nm – 1560 nm
yy = 03: Non-ITU, 1557 nm – 1560 nm
yy = 04: Non-ITU, 1530 nm – 1560 nm
yy = 15: ITU Channel 15, 1565.50 nm
yy = 16: ITU Channel 16, 1564.68 nm
yy = 61: ITU Channel 61, 1528.77 nm
yy = 62: ITU Channel 62, 1527.99 nm
Optical Connector
FC: FC/APC
1782 DWDM High Power CW Source Laser
Fiber Options
PM: Panda PM, 400
μm, Optical connector’s
key is aligned to the slow axis. May contain
splice.
Matching Options
NM: No Matching
Example
1782B-NM-100-18-FC-PM: CW Laser, Enhanced RIN, Non Matching, 100mW, Channel 18, FC/APC, PM fiber
Performance Options
1782A: RIN max = -155 dB/Hz (Standard)
1782B: RIN max = -157 dB/Hz (Enhanced)


Similar Part No. - 1782B-NM-040-04FC-PM

ManufacturerPart #DatasheetDescription
logo
Emcore Corporation
1782B-NM-040-04-FC-PM EMCORE-1782B-NM-040-04-FC-PM Datasheet
181Kb / 6P
   DWDM High Power CW Source Laser
More results

Similar Description - 1782B-NM-040-04FC-PM

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
S8559 HAMAMATSU-S8559 Datasheet
87Kb / 2P
   Si photodiode Detector for X-ray monitor
logo
Finisar Corporation.
HFE4081-321 FINISAR-HFE4081-321 Datasheet
267Kb / 6P
   Attenuated VCSEL with Back Monitor Photodiode - VCSEL Anode Common
logo
Sharp Corporation
PD101SC0SS0F SHARP-PD101SC0SS0F Datasheet
41Kb / 2P
   Photodiode for 12 x Speed Writing CD-R/RW power monitor
logo
Hamamatsu Corporation
S1226-18BU HAMAMATSU-S1226-18BU Datasheet
93Kb / 2P
   Si photodiode For high power UV monitor, and UV to visible, precision photometry
logo
Roithner LaserTechnik G...
PD-1375-IP ROITHNER-PD-1375-IP Datasheet
71Kb / 2P
   photodiode
logo
EPIGAP optoelectronic G...
EPD-270-0-0.3-1 EPIGAP-EPD-270-0-0.3-1 Datasheet
192Kb / 2P
   Photodiode
EPD-280-0-0.3-5 EPIGAP-EPD-280-0-0.3-5 Datasheet
211Kb / 2P
   Photodiode
EPD-360-0-0.3-1 EPIGAP-EPD-360-0-0.3-1 Datasheet
200Kb / 2P
   Photodiode
EPD-740-5-0.5 EPIGAP-EPD-740-5-0.5 Datasheet
327Kb / 2P
   Photodiode
EPD-740-5-0.9 EPIGAP-EPD-740-5-0.9 Datasheet
217Kb / 2P
   Photodiode
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com