Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

7110-00-XX02-11111 Datasheet(PDF) 1 Page - Emcore Corporation

Part # 7110-00-XX02-11111
Description  SNMPv2 Control Interface
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMCORE [Emcore Corporation]
Direct Link  http://www.emcore.com
Logo EMCORE - Emcore Corporation

7110-00-XX02-11111 Datasheet(HTML) 1 Page - Emcore Corporation

  7110-00-XX02-11111 Datasheet HTML 1Page - Emcore Corporation 7110-00-XX02-11111 Datasheet HTML 2Page - Emcore Corporation 7110-00-XX02-11111 Datasheet HTML 3Page - Emcore Corporation 7110-00-XX02-11111 Datasheet HTML 4Page - Emcore Corporation 7110-00-XX02-11111 Datasheet HTML 5Page - Emcore Corporation 7110-00-XX02-11111 Datasheet HTML 6Page - Emcore Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
DATASHEET | JANUARY 2016
FIBER OPTICS
Information contained herein is deemed reliable and accurate as of the issue date. EMCORE reserves the right to change the design or specification at any time without notice.
| REV 2016.01
Medallion 7110 Series CATV Fiber Amplifier
Erbium/Ytterbium Doped Fiber Amplifier (EYDFA)
Applications
CATV Supertrunking
High Power Distribution Networks
Redundant Ring Architectures
FTTx Networks
Features
High Saturation Output Power up to
31.5 dBm (Pre-Splitter)
Dual Power Supplies, Redundant &
Hot Swappable – AC or DC
Front Panel Optical Input & Output
Monitor Ports
SNMPv2 Control Interface
Web Server
10/100bT
Low Noise Figure for CATV
Wide Input Dynamic Range
Very Stable Output Power Over a Wide
Operating Temperature Range
Redundant Power Supplies
Redundant Fans
The Medallion 7110 series product line is a family of state-of-the-art high
performance CATV Erbium/Ytterbium Doped Fiber Amplifiers (EYDFA). Packaged
in a convenient 1 RU housing, this line of fiber amplifiers has been optimized for
superior output power stability and the exceptionally low noise figures demanded
by CATV applications.
The Medallion 7110 provides very stable optical outputs over a wide operating
temperature range. Internally it is supported with input and output isolators for
enhanced system stability and performance. Optical power is continuously
monitored at the input and output for automatic power control during operation
over a wide operating temperature range.
The Medallion 7110 offers a full range of flexible configurations and a rich set of
features. These include remote management capability through SNMPv2, Telnet
and a resident Web Server. The Medallion 7110 also supports MIBs specified by
SCTE (Society of Cable Television Engineers) for this product class. For local
management, an RS-232 port is standard, along with a convenient front panel
control menu provided on a Vacuum Fluorescent Display (VFD).
High Level Features
Automatic Power Control and/or Automatic Gain Control Modes
Port Count, Optical Power, and Connector Style Options
Integrated per Channel WDM for FTTx PON Applications
Monitors & Alarms
Loss of Input Power
Loss of Output Power
Pump Laser Diodes Bias Current
Pump Laser Diodes Temperature
Case Temperature


Similar Part No. - 7110-00-XX02-11111

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
7110-RC BOURNS-7110-RC Datasheet
89Kb / 1P
   Common Mode EMI Chokes
7110-RC BOURNS-7110-RC Datasheet
55Kb / 1P
   Common Mode EMI Chokes
7110-RC BOURNS-7110-RC Datasheet
75Kb / 1P
   Common Mode EMI Chokes
logo
RAF ELECTRONIC HARDWARE
7110-SS RAF-7110-SS Datasheet
149Kb / 1P
   WASHER FACE THUMB SCREWS
More results

Similar Description - 7110-00-XX02-11111

ManufacturerPart #DatasheetDescription
logo
Emcore Corporation
7100-1401-11135 EMCORE-7100-1401-11135 Datasheet
532Kb / 5P
   SNMPv2 Control Interface
logo
New Japan Radio
NJM2145 NJRC-NJM2145 Datasheet
235Kb / 6P
   REMOTE-CONTROL INTERFACE
logo
Pepperl+Fuchs Inc.
IC-KP2-2HB6-V15B PF-IC-KP2-2HB6-V15B Datasheet
776Kb / 4P
   Control interface unit
IC-KP-B6-V15B PF-IC-KP-B6-V15B Datasheet
808Kb / 3P
   Control interface unit
IC-KP-B17-AIDA1 PF-IC-KP-B17-AIDA1 Datasheet
914Kb / 4P
   Control interface unit
IC-KP2-1HB6-V15B PF-IC-KP2-1HB6-V15B Datasheet
772Kb / 4P
   Control interface unit
IC-KP2-1HRX-2V1 PF-IC-KP2-1HRX-2V1 Datasheet
720Kb / 4P
   Control interface unit
logo
CML Microcircuits
FX839 CMLMICRO-FX839 Datasheet
1Mb / 22P
   Analogue Control Interface
logo
Pepperl+Fuchs Inc.
IC-KP2-1HB17-2V1D PF-IC-KP2-1HB17-2V1D Datasheet
631Kb / 4P
   Control interface unit
IC-KP-B6-SUBD PF-IC-KP-B6-SUBD Datasheet
978Kb / 3P
   Control interface unit
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com