Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1616A-079-SC-13 Datasheet(PDF) 5 Page - Emcore Corporation

Part # 1616A-079-SC-13
Description  DOCSIS 3.1 Compliant
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMCORE [Emcore Corporation]
Direct Link  http://www.emcore.com
Logo EMCORE - Emcore Corporation

1616A-079-SC-13 Datasheet(HTML) 5 Page - Emcore Corporation

  1616A-079-SC-13 Datasheet HTML 1Page - Emcore Corporation 1616A-079-SC-13 Datasheet HTML 2Page - Emcore Corporation 1616A-079-SC-13 Datasheet HTML 3Page - Emcore Corporation 1616A-079-SC-13 Datasheet HTML 4Page - Emcore Corporation 1616A-079-SC-13 Datasheet HTML 5Page - Emcore Corporation 1616A-079-SC-13 Datasheet HTML 6Page - Emcore Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
PRELIMINARY DATASHEET | FEBRUARY 2016
FIBER OPTICS
| REV 2016.02
Information contained herein is deemed reliable and accurate as of the issue date. EMCORE reserves the right to change the design or specification at any time without notice.
Ordering Code Definitions
1616x – www – yy – zz
Family Name
Analog 1310 nm, DFB, Laser
Distortion Performance
X = A Standard Performance
Frequency Plan
www = 079: 79 Channel NTSC
Optical Connector
yy = SC: SC/APC
Minimum Optical Power
zz = 04: 4 mW*
zz = 16: 16 mW
zz = 06: 6 mW*
zz = 20: 20 mW
zz = 08: 8 mW*
zz = 22: 22 mW
zz = 10: 10 mW
zz = 25: 25 mW
zz = 13: 13 mW
zz = 28: 28 mW
zz = 31: 31 mW
*Note: Lossy splice may be applied for output power 4 mW
to 8 mW.
1616A 1310 nm DOCSIS 3.1 DFB Laser Module


Similar Part No. - 1616A-079-SC-13

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
1616 UTC-1616 Datasheet
39Kb / 3P
   6 TONES SIREN/ALARM SOUND GENERATOR WITH SOFT CHIRP
logo
THOR communications
1616 THOR-1616 Datasheet
73Kb / 1P
   Dead Blow Nylon Hammers
logo
List of Unclassifed Man...
1616 ETC2-1616 Datasheet
99Kb / 1P
   TEST TIPS AND PLUGS
logo
TE Connectivity Ltd
1616-D1-A-X TEC-1616-D1-A-X Datasheet
5Mb / 8P
   M.2 (NGFF) Connectors
01/2014
1616-D1-B-X TEC-1616-D1-B-X Datasheet
5Mb / 8P
   M.2 (NGFF) Connectors
01/2014
More results

Similar Description - 1616A-079-SC-13

ManufacturerPart #DatasheetDescription
logo
Emcore Corporation
1752A-19-BB-SC-10 EMCORE-1752A-19-BB-SC-10 Datasheet
887Kb / 6P
   DOCSIS 3.1 compliant
logo
NXP Semiconductors
BGA3131 NXP-BGA3131 Datasheet
544Kb / 26P
   DOCSIS 3.1 upstream amplifier
Rev. 1-13 May 2016
logo
M/A-COM Technology Solu...
MABA-011056 MA-COM-MABA-011056 Datasheet
760Kb / 5P
   Suitable for DOCSIS 3.1
logo
Maxim Integrated Produc...
MAX3522B MAXIM-MAX3522B Datasheet
681Kb / 15P
   DOCSIS 3.1 Programmable-Gain Amplifier
19-100012; Rev 0; 6/17
MAX3523 MAXIM-MAX3523 Datasheet
481Kb / 12P
   Low-Power DOCSIS 3.1 Programmable-Gain Amplifier
Rev 0; 6/18
logo
Analog Devices
ADCA3270 AD-ADCA3270 Datasheet
410Kb / 14P
   DOCSIS 3.1 Power Doubler Amplifier, 45 MHz to 1218 MHz
ADCA3952 AD-ADCA3952 Datasheet
335Kb / 12P
   DOCSIS 3.1, Power Doubler Hybrid Module, 45 MHz to 1218 MHz
ADCA3950 AD-ADCA3950 Datasheet
257Kb / 11P
   DOCSIS 3.1 Power Doubler Hybrid Module, 45 MHz to 1218 MHz
logo
NXP Semiconductors
BGA3031 NXP-BGA3031 Datasheet
228Kb / 19P
   DOCSIS 3.0 upstream amplifier
Rev. 1-15 August 2013
logo
Filtronic Compound Semi...
ST-261 FILTRONIC-ST-261 Datasheet
415Kb / 1P
   Portable DOCSIS Protocol Analyzer for DOCSIS Problem Solving in HFC Networks
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com