Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FCA-410 Datasheet(PDF) 1 Page - TE Connectivity Ltd

Part # FCA-410
Description  Hermetically Sealed
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

FCA-410 Datasheet(HTML) 1 Page - TE Connectivity Ltd

  FCA-410 Datasheet HTML 1Page - TE Connectivity Ltd FCA-410 Datasheet HTML 2Page - TE Connectivity Ltd FCA-410 Datasheet HTML 3Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
5–18
CII Mid-Range Relays
FCA-410 Series, 10 Amperes, 4PDT
The Series FCA-410 relay
is a polarized single-side
stable design, where the
flux from a permanent
magnet provides the
armature holding force in
the deactivated state, and
its flux path is switched and
combined with the coil flux
in the operated state.
This results in appreciably
increased contact pressure
in both states over that of a
spring return nonpolar
design. We also
manufacture 2-pole and
6-pole versions of this relay.
FCA-210 — 10 Amp DPDT
Relay
FCA-610 — 10 Amp 6PDT
Relay
Available
FCA-415 — 15 Amp 4PDT,
Has the same specifications
as the FCA-410 except is
rated at 15 amps.
(Commercial Only)
Product Facts
n Hermetically Sealed
n All Welded Construction
n Balanced Force
n Permanent Magnet Drive
n 4PDT switching in one inch
cube
n Contacts — Silver Cadmium
Oxide with Gold Plating
n Coils for DC and AC
50 to 400Hz or 400Hz
n Weight 2.72 ounces max.
(77 grams max.)
n Qualified to M83536/15, /16
Contact Rating — Amperes
Ratings Are Continuous Duty
Type of
Life (Min.)
28 VDC
120VAC
120/200VAC
Load
Cycles x 103
400Hz
400Hz-3Ø 60Hz-3Ø*
Resistive
100
10
10
10
2.5
Inductive
20
88
8
2.5
Motor
100
44
4
2.0
Lamp
100
22
2
1.0
*60 Hz loads rated for 10,000 operations
Overload Current — 40 AMPS DC, 60 AMPS 400Hz
Rupture Current — 50 AMPS DC, 80 AMPS 400Hz
Contact Make Bounce —1 MILLISECOND AT NOMINAL VOLTAGE
Max. Contact Drop at 10 Amps — INITIAL 0.100 VOLTS
End of Life — 0.125 VOLTS
Coil Data
Over Temperature Range
Coil
Nominal
Freq.
DC Res.
Pickup or
Dropout or
Must Hold
Code
Voltages
Hz
AC Amps (B)
Below Volts
Above Volts
Voltage (C)
16
DC
18
4.5
0.3
2.5
2
12
DC
70
9.0
0.75
4.5
3
28
DC
290
18.0
1.5
7.0
4 (A)
28
DC
290
18.0
1.5
7.0
5
48
DC
865
32.0
2.5
14.0
6
28
400Hz
225 mA
22.0
1.25
10.0
7
28
50/400Hz
120 mA
22.0
1.25
10.0
8
115
400 Hz
40 mA
90.0
5.0
40.0
9
115
50/400 Hz
30 mA
95.0
5.0
40.0
A. CODE 4 COILS HAVE BACK EMF SUPPRESSION TO 42 VOLTS MAX.
B. DC COIL RESISTANCE ± 10% AT 25˚C; AC COIL MAX. CURRENT AT NOMINAL VOLTAGE.
C. RELAY WILL STAY IN PICKED-UP STATE DOWN TO MUST HOLD VOLTAGES SHOWN.
D. MAX. OVER-VOLTAGE: 6 & 12 VDC COILS 120% OF NOMINAL; ALL OTHERS 110% OF NOMINAL.
E. COILS AVAILABLE FOR OTHER VOLTAGES AND FOR AC 50/60HZ.
NOTE: Only DC Coil Models are QPL Approved.
General Specifications
Temperature Rating —
-70˚C TO + 125˚C
Altitude — 300,000 Feet
Shock* —
Z & Y Enclosures —
200 g for 6 mS
W, X & M Enclosures —
100 g for 6 mS
Vibration, Sinusoidal* —
Z & Y Enclosures —
0.12 DA 10 to 70Hz
30 g 70 to 3000Hz
W, X & M Enclosures —
0.12 DA 10 to 57Hz
20 g 57 to 3000Hz
Vibration, Random* —
Z & Y Enclosures —
0.4 g2/Hz 50-2000Hz
W, X & M Enclosures —
0.2 g2/Hz 50-2000Hz
Dielectric Strength —
At Sea Level —
All circuits to ground and circuit to
circuit — 1250 V rms
Coil to ground — 1000 V rms
At 80,000 Feet — 350 V rms
Insulation Resistance —
Initial (500 VDC) — 100 M
Ω Min.
After Life or Environmental Tests —
50 M
Ω Min.
Operate Time at Nominal
Voltage —
DC Relays — 15 ms or less
AC Relays — 20 ms or less
Release Time at Nominal
Voltage —
DC Relays — 15 ms or less
AC Relays — 50 ms or less
* Max. contact opening under vibration
or shock 10 microseconds
Catalog 5-1773450-5
Dimensions are shown for
Dimensions are in millimeters
USA: +1 800 522 6752
For additional support numbers
Revised 3-13
reference purposes only.
unless otherwise specified.
Asia Pacific: +86 0 400 820 6015
please visit www.te.com
Specifications subject
UK: +44 800 267 666
www.te.com
to change.


Similar Part No. - FCA-410

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
FCA-410 MACOM-FCA-410 Datasheet
147Kb / 4P
   Tyco Electronics Mid-Range Military/Aerospace Relays 10 AMPERES, DPDT
logo
TE Connectivity Ltd
FCA-410-1620M TEC-FCA-410-1620M Datasheet
39Kb / 1P
   THIS DRAWING IS A CONTROLLED DOCUMENT.
FCA-410-1622M TEC-FCA-410-1622M Datasheet
40Kb / 1P
   THIS DRAWING IS A CONTROLLED DOCUMENT.
FCA-410-1624M TEC-FCA-410-1624M Datasheet
45Kb / 1P
   THIS DRAWING IS A CONTROLLED DOCUMENT.
More results

Similar Description - FCA-410

ManufacturerPart #DatasheetDescription
logo
Micropac Industries
62111 MICROPAC-62111 Datasheet
87Kb / 2P
   Hermetically sealed
logo
M/A-COM Technology Solu...
1N4531 MA-COM-1N4531 Datasheet
456Kb / 3P
   Hermetically Sealed
logo
MMD Components
MVSC1 MMD-MVSC1 Datasheet
129Kb / 2P
   Hermetically Sealed
logo
M/A-COM Technology Solu...
1N914UR MA-COM-1N914UR Datasheet
601Kb / 3P
   Hermetically Sealed
logo
Micropac Industries
62121 MICROPAC-62121 Datasheet
65Kb / 2P
   Hermetically sealed
62087 MICROPAC-62087 Datasheet
46Kb / 2P
   Hermetically sealed
62096 MICROPAC-62096 Datasheet
77Kb / 2P
   Hermetically sealed
62120 MICROPAC-62120 Datasheet
66Kb / 2P
   Hermetically sealed
logo
M/A-COM Technology Solu...
1N3600 MA-COM-1N3600 Datasheet
613Kb / 3P
   Hermetically Sealed
logo
Micropac Industries
61111 MICROPAC-61111 Datasheet
90Kb / 2P
   Hermetically sealed
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com