Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

20AYO1 Datasheet(PDF) 1 Page - TE Connectivity Ltd

Part # 20AYO1
Description  Compact Low Current 3-phase WYE RFI Filters
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

20AYO1 Datasheet(HTML) 1 Page - TE Connectivity Ltd

  20AYO1 Datasheet HTML 1Page - TE Connectivity Ltd 20AYO1 Datasheet HTML 2Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Maximum leakage current each Line to Ground:
3, 6, 10A
20A
@ 120 VAC 60 Hz:
2.0 mA
3.5 mA
@ 250 VAC 50 Hz:
3.0 mA
5.5 mA
Hipot rating (one minute):
Line to Ground:
1500 VAC
Line to Line:
1450 VDC
Rated Voltage (max):
Phase to Phase:
440 VAC
Phase to Neutral / Ground:
250 VAC
Operating Frequency:
50/60 Hz
Rated Current:
3 to 20A
Operating Ambient Temperature Range
(at rated current Ir):
-10°C to +40°C
In an ambient temperature (Ta) higher than +40°C
the maximum operating current (Io) is calculated as
follows: Io = Ir (85-Ta)/45
AYO Series
AYO Series
• For 3-phase, four wire, WYE applications
• Filters each of the three lines plus neutral
• Good for attenuation beginning at 100kHz
• Space saving design
• Low leakage current
• Easy to connect terminals
Ordering Information
10 AYO 1
Input / Output Style
1 – 0.25 [6.3] spade terminals
AYO Series
Current Rating
3, 6, 10 or 20A
Specifications
Electrical Schematic
N
N
LINE
LOAD
Available Part Numbers
3AYO1
6AYO1
10AYO1
20AYO1
UL Recognized
CSA Certified
VDE Approved
2
Compact Low Current 3-phase WYE RFI Filters
111
Dimensions are in inches and millimeters unless otherwise specified. Values in italics
are metric equivalents. Dimensions are shown for reference purposes only.
Specifications subject to change.
Corcom Product Guide
Catalog: 1654001
Issue Date: 06.2011
For email, phone or live chat, please go to
te.com/help
corcom.com
2


Similar Part No. - 20AYO1

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
20AYO1 MACOM-20AYO1 Datasheet
58Kb / 2P
   Lower Current Three Phase RFI Filters
20AYO1 MACOM-20AYO1 Datasheet
323Kb / 2P
   Lower Current Three Phase RFI Filters
20AYO1 MACOM-20AYO1 Datasheet
172Kb / 2P
   Compact Low Current 3-phase WYE RFI Filters
More results

Similar Description - 20AYO1

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
3AYO1 MACOM-3AYO1_11 Datasheet
172Kb / 2P
   Compact Low Current 3-phase WYE RFI Filters
16AYA6A MACOM-16AYA6A_11 Datasheet
218Kb / 4P
   3-phase WYE RFI Power Line Filters
logo
TE Connectivity Ltd
AYA TEC-AYA Datasheet
218Kb / 4P
   3-phase WYE RFI Power Line Filters
logo
Tyco Electronics
20AYP6C MACOM-20AYP6C_11 Datasheet
185Kb / 3P
   High Performance 3-phase RFI Filters for WYE Applications
logo
TE Connectivity Ltd
AYC TEC-AYC Datasheet
171Kb / 3P
   3-phase WYE RFI Power Line Filters for High Noise Applications
logo
Tyco Electronics
20AYP6C MACOM-20AYP6C Datasheet
337Kb / 2P
   High Performance 3-Phase RFI Power Line Filters for WYE Applications
16AYC10B MACOM-16AYC10B Datasheet
171Kb / 3P
   3-phase WYE RFI Power Line Filters for High Noise Applications
logo
TE Connectivity Ltd
ADT TEC-ADT Datasheet
213Kb / 3P
   High Performance High Current 3-phase Delta RFI Filters
logo
Tyco Electronics
3AYO1 MACOM-3AYO1 Datasheet
58Kb / 2P
   Lower Current Three Phase RFI Filters
3AYO1 MACOM-3AYO1_1 Datasheet
323Kb / 2P
   Lower Current Three Phase RFI Filters
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com