Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

16WGF1 Datasheet(PDF) 1 Page - TE Connectivity Ltd

Part # 16WGF1
Description  High Performance, Low Cost Filter Ideal for Appliance Equipment
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

16WGF1 Datasheet(HTML) 1 Page - TE Connectivity Ltd

  16WGF1 Datasheet HTML 1Page - TE Connectivity Ltd 16WGF1 Datasheet HTML 2Page - TE Connectivity Ltd 16WGF1 Datasheet HTML 3Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
89
1
Dimensions are in inches and millimeters unless otherwise specified. Values in italics
are metric equivalents. Dimensions are shown for reference purposes only.
Specifications subject to change.
Corcom Product Guide
Catalog: 1654001
Issue Date: 06.2011
For email, phone or live chat, please go to
te.com/help
corcom.com
WG Series
WG Series
High Performance, Low Cost Filter Ideal for Appliance Equipment
Maximum leakage current each Line to Ground:
A, B & C Models
D, E & F Models
@ 120 VAC 60 Hz:
.76 mA
.10 mA
@250 VAC 50 Hz:
1.27 mA
.20 mA
Hipot rating (one minute):
Line to Ground:
2250 VDC
Line to Line:
1450 VDC
Rated Voltage (max):
250 VAC
Operating Frequency:
50/60 Hz
Rated Current:
16A
Operating Ambient Temperature Range
(at rated current Ir):
-10°C to +40°C
In an ambient temperature (Ta) higher than +40°C
the maximum operating current (Io) is calculated as
follows: Io = Ir (85-Ta)/45
• Cost-effective
• Tubular design
• WGA, WGB and WGC versions designed to
comply with leakage current for fixed appliances
not easily moved from one place to another
• WGD, WGE and WGF versions designed to comply
with leakage current requirements for appliances
which may be easily moved from one place to
another
• Available in a variety of styles
Ordering Information
16 WG A 1
Input / Output Style
1 – .250 [6.3] spade terminals
3 – Wire Leads
7 – RAST 5 connection
Leakage Current & Performance
A, B & C: for fixed appliances
A = Standard
B = Enhanced
C = High performance
D, E & F: for mobile appliances
D = Standard
E = Enhanced
F = High performance
WG Series
Current Rating
16A
Specifications
UL Recognized
CSA Certified
VDE Approved
Electrical Schematics
N(4)
U (1)
GND
U (3)
L (2)
Available Part Numbers
16WGA1
16WGA3
16WGA7
16WGB1
16WGB3
16WGB7
16WGC1
16WGC3
16WGC7
16WGD1
16WGD3
16WGD7
16WGE1
16WGE3
16WGE7
16WGF1
16WGF3
16WGF7
N
GND
L
With RAST 5 Connector (style 7)
WG_1 Style


Similar Part No. - 16WGF1

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
16WXA2200M16X16 RUBYCON-16WXA2200M16X16 Datasheet
50Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
16WXA3300M16X20 RUBYCON-16WXA3300M16X20 Datasheet
50Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
16WXA330M8X9 RUBYCON-16WXA330M8X9 Datasheet
50Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
16WXA4700M18X20 RUBYCON-16WXA4700M18X20 Datasheet
50Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
16WXA470M8X9 RUBYCON-16WXA470M8X9 Datasheet
50Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
More results

Similar Description - 16WGF1

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
L8957 HAMAMATSU-L8957 Datasheet
111Kb / 2P
   Low cost LED ideal for optical encoders
L8957 HAMAMATSU-L8957_07 Datasheet
88Kb / 2P
   Low cost LED ideal for optical encoders
logo
M/A-COM Technology Solu...
MAIA-007495 MA-COM-MAIA-007495 Datasheet
775Kb / 6P
   Low Cost / High Performance
logo
List of Unclassifed Man...
HM-TRLR-S ETC2-HM-TRLR-S Datasheet
382Kb / 24P
   Low cost, high performance , high reliability
HM-TRLR-D ETC2-HM-TRLR-D Datasheet
421Kb / 24P
   Low cost, high performance , high reliability
HM-TRP ETC2-HM-TRP Datasheet
323Kb / 10P
   Low cost, high performance , high reliability
HM-TRP-RS485 ETC2-HM-TRP-RS485 Datasheet
220Kb / 7P
   Low cost, high performance , high reliability
logo
PETERMANN-TECHNIK
TCVCTO-1 PETERMANN-TCVCTO-1_15 Datasheet
958Kb / 8P
   Ultra Performance Oscillator for Low Cost
logo
List of Unclassifed Man...
DK500 ETC2-DK500 Datasheet
687Kb / 2P
   Low-cost, high-performance replacement for many OEM DPMs
logo
Axiomtek Co., Ltd.
AD-904 AXIOMTEK-AD-904 Datasheet
266Kb / 1P
   Flexible, low cost and high performance
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com