Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

15EHT6 Datasheet(PDF) 1 Page - TE Connectivity Ltd

Part # 15EHT6
Description  High Performance RFI Power Line Filters for Medical Equipment
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

15EHT6 Datasheet(HTML) 1 Page - TE Connectivity Ltd

  15EHT6 Datasheet HTML 1Page - TE Connectivity Ltd 15EHT6 Datasheet HTML 2Page - TE Connectivity Ltd 15EHT6 Datasheet HTML 3Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
40
Dimensions are in inches and millimeters unless otherwise specified. Values in italics
are metric equivalents. Dimensions are shown for reference purposes only.
Specifications subject to change.
Corcom Product Guide
Catalog: 1654001
Issue Date: 06.2011
For email, phone or live chat, please go to
te.com/help
corcom.com
High Performance RFI Power Line Filters for Medical Equipment
HT Series
HT Series
Maximum leakage current each Line to Ground:
@ 120 VAC 60 Hz:
2
A
@250 VAC 50 Hz:
5
A
Hipot rating (one minute):
Line to Ground:
2250 VDC
Line to Line:
1450 VDC
Rated Voltage (max):
250 VAC
Operating Frequency:
50/60 Hz
Rated Current:
3 to 15A
Operating Ambient Temperature Range
(at rated current Ir):
-10°C to +40°C
In an ambient temperature (Ta) higher than +40°C
the maximum operating current (Io) is calculated as
follows: Io = Ir (85-Ta)/45
• Designed to provide significant attenuation of RFI
noise in the frequency range from 10kHz to 30MHz
• Size and cost-effective
Ordering Information
6 E HT 7 M
Suffix
M – Metric inserts (style 7 only)
Omit for standard or none
Input / Output Style
1 – .250 [6.3] spade terminals
3 – Wire leads
6 – Threaded bolt
7 – IEC inlet* (line side)
.250 [6.3] spade terminals
(load side)
HT Series
Leakage current designation
E – Low leakage (<0.5 mA)
Current Rating
3, 6, 10 or 15A
Specifications
UL Recognized
CSA Certified
VDE Approved
6EHT3
Available Part Numbers
6EHT7
*IEC 60320-1 C14 inlet mates with C13 connector
3EHT1
6EHT7
3EHT3
6EHT7M
3EHT7
10EHT1
3EHT7M
10EHT3
6EHT1
15EHT1
6EHT3
15EHT6
6EHT1
GA400: NEMA 5-15P to IEC 60320-1 C-13 line cord
Accessories


Similar Part No. - 15EHT6

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
15EHT6 MACOM-15EHT6 Datasheet
75Kb / 2P
   High Performance RFI Power Line Filters for Medical Equipment
15EHT6 MACOM-15EHT6 Datasheet
215Kb / 3P
   High Performance RFI Power Line Filters for Medical Equipment
logo
TE Connectivity Ltd
15EHT6 TEC-15EHT6 Datasheet
215Kb / 3P
   High Performance RFI Power Line Filters for Medical Equipment
More results

Similar Description - 15EHT6

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
6EHT1 MACOM-6EHT1 Datasheet
75Kb / 2P
   High Performance RFI Power Line Filters for Medical Equipment
logo
TE Connectivity Ltd
6EHT TEC-6EHT Datasheet
215Kb / 3P
   High Performance RFI Power Line Filters for Medical Equipment
logo
Tyco Electronics
3EHT1 MACOM-3EHT1_11 Datasheet
215Kb / 3P
   High Performance RFI Power Line Filters for Medical Equipment
3EHQ1 MACOM-3EHQ1 Datasheet
68Kb / 2P
   Highest Performance RFI Filters for Medical Equipment
logo
TE Connectivity Ltd
3EHQ TEC-3EHQ Datasheet
212Kb / 3P
   Highest Performance RFI Filters for Medical Equipment
logo
Tyco Electronics
3EHQ1 MACOM-3EHQ1_11 Datasheet
212Kb / 3P
   Highest Performance RFI Filters for Medical Equipment
logo
TE Connectivity Ltd
6EHQ TEC-6EHQ Datasheet
212Kb / 3P
   Highest Performance RFI Filters for Medical Equipment
logo
Tyco Electronics
6609047-3 MACOM-6609047-3 Datasheet
219Kb / 4P
   High Performance RFI Power Line Filters for Switching Power Supplies
logo
TE Connectivity Ltd
3ET1 TEC-3ET1 Datasheet
219Kb / 4P
   High Performance RFI Power Line Filters for Switching Power Supplies
logo
Tyco Electronics
3ET1 MACOM-3ET1 Datasheet
479Kb / 2P
   High Performance RFI Power Line Filters for Switching Power Supplies
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com