Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P6KE36C Datasheet(PDF) 3 Page - Shanghai Semitech Semiconductor Co., Ltd

Part # P6KE36C
Description  600W Peak Pulse Power Dissipation
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMITECH [Shanghai Semitech Semiconductor Co., Ltd]
Direct Link  http://www.semitech.cn
Logo SEMITECH - Shanghai Semitech Semiconductor Co., Ltd

P6KE36C Datasheet(HTML) 3 Page - Shanghai Semitech Semiconductor Co., Ltd

  P6KE36C Datasheet HTML 1Page - Shanghai Semitech Semiconductor Co., Ltd P6KE36C Datasheet HTML 2Page - Shanghai Semitech Semiconductor Co., Ltd P6KE36C Datasheet HTML 3Page - Shanghai Semitech Semiconductor Co., Ltd P6KE36C Datasheet HTML 4Page - Shanghai Semitech Semiconductor Co., Ltd P6KE36C Datasheet HTML 5Page - Shanghai Semitech Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
P6KE6.8—P6KE440CA
Type Number
Reverse
Stand-Off
Voltage
Breakdown
Voltage
Min. @IT
Breakdown
Voltage
Max. @ IT
Test
Current
Maximum
Clamping
Voltage @IPP
Peak
Pulse
Current
Reverse
Leakage
@VRMW
(Uni)
(Bi)
VRMW(V)
VBR MIN(V)
VBR MAX(V)
IT (mA)
VC(V)
IPP(A)
IR(uA)
P6KE39
P6KE39C
31.6
35.1
42.9
1.0
56.4
10.6
5.0
P6KE39A
P6KE39CA
33.3
37.1
41.0
1.0
53.9
11.1
5.0
P6KE43
P6KE43C
34.8
38.7
47.3
1.0
61.9
9.7
5.0
P6KE43A
P6KE43CA
36.8
40.9
45.2
1.0
59.3
10.1
5.0
P6KE47
P6KE47C
38.1
42.3
51.7
1.0
67.8
8.8
5.0
P6KE47A
P6KE47CA
40.2
44.7
49.4
1.0
64.8
9.3
5.0
P6KE51
P6KE51C
41.3
45.9
56.1
1.0
73.5
8.2
5.0
P6KE51A
P6KE51CA
43.6
48.5
53.6
1.0
70.1
8.6
5.0
P6KE56
P6KE56C
45.4
50.4
61.6
1.0
80.5
7.5
5.0
P6KE56A
P6KE56CA
47.8
53.2
58.8
1.0
77.0
7.8
5.0
P6KE62
P6KE62C
50.2
55.8
68.2
1.0
89.0
6.7
5.0
P6KE62A
P6KE62CA
53.0
58.9
65.1
1.0
85.0
7.1
5.0
P6KE68
P6KE68C
55.1
61.2
74.8
1.0
98.0
6.1
5.0
P6KE68A
P6KE68CA
58.1
64.6
71.4
1.0
92.0
6.5
5.0
P6KE75
P6KE75C
60.7
67.5
82.5
1.0
108
5.6
5.0
P6KE75A
P6KE75CA
64.1
71.3
78.8
1.0
103
5.8
5.0
P6KE82
P6KE82C
66.4
73.8
90.2
1.0
118
5.1
5.0
P6KE82A
P6KE82CA
70.1
77.9
86.1
1.0
113
5.3
5.0
P6KE91
P6KE91C
73.7
81.9
100
1.0
131
4.6
5.0
P6KE91A
P6KE91CA
77.8
86.5
95.5
1.0
125
4.8
5.0
P6KE100
P6KE100C
81.0
90.0
110
1.0
144
4.2
5.0
P6KE100A
P6KE100CA
85.5
95.0
105
1.0
137
4.4
5.0
P6KE110
P6KE110C
89.2
99.0
121
1.0
158
3.8
5.0
P6KE110A
P6KE110CA
94.0
105
116
1.0
152
3.9
5.0
P6KE120
P6KE120C
97.2
108
132
1.0
173
3.5
5.0
P6KE120A
P6KE120CA
102
114
126
1.0
165
3.6
5.0
P6KE130
P6KE130C
105
117
143
1.0
187
3.2
5.0
P6KE130A
P6KE130CA
111
124
137
1.0
179
3.4
5.0
P6KE150
P6KE150C
121
135
165
1.0
215
2.8
5.0
P6KE150A
P6KE150CA
128
143
158
1.0
207
2.9
5.0
P6KE160
P6KE160C
130
144
176
1.0
230
2.6
5.0
P6KE160A
P6KE160CA
136
152
168
1.0
219
2.7
5.0
P6KE170
P6KE170C
138
153
187
1.0
244
2.5
5.0
P6KE170A
P6KE170CA
145
162
179
1.0
234
2.6
5.0
P6KE180
P6KE180C
146
162
198
1.0
258
2.3
5.0
P6KE180A
P6KE180CA
154
171
189
1.0
246
2.4
5.0
For Bi-directional type having VRWM of 10 Volts and less, the IR limit is double
WWW.SEMITECH.CN


Similar Part No. - P6KE36C

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
P6KE36C PANJIT-P6KE36C Datasheet
62Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 6.8 TO 440 Volts 600Watt Peak Power 5.0 Watt Steady State)
logo
Socay Electornics Co., ...
P6KE36C SOCAY-P6KE36C Datasheet
3Mb / 56P
   Surface Mount Transient Voltage Suppressors (TVS)
logo
Surge Components
P6KE36C SURGE-P6KE36C Datasheet
201Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-6.8 to 440 Volts?
logo
New Jersey Semi-Conduct...
P6KE36C NJSEMI-P6KE36C Datasheet
153Kb / 3P
   600w Transient Voltage Suppressor
logo
Transys Electronics
P6KE36C TRSYS-P6KE36C Datasheet
211Kb / 5P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
More results

Similar Description - P6KE36C

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SMAJ12A-13 DIODES-SMAJ12A-13 Datasheet
146Kb / 5P
   400W Peak Pulse Power Dissipation
logo
SeCoS Halbleitertechnol...
P6KE6.8 SECOS-P6KE6.8 Datasheet
191Kb / 4P
   600W Peak Power / 5.0W Steady State 600W Peak Power TVS
P6KE SECOS-P6KE_15 Datasheet
110Kb / 3P
   600W Peak Power TVS
logo
EIC discrete Semiconduc...
HZK6A1L EIC-HZK6A1L Datasheet
141Kb / 3P
   High peak reverse power dissipation
logo
New Jersey Semi-Conduct...
1N6036 NJSEMI-1N6036 Datasheet
147Kb / 2P
   1500 WATTS PEAK POWER DISSIPATION
logo
First Silicon Co., Ltd
P6KEXX FS-P6KEXX Datasheet
325Kb / 4P
   Transient Voltage Suppressors Peak Pulse Power 600W Breakdown Voltage 6.8 to 550V
logo
SeCoS Halbleitertechnol...
SMBJ SECOS-SMBJ Datasheet
422Kb / 4P
   600W Peak Power Surface Mount TVS
SMBJ SECOS-SMBJ_15 Datasheet
79Kb / 4P
   600W Peak Power Surface Mount TVS
logo
Mean Well Enterprises C...
HRP-600N3 MEANWELL-HRP-600N3 Datasheet
727Kb / 6P
   600W Ultra-High Peak Power Supply
2022-03-03
logo
Bruckewell Technology L...
5KP_A BWTECH-5KP_A Datasheet
524Kb / 7P
   5000W Peak Pulse Power
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com