Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM3915N Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM3915N
Description  Dot/Bar Display Driver
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3915N Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM3915N Datasheet HTML 1Page - National Semiconductor (TI) LM3915N Datasheet HTML 2Page - National Semiconductor (TI) LM3915N Datasheet HTML 3Page - National Semiconductor (TI) LM3915N Datasheet HTML 4Page - National Semiconductor (TI) LM3915N Datasheet HTML 5Page - National Semiconductor (TI) LM3915N Datasheet HTML 6Page - National Semiconductor (TI) LM3915N Datasheet HTML 7Page - National Semiconductor (TI) LM3915N Datasheet HTML 8Page - National Semiconductor (TI) LM3915N Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
LM3915
Dot/Bar Display Driver
General Description
The LM3915 is a monolithic integrated circuit that senses
analog voltage levels and drives ten LEDs, LCDs or vacuum
fluorescent displays, providing a logarithmic 3 dB/step ana-
log display. One pin changes the display from a bar graph to
a moving dot display. LED current drive is regulated and
programmable, eliminating the need for current limiting re-
sistors. The whole display system can operate from a single
supply as low as 3V or as high as 25V.
The IC contains an adjustable voltage reference and an
accurate ten-step voltage divider. The high-impedance input
buffer accepts signals down to ground and up to within 1.5V
of the positive supply. Further, it needs no protection against
inputs of ±35V. The input buffer drives 10 individual com-
parators referenced to the precision divider. Accuracy is
typically better than 1 dB.
The LM3915’s 3 dB/step display is suited for signals with
wide dynamic range, such as audio level, power, light inten-
sity or vibration. Audio applications include average or peak
level indicators, power meters and RF signal strength
meters. Replacing conventional meters with an LED bar
graph results in a faster responding, more rugged display
with high visibility that retains the ease of interpretation of an
analog display.
The LM3915 is extremely easy to apply. A 1.2V full-scale
meter requires only one resistor in addition to the ten LEDs.
One more resistor programs the full-scale anywhere from
1.2V to 12V independent of supply voltage. LED brightness
is easily controlled with a single pot.
The LM3915 is very versatile. The outputs can drive LCDs,
vacuum fluorescents and incandescent bulbs as well as
LEDs of any color. Multiple devices can be cascaded for a
dot or bar mode display with a range of 60 or 90 dB.
LM3915s can also be cascaded with LM3914s for a linear/
log display or with LM3916s for an extended-range VU
meter.
Features
n
3 dB/step, 30 dB range
n
Drives LEDs, LCDs, or vacuum fluorescents
n
Bar or dot display mode externally selectable by user
n
Expandable to displays of 90 dB
n
Internal voltage reference from 1.2V to 12V
n
Operates with single supply of 3V to 25V
n
Inputs operate down to ground
n
Output current programmable from 1 mA to 30 mA
n
Input withstands ±35V without damage or false outputs
n
Outputs are current regulated, open collectors
n
Directly drives TTL or CMOS
n
The internal 10-step divider is floating and can be
referenced to a wide range of voltages
The LM3915 is rated for operation from 0˚C to +70˚C. The
LM3915N-1 is available in an 18-lead molded DIP package.
February 2001
© 2004 National Semiconductor Corporation
DS005104
www.national.com


Similar Part No. - LM3915N

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM3915N-1 TI-LM3915N-1 Datasheet
1Mb / 31P
[Old version datasheet]   LM3915 Dot/Bar Display Driver
LM3915N-1 TI1-LM3915N-1 Datasheet
1Mb / 31P
[Old version datasheet]   LM3915 Dot/Bar Display Driver
LM3915N-1/NOPB TI1-LM3915N-1/NOPB Datasheet
1Mb / 31P
[Old version datasheet]   LM3915 Dot/Bar Display Driver
More results

Similar Description - LM3915N

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3916 NSC-LM3916 Datasheet
509Kb / 27P
   Dot/Bar Display Driver
LM3914 NSC-LM3914 Datasheet
365Kb / 19P
   Dot/Bar Display Driver
LM3914 NSC-LM3914_03 Datasheet
809Kb / 22P
   Dot/Bar Display Driver
logo
Texas Instruments
LM3914N-1 TI1-LM3914N-1 Datasheet
790Kb / 29P
[Old version datasheet]   LM3914 Dot/Bar Display Driver
LM3915N-1 TI-LM3915N-1 Datasheet
1Mb / 31P
[Old version datasheet]   LM3915 Dot/Bar Display Driver
LM3916 TI1-LM3916 Datasheet
1Mb / 32P
[Old version datasheet]   LM3916 Dot/Bar Display Driver
LM3915N-1 TI1-LM3915N-1 Datasheet
1Mb / 31P
[Old version datasheet]   LM3915 Dot/Bar Display Driver
logo
NTE Electronics
NTE1549 NTE-NTE1549 Datasheet
29Kb / 4P
   Integrated Circuit Dot/Bar Display Driver
NTE1508 NTE-NTE1508 Datasheet
31Kb / 3P
   Integrated Circuit 10-Step Dot/Bar Display Driver for Linear Scale
NTE1509 NTE-NTE1509 Datasheet
30Kb / 4P
   Integrated Circuit 10-Step Dot/Bar Display Driver for Logarithmic Scale
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com