Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M51971 Datasheet(PDF) 5 Page - Mitsubishi Electric Semiconductor

Part # M51971
Description  MOTOR SPEED CONTROL
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M51971 Datasheet(HTML) 5 Page - Mitsubishi Electric Semiconductor

  M51971 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M51971 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M51971 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M51971 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M51971 Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M51971 Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M51971 Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M51971 Datasheet HTML 8Page - Mitsubishi Electric Semiconductor M51971 Datasheet HTML 9Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
MOTOR SPEED CONTROL
M51971L/FP
MITSUBISHI <CONTROL / DRIVER IC>
3.0
2.8
2.6
04
8
12
16
20
Stabilized voltage–Supply voltage
characteristics
Supply voltage VCC (V)
2.4
2.2
2.0
24
5
2
1
-50
-25
0
25
50
100
Stabilized voltage–ambient
temperature characteristics
Ambient temperature Ta (
°C)
4
3
2
75
VCC=9V
2.8
2.7
2.6
0
VCC=9V
12
Stabilized voltage–Source current
characteristics of pin 6
Source current at pin
I
(mA)
6
6
4
3
0
401.5
402.0
402.5
403.0
VCC=9V
2
1
Pin
– input signal frequency fIN (Hz)
8
Voltage at pin
– Input signal
frequency characteristics
8
-300
-250
-200
-150
-100
0
-25
-50
0
25
50
75
-50
100
VCC=9V
Charging current at pin
– Ambient
temperature characteristics
8
-50
100
Ambient temperature Ta (
°C)
-25
0
25
50
75
30
25
20
15
10
0
VCC=9V
5
Discharging current at pin
– Ambient
temperature characteristics
8
Ambient temperature Ta (
°C)
4
3
5


Similar Part No. - M51971

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M51970 MITSUBISHI-M51970 Datasheet
71Kb / 4P
   MOTOR SPEED CONTROL
M51970L MITSUBISHI-M51970L Datasheet
71Kb / 4P
   MOTOR SPEED CONTROL
M51977FP MITSUBISHI-M51977FP Datasheet
1Mb / 25P
   SWITCHING REGULATIR CONTROL
M51977P MITSUBISHI-M51977P Datasheet
1Mb / 25P
   SWITCHING REGULATIR CONTROL
M51978FP MITSUBISHI-M51978FP Datasheet
1Mb / 24P
   SWITCHING REGULATOR CONTROL
More results

Similar Description - M51971

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M51970L MITSUBISHI-M51970L Datasheet
71Kb / 4P
   MOTOR SPEED CONTROL
logo
Unisonic Technologies
AN6650 UTC-AN6650_05 Datasheet
85Kb / 4P
   MOTOR SPEED CONTROL CIRCUIT
logo
List of Unclassifed Man...
UTC6651 ETC1-UTC6651 Datasheet
64Kb / 2P
   MOTOR SPEED CONTROL CIRCUIT
logo
Unisonic Technologies
AN6650 UTC-AN6650_10 Datasheet
139Kb / 5P
   MOTOR SPEED CONTROL CIRCUIT
UTCAN6650 UTC-UTCAN6650 Datasheet
31Kb / 3P
   MOTOR SPEED CONTROL CIRCUIT
AN6651 UTC-AN6651_08 Datasheet
174Kb / 5P
   MOTOR SPEED CONTROL CIRCUIT
UTCAN6651 UTC-UTCAN6651 Datasheet
86Kb / 3P
   MOTOR SPEED CONTROL CIRCUIT
logo
Linear Integrated Syste...
UTC6650 LINEAR-UTC6650 Datasheet
109Kb / 4P
   MOTOR SPEED CONTROL CIRCUIT
logo
Unisonic Technologies
AN6651 UTC-AN6651_15 Datasheet
174Kb / 5P
   MOTOR SPEED CONTROL CIRCUIT
logo
List of Unclassifed Man...
D6650 ETC-D6650 Datasheet
118Kb / 4P
   MOTOR SPEED CONTROL CIRCUIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com