Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

4EDL1S Datasheet(PDF) 5 Page - TE Connectivity Ltd

Part # 4EDL1S
Description  Dual Configuration Power Entry Module
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

4EDL1S Datasheet(HTML) 5 Page - TE Connectivity Ltd

  4EDL1S Datasheet HTML 1Page - TE Connectivity Ltd 4EDL1S Datasheet HTML 2Page - TE Connectivity Ltd 4EDL1S Datasheet HTML 3Page - TE Connectivity Ltd 4EDL1S Datasheet HTML 4Page - TE Connectivity Ltd 4EDL1S Datasheet HTML 5Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
L Series
Dual Configuration Power Entry Module (continued)
3
179
Dimensions are in inches and millimeters unless otherwise specified. Values in italics
are metric equivalents. Dimensions are shown for reference purposes only.
Specifications subject to change.
Corcom Product Guide
Catalog: 1654001
Issue Date: 06.2011
For email, phone or live chat, please go to
te.com/help
corcom.com
2EDL
4EDL
6EDL
0.1
1
10
30
Frequency in MHz
db
100
90
80
70
60
50
40
30
20
10
0
0.1
1
10
30
Frequency in MHz
db
100
90
80
70
60
50
40
30
20
10
0
0.1
1
10
30
Frequency in MHz
db
100
90
80
70
60
50
40
30
20
10
0
Minimum Insertion Loss
Common Mode / Asymmetrical (Line to Ground)
Measured in closed 50 Ohm system
 
  






 

















 





Differential Mode / Symmetrical (Line to Line)
Performance Data
Typical Insertion Loss
Measured in closed 50 Ohm system
Common Mode / Asymmetrical (L-G)
Differential Mode / Symmetrical (L-L)
6EHL
0.1
1
10
30
Frequency in MHz
db
100
90
80
70
60
50
40
30
20
10
0
 
  

  



 





















 







Similar Part No. - 4EDL1S

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
4EDL1S MACOM-4EDL1S Datasheet
105Kb / 4P
   Power Entry Module with RFI Power Line Filter for General or Medical Applications
4EDL1S MACOM-4EDL1S Datasheet
312Kb / 5P
   Dual Configuration Power Entry Module
4EDL1SC MACOM-4EDL1SC Datasheet
105Kb / 4P
   Power Entry Module with RFI Power Line Filter for General or Medical Applications
4EDL1SC MACOM-4EDL1SC Datasheet
312Kb / 5P
   Dual Configuration Power Entry Module
4EDL1SCM MACOM-4EDL1SCM Datasheet
105Kb / 4P
   Power Entry Module with RFI Power Line Filter for General or Medical Applications
More results

Similar Description - 4EDL1S

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
6EL1S MACOM-6EL1S_11 Datasheet
312Kb / 5P
   Dual Configuration Power Entry Module
logo
Rhombus Industries Inc.
T-31201 RHOMBUS-IND-T-31201 Datasheet
30Kb / 1P
   Single Configuration / Dual Configuration
logo
Schurter Inc.
DG12-IP40 SCHURTER-DG12-IP40 Datasheet
444Kb / 1P
   Power Entry Module
DG12-IP65 SCHURTER-DG12-IP65 Datasheet
438Kb / 1P
   Power Entry Module
logo
Delta Electronics, Inc.
06SB3M DELTA-06SB3M Datasheet
1Mb / 2P
   POWER ENTRY MODULE FILTERS
10NB3M DELTA-10NB3M Datasheet
1Mb / 2P
   POWER ENTRY MODULE FILTERS
10EK3M DELTA-10EK3M Datasheet
92Kb / 2P
   POWER ENTRY MODULE FILTERS
06AK5 DELTA-06AK5 Datasheet
621Kb / 2P
   POWER ENTRY MODULE EMI FILTERS
06AK2D DELTA-06AK2D Datasheet
621Kb / 2P
   POWER ENTRY MODULE EMI FILTERS
06EB3 DELTA-06EB3 Datasheet
231Kb / 2P
   POWER ENTRY MODULE EMI FILTERS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com