Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P6KE12A Datasheet(PDF) 2 Page - Shanghai Semitech Semiconductor Co., Ltd

Part # P6KE12A
Description  600W Peak Pulse Power Dissipation
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMITECH [Shanghai Semitech Semiconductor Co., Ltd]
Direct Link  http://www.semitech.cn
Logo SEMITECH - Shanghai Semitech Semiconductor Co., Ltd

P6KE12A Datasheet(HTML) 2 Page - Shanghai Semitech Semiconductor Co., Ltd

  P6KE12A Datasheet HTML 1Page - Shanghai Semitech Semiconductor Co., Ltd P6KE12A Datasheet HTML 2Page - Shanghai Semitech Semiconductor Co., Ltd P6KE12A Datasheet HTML 3Page - Shanghai Semitech Semiconductor Co., Ltd P6KE12A Datasheet HTML 4Page - Shanghai Semitech Semiconductor Co., Ltd P6KE12A Datasheet HTML 5Page - Shanghai Semitech Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
P6KE6.8—P6KE440CA
Electrical Characteristics Ratings at 25°C ambient temperature unless otherwise specified.VF = 3.5V at IF = 50A
Type Number
Reverse
Stand-Off
Voltage
Breakdown
Voltage
Min. @IT
Breakdown
Voltage
Max. @ IT
Test
Current
Maximum
Clamping
Voltage
@IPP
Peak
Pulse
Current
Reverse
Leakage
@VRMW
(Uni)
(Bi)
VRMW(V)
VBR MIN(V)
VBR MAX(V)
IT (mA)
VC(V)
IPP(A)
IR(uA)
P6KE6.8
P6KE6.8C
5.50
6.12
7.48
10.0
10.8
55.6
1000.0
P6KE6.8A
P6KE6.8CA
5.80
6.45
7.25
10.0
10.5
57.1
1000.0
P6KE7.5
P6KE7.5C
6.05
6.75
8.25
10.0
11.7
51.3
500.0
P6KE7.5A
P6KE7.5CA
6.40
7.13
7.88
10.0
11.3
53.1
500.0
P6KE8.2
P6KE8.2C
6.63
7.38
9.02
10.0
12.5
48.0
200.0
P6KE8.2A
P6KE8.2CA
7.02
7.79
8.61
10.0
12.1
49.6
200.0
P6KE9.1
P6KE9.1C
7.37
8.19
10.0
1.0
13.8
43.5
50.0
P6KE9.1A
P6KE9.1CA
7.78
8.65
9.55
1.0
13.4
44.8
50.0
P6KE10
P6KE10C
8.10
9.00
11.0
1.0
15.0
40.0
10.0
P6KE10A
P6KE10CA
8.55
9.50
10.5
1.0
14.5
41.4
10.0
P6KE11
P6KE11C
8.92
9.90
12.1
1.0
16.2
37.0
5.0
P6KE11A
P6KE11CA
9.40
10.5
11.6
1.0
15.6
38.5
5.0
P6KE12
P6KE12C
9.72
10.8
13.2
1.0
17.3
34.7
5.0
P6KE12A
P6KE12CA
10.2
11.4
12.6
1.0
16.7
35.9
5.0
P6KE13
P6KE13C
10.5
11.7
14.3
1.0
19.0
31.6
5.0
P6KE13A
P6KE13CA
11.1
12.4
13.7
1.0
18.2
33.0
5.0
P6KE15
P6KE15C
12.1
13.5
16.5
1.0
22.0
27.3
5.0
P6KE15A
P6KE15CA
12.8
14.3
15.8
1.0
21.2
28.3
5.0
P6KE16
P6KE16C
12.9
14.4
17.6
1.0
23.5
25.5
5.0
P6KE16A
P6KE16CA
13.6
15.2
16.8
1.0
22.5
26.7
5.0
P6KE18
P6KE18C
14.5
16.2
19.8
1.0
26.5
22.6
5.0
P6KE18A
P6KE18CA
15.3
17.1
18.9
1.0
25.2
23.8
5.0
P6KE20
P6KE20C
16.2
18.0
22.0
1.0
29.1
20.6
5.0
P6KE20A
P6KE20CA
17.1
19.0
21.0
1.0
27.7
21.7
5.0
P6KE22
P6KE22C
17.8
19.8
24.2
1.0
31.9
18.8
5.0
P6KE22A
P6KE22CA
18.8
20.9
23.1
1.0
30.6
19.6
5.0
P6KE24
P6KE24C
19.4
21.6
26.4
1.0
34.7
17.3
5.0
P6KE24A
P6KE24CA
20.5
22.8
25.2
1.0
33.2
18.1
5.0
P6KE27
P6KE27C
21.8
24.3
29.7
1.0
39.1
15.3
5.0
P6KE27A
P6KE27CA
23.1
25.7
28.4
1.0
37.5
16.0
5.0
P6KE30
P6KE30C
24.3
27.0
33.0
1.0
43.5
13.8
5.0
P6KE30A
P6KE30CA
25.6
28.5
31.5
1.0
41.4
14.5
5.0
P6KE33
P6KE33C
26.8
29.7
36.3
1.0
47.7
12.6
5.0
P6KE33A
P6KE33CA
28.2
31.4
34.7
1.0
45.7
13.1
5.0
P6KE36
P6KE36C
29.1
32.4
39.6
1.0
52.0
11.5
5.0
P6KE36A
P6KE36CA
30.8
34.2
37.8
1.0
49.9
12.0
5.0
For Bi-directional type having VRWM of 10 Volts and less, the IR limit is double
WWW.SEMITECH.CN


Similar Part No. - P6KE12A

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
P6KE12A MOTOROLA-P6KE12A Datasheet
81Kb / 7P
   ZENER OVERVOLTAGE TRANSIENTSUPPRESSORS
logo
STMicroelectronics
P6KE12A STMICROELECTRONICS-P6KE12A Datasheet
141Kb / 9P
   Transil?? transient voltage surge suppressor (TVS)
logo
DAESAN ELECTRONIC CORP.
P6KE12A DAESAN-P6KE12A Datasheet
748Kb / 5P
   POWER 600Watts VOLTAGE 6.8 to 440 Volts
logo
HY ELECTRONIC CORP.
P6KE12A HY-P6KE12A Datasheet
490Kb / 4P
   Unidirectional and Bidirectional Transient Voltage Suppressors
logo
List of Unclassifed Man...
P6KE12A ETC2-P6KE12A Datasheet
330Kb / 4P
   Transient Voltage Suppressor
More results

Similar Description - P6KE12A

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SMAJ12A-13 DIODES-SMAJ12A-13 Datasheet
146Kb / 5P
   400W Peak Pulse Power Dissipation
logo
SeCoS Halbleitertechnol...
P6KE6.8 SECOS-P6KE6.8 Datasheet
191Kb / 4P
   600W Peak Power / 5.0W Steady State 600W Peak Power TVS
P6KE SECOS-P6KE_15 Datasheet
110Kb / 3P
   600W Peak Power TVS
logo
EIC discrete Semiconduc...
HZK6A1L EIC-HZK6A1L Datasheet
141Kb / 3P
   High peak reverse power dissipation
logo
New Jersey Semi-Conduct...
1N6036 NJSEMI-1N6036 Datasheet
147Kb / 2P
   1500 WATTS PEAK POWER DISSIPATION
logo
First Silicon Co., Ltd
P6KEXX FS-P6KEXX Datasheet
325Kb / 4P
   Transient Voltage Suppressors Peak Pulse Power 600W Breakdown Voltage 6.8 to 550V
logo
SeCoS Halbleitertechnol...
SMBJ SECOS-SMBJ Datasheet
422Kb / 4P
   600W Peak Power Surface Mount TVS
SMBJ SECOS-SMBJ_15 Datasheet
79Kb / 4P
   600W Peak Power Surface Mount TVS
logo
Mean Well Enterprises C...
HRP-600N3 MEANWELL-HRP-600N3 Datasheet
727Kb / 6P
   600W Ultra-High Peak Power Supply
2022-03-03
logo
Bruckewell Technology L...
5KP_A BWTECH-5KP_A Datasheet
524Kb / 7P
   5000W Peak Pulse Power
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com