Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MMF17A Datasheet(PDF) 2 Page - Shanghai Semitech Semiconductor Co., Ltd

Part # MMF17A
Description  Glass passivated junction
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMITECH [Shanghai Semitech Semiconductor Co., Ltd]
Direct Link  http://www.semitech.cn
Logo SEMITECH - Shanghai Semitech Semiconductor Co., Ltd

MMF17A Datasheet(HTML) 2 Page - Shanghai Semitech Semiconductor Co., Ltd

  MMF17A Datasheet HTML 1Page - Shanghai Semitech Semiconductor Co., Ltd MMF17A Datasheet HTML 2Page - Shanghai Semitech Semiconductor Co., Ltd MMF17A Datasheet HTML 3Page - Shanghai Semitech Semiconductor Co., Ltd MMF17A Datasheet HTML 4Page - Shanghai Semitech Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MMF5.0A/CA --- MMF190A/CA
Electrical Specification @ Tamb 25°C
Type
Number
Marking
Reverse
Stand-Off
Voltage
Breakdown
Voltage
Min. @IT
Breakdown
Voltage
Max. @ IT
Test
Current
Maximum
Clamping
Voltage
@IPP
Peak
Pulse
Current
Reverse
Leakage
@VRMW
Uni
Bi
Uni
Bi
VRMW(V)
VBR MIN(V)
VBR MAX(V)
IT (mA)
VC(V)
IPP(A)
IR(uA)
MMF5.0A
MMF5.0CA
5.0A
5.0CA
5.0
6.40
7.25
10
9.2
21.7
400.0
MMF6.0A
MMF6.0CA
6.0A
6.0CA
6.0
6.67
7.67
10
10.3
19.4
400.0
MMF6.5A
MMF6.5CA
6.5A
6.5CA
6.5
7.22
8.30
10
11.2
17.9
250.0
MMF7.0A
MMF7.0CA
7.0A
7.0CA
7.0
7.78
8.95
10
12
16.7
100.0
MMF7.5A
MMF7.5CA
7.5A
7.5CA
7.5
8.33
9.58
1.0
12.9
15.5
50.0
MMF8.0A
MMF8.0CA
8.0A
8.0CA
8.0
8.89
10.23
1.0
13.6
14.7
25.0
MMF8.5A
MMF8.5CA
8.5A
8.5CA
8.5
9.44
10.82
1.0
14.4
13.9
10.0
MMF9.0A
MMF9.0CA
9.0A
9.0CA
9.0
10.0
11.5
1.0
15.4
13
5.0
MMF10A
MMF10CA
10A
10CA
10
11.1
12.8
1.0
17
11.8
2.5
MMF11A
MMF11CA
11A
11CA
11
12.2
14.0
1.0
18.2
11
2.5
MMF12A
MMF12CA
12A
12CA
12
13.3
15.3
1.0
19.9
10.1
2.5
MMF13A
MMF13CA
13A
13CA
13
14.4
16.5
1.0
21.5
9.3
1.0
MMF14A
MMF14CA
14A
14CA
14
15.6
17.9
1.0
23.2
8.6
1.0
MMF15A
MMF15CA
15A
15CA
15
16.7
19.2
1.0
24.4
8.2
1.0
MMF16A
MMF16CA
16A
16CA
16
17.8
20.5
1.0
26
7.7
1.0
MMF17A
MMF17CA
17A
17CA
17
18.9
21.7
1.0
27.6
7.2
1.0
MMF18A
MMF18CA
18A
18CA
18
20.0
23.3
1.0
29.2
6.8
1.0
MMF20A
MMF20CA
20A
20CA
20
22.2
25.5
1.0
32.4
6.2
1.0
MMF22A
MMF22CA
22A
22CA
22
24.4
28.0
1.0
35.5
5.6
1.0
MMF24A
MMF24CA
24A
24CA
24
26.7
30.7
1.0
38.9
5.1
1.0
MMF26A
MMF26CA
26A
26CA
26
28.9
33.2
1.0
42.1
4.8
1.0
MMF28A
MMF28CA
28A
28CA
28
31.1
35.8
1.0
45.4
4.4
1.0
MMF30A
MMF30CA
30A
30CA
30
33.3
38.3
1.0
48.4
4.1
1.0
MMF33A
MMF33CA
33A
33CA
33
36.7
42.2
1.0
53.3
3.8
1.0
MMF36A
MMF36CA
36A
36CA
36
40.0
46.0
1.0
58.1
3.4
1.0
MMF40A
MMF40CA
40A
40CA
40
44.4
51.1
1.0
64.5
3.1
1.0
MMF43A
MMF43CA
43A
43CA
43
47.8
54.9
1.0
69.4
2.9
1.0
MMF45A
MMF45CA
45A
45CA
45
50.0
57.5
1.0
72.7
2.8
1.0
MMF48A
MMF48CA
48A
48CA
48
53.3
61.3
1.0
77.4
2.6
1.0
MMF51A
MMF51CA
51A
51CA
51
56.7
65.2
1.0
82.4
2.4
1.0
MMF54A
MMF54CA
54A
54CA
54
60.0
69.0
1.0
87.1
2.3
1.0
MMF58A
MMF58CA
58A
58CA
58
64.4
74.1
1.0
93.6
2.1
1.0
MMF60A
MMF60CA
60A
60CA
60
66.7
76.7
1.0
96.8
1.8
1.0
MMF64A
MMF64CA
64A
64CA
64
71.1
81.8
1.0
103
1.7
1.0
MMF70A
MMF70CA
70A
70CA
70
77.8
89.5
1.0
113
1.5
1.0
MMF75A
MMF75CA
75A
75CA
75
83.3
95.8
1.0
121
1.4
1.0
MMF78A
MMF78CA
78A
78CA
78
86.7
99.7
1.0
126
1.4
1.0
WWW.SEMITECH.CN


Similar Part No. - MMF17A

ManufacturerPart #DatasheetDescription
logo
SUNMATE electronic Co.,...
MMF17A SUNMATE-MMF17A Datasheet
811Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR DIODE
logo
Shanghai Semitech Semic...
MMF17A SEMITECH-MMF17A Datasheet
497Kb / 5P
   Low profile package
logo
Zibo Seno Electronic En...
MMF17A ZSELEC-MMF17A Datasheet
244Kb / 4P
   5.0 to 19 0Volts 200Watts SMD TRANSIENT VOLTAGE SUPPRESSORS
logo
Shanghai Leiditech Elec...
MMF17A LEIDITECH-MMF17A Datasheet
485Kb / 4P
   Working peak reverse voltage range ??5.0V to 190V
More results

Similar Description - MMF17A

ManufacturerPart #DatasheetDescription
logo
SynSemi, Inc.
GN3A SYNSEMI-GN3A Datasheet
40Kb / 2P
   GLASS PASSIVATED JUNCTION GLASS PASSIVATED JUNCTION
logo
Littelfuse
T10B LITTELFUSE-T10B Datasheet
70Kb / 1P
   Glass passivated junction
logo
Leshan Radio Company
FR156G LRC-FR156G_15 Datasheet
206Kb / 7P
   Glass Passivated Junction
RGP30J LRC-RGP30J_15 Datasheet
195Kb / 7P
   Glass Passivated Junction
UGP10D LRC-UGP10D_15 Datasheet
305Kb / 7P
   Glass Passivated Junction
1N4944G LRC-1N4944G_15 Datasheet
199Kb / 7P
   Glass Passivated Junction
UGP10B LRC-UGP10B_15 Datasheet
305Kb / 7P
   Glass Passivated Junction
logo
Jinan Jing Heng Electro...
U1A JINGHENG-U1A Datasheet
69Kb / 2P
   GLASS PASSIVATED JUNCTION
logo
Taiwan Semiconductor Co...
ABS6-T TSC-ABS6-T Datasheet
240Kb / 4P
   Glass passivated junction
logo
Leshan Radio Company
EGP15J LRC-EGP15J_15 Datasheet
207Kb / 7P
   Glass Passivated Junction
EGP30D LRC-EGP30D_15 Datasheet
195Kb / 7P
   Glass Passivated Junction
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com