Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

72251L10PFG8 Datasheet(PDF) 4 Page - Integrated Device Technology

Part # 72251L10PFG8
Description  CMOS SyncFIFO
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

72251L10PFG8 Datasheet(HTML) 4 Page - Integrated Device Technology

  72251L10PFG8 Datasheet HTML 1Page - Integrated Device Technology 72251L10PFG8 Datasheet HTML 2Page - Integrated Device Technology 72251L10PFG8 Datasheet HTML 3Page - Integrated Device Technology 72251L10PFG8 Datasheet HTML 4Page - Integrated Device Technology 72251L10PFG8 Datasheet HTML 5Page - Integrated Device Technology 72251L10PFG8 Datasheet HTML 6Page - Integrated Device Technology 72251L10PFG8 Datasheet HTML 7Page - Integrated Device Technology 72251L10PFG8 Datasheet HTML 8Page - Integrated Device Technology 72251L10PFG8 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
COMMERCIALANDINDUSTRIAL
TEMPERATURERANGES
IDT72421/72201/72211/72221/72231/72241/72251 CMOS SyncFIFO™
64 x 9, 256 x 9, 512 x 9, 1,024 x 9, 2,048 x 9, 4,096 x 9 and 8,192 x 9
4
©
Figure 1. Output Load
*includesjigandscopecapacitances
or equivalent circuit
AC ELECTRICAL CHARACTERISTICS
(Commercial: VCC = 5V ± 10%, TA = 0
°C to +70°C; Industrial: VCC = 5V ± 10%, TA = –40°C to +85°C)
Commercial
Com'l & Ind'l(1)
Com'l & Ind'l(1)
IDT72421L10
IDT72421L15
IDT72421L25
IDT72201L10
IDT72201L15
IDT72201L25
IDT72211L10
IDT72211L15
IDT72211L25
IDT72221L10
IDT72221L15
IDT72221L25
IDT72231L10
IDT72231L15
IDT72231L25
IDT72241L10
IDT72241L15
IDT72241L25
IDT72251L10
IDT72251L15
IDT72251L25
Symbol
Parameter
Min.
Max.
Min.
Max.
Min.
Max.
Unit
fS
Clock Cycle Frequency
100
66.7
40
MHz
tA
DataAccessTime
2
6.5
2
10
2
15
ns
tCLK
Clock Cycle Time
10
15
25
ns
tCLKH
ClockHighTime
4.5
6
10
ns
tCLKL
Clock Low Time
4.5
6
10
ns
tDS
DataSetupTime
3
4
6
ns
tDH
Data Hold Time
0.5
1
1
ns
tENS
EnableSetupTime
3
4
6
ns
tENH
Enable Hold Time
0.5
1
1
ns
tRS
ResetPulseWidth(2)
10
15
15
ns
tRSS
ResetSetupTime
8
10
15
ns
tRSR
Reset Recovery Time
8
10
15
ns
tRSF
Reset to Flag and Output Time
10
15
25
ns
tOLZ
OutputEnabletoOutputinLow-Z(3)
0—
0
0
ns
tOE
OutputEnabletoOutputValid
3
6
3
8
3
13
ns
tOHZ
OutputEnabletoOutputinHigh-Z(3)
36
3
8
3
13
ns
tWFF
Write Clock to Full Flag
6.5
10
15
ns
tREF
Read Clock to Empty Flag
6.5
10
15
ns
tPAF
WriteClocktoProgrammableAlmost-FullFlag
6.5
10
15
ns
tPAE
ReadClocktoProgrammableAlmost-EmptyFlag
6.5
10
15
ns
tSKEW1
Skew time between Read Clock & Write Clock for
5
6
10
ns
Empty Flag & Full Flag
tSKEW2
Skew time between Read Clock & Write Clock for
14
15
18
ns
Almost-EmptyFlag&ProgrammableAlmost-FullFlag
NOTES:
1. Industrial temperature range product for the 15ns and 25ns speed grades are available as standard product.
2. Pulse widths less than minimum values are not allowed.
3. Values guaranteed by design, not currently tested.
In Pulse Levels
GND to 3.0V
Input Rise/Fall Times
3ns
Input Timing Reference Levels
1.5V
Output Reference Levels
1.5V
Output Load
See Figure 1
CAPACITANCE(Ta=+25°C,f=1.0MHz)
Symbol
Parameter
Conditions
Max.
Unit
CIN(2)
InputCapacitance
VIN = 0V
10
pF
COUT(1,2)
OutputCapacitance
VOUT = 0V
10
pF
30pF*
1.1K
5V
680
Ω
D.U.T.
2655 drw 03
NOTES:
1. With output deselected (OE
≥ VIH).
2. Characterized values, not currently tested.
AC TEST CONDITIONS


Similar Part No. - 72251L10PFG8

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
72251L10PFG8 RENESAS-72251L10PFG8 Datasheet
301Kb / 15P
   CMOS SyncFIFO™
NOVEMBER 2017
More results

Similar Description - 72251L10PFG8

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72420 IDT-IDT72420_05 Datasheet
97Kb / 11P
   CMOS SyncFIFO
IDT72420 IDT-IDT72420_13 Datasheet
258Kb / 11P
   CMOS SyncFIFO
IDT723631 IDT-IDT723631_14 Datasheet
347Kb / 20P
   CMOS SyncFIFO
IDT72205LB IDT-IDT72205LB_13 Datasheet
338Kb / 16P
   CMOS SyncFIFO
IDT72801 IDT-IDT72801 Datasheet
158Kb / 16P
   DUAL CMOS SyncFIFO
IDT72811 IDT-IDT72811 Datasheet
231Kb / 21P
   DUAL CMOS SyncFIFO
IDT72801 IDT-IDT72801_13 Datasheet
344Kb / 10P
   DUAL CMOS SyncFIFO
IDT72805LB IDT-IDT72805LB_16 Datasheet
265Kb / 26P
   CMOS DUAL SyncFIFO
logo
Renesas Technology Corp
IDT72420 RENESAS-IDT72420 Datasheet
257Kb / 12P
   CMOS SyncFIFO™
FEBRUARY 2018
IDT72421 RENESAS-IDT72421 Datasheet
301Kb / 15P
   CMOS SyncFIFO™
NOVEMBER 2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com