Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

72245LB10JG8 Datasheet(PDF) 1 Page - Integrated Device Technology

Part # 72245LB10JG8
Description  CMOS SyncFIFO
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

72245LB10JG8 Datasheet(HTML) 1 Page - Integrated Device Technology

  72245LB10JG8 Datasheet HTML 1Page - Integrated Device Technology 72245LB10JG8 Datasheet HTML 2Page - Integrated Device Technology 72245LB10JG8 Datasheet HTML 3Page - Integrated Device Technology 72245LB10JG8 Datasheet HTML 4Page - Integrated Device Technology 72245LB10JG8 Datasheet HTML 5Page - Integrated Device Technology 72245LB10JG8 Datasheet HTML 6Page - Integrated Device Technology 72245LB10JG8 Datasheet HTML 7Page - Integrated Device Technology 72245LB10JG8 Datasheet HTML 8Page - Integrated Device Technology 72245LB10JG8 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1
MARCH 2013
IDT72205LB, IDT72215LB,
IDT72225LB, IDT72235LB,
IDT72245LB
IDT and the IDT logo are registered trademarks of Integrated Device Technology, Inc. SyncFIFO is a trademark of Integrated Device Technology, Inc.
COMMERCIAL AND INDUSTRIAL TEMPERATURE RANGES
©2013 Integrated Device Technology, Inc. All rights reserved. Product specifications subject to change without notice.
DSC-2766/3
CMOS SyncFIFOTM
256 x 18, 512 x 18, 1,024 x 18,
2,048 x 18, and 4,096 x 18
FEATURES:
••••• 256 x 18-bit organization array (IDT72205LB)
••••• 512 x 18-bit organization array (IDT72215LB)
••••• 1,024 x 18-bit organization array (IDT72225LB)
••••• 2,048 x 18-bit organization array (IDT72235LB)
••••• 4,096 x 18-bit organization array (IDT72245LB)
••••• 10 ns read/write cycle time
••••• Empy and Full flags signal FIFO status
••••• Easy expandable in depth and width
••••• Asynchronous or coincident read and write clocks
••••• Programmable Almost-Empty and Almost-Full flags with
default settings
••••• Half-Full flag capability
••••• Dual-Port zero fall-through time architecture
••••• Output enable puts output data bus in high-impedence state
••••• High-performance submicron CMOS technology
••••• Available in a 64-lead thin quad flatpack (TQFP/STQFP)
and plastic leaded chip carrier (PLCC)
••••• Industrial temperature range (–40
°°°°°C to +85°°°°°C) is available
••••• Green parts available, see ordering information
DESCRIPTION:
The IDT72205LB/72215LB/72225LB/72235LB/72245LB are very high
speed,low-powerFirst-In,First-Out(FIFO)memorieswithclockedreadand
FUNCTIONAL BLOCK DIAGRAM
INPUT REGISTER
OUTPUT REGISTER
RAM ARRAY
256 x 18, 512 x 18
1,024 x 18, 2,048 x 18
4,096 x 18
••
OFFSET REGISTER
FLAG
LOGIC
/(
)
READ POINTER
READ CONTROL
LOGIC
WRITE CONTROL
LOGIC
WRITE POINTER
EXPANSION LOGIC
RESET LOGIC
WCLK
D0-D17
(
)/
RCLK
Q0-Q17
2766 drw 01
writecontrols.TheseFIFOsareapplicableforawidevarietyofdatabuffering
needs, such as optical disk controllers, Local Area Networks (LANs), and
interprocessorcommunication.
TheseFIFOshave18-bitinputandoutputports.Theinputportiscontrolled
byafree-runningclock(WCLK),andaninputenablepin(WEN).Dataisread
intothesynchronousFIFOoneveryclockwhenWENisasserted.Theoutput
portiscontrolledbyanotherclockpin(RCLK)andanotherenablepin(REN).
The read clock can be tied to the write clock for single clock operation or the
twoclockscanrunasynchronousofoneanotherfordual-clockoperation. An
Output Enable pin (OE) is provided on the read port for three-state control of
theoutput.
The synchronous FIFOs have two fixed flags, Empty (EF) and Full (FF),
andtwoprogrammableflags,Almost-Empty(PAE)andAlmost-Full(PAF).The
offsetloadingoftheprogrammableflagsiscontrolledbyasimplestatemachine,
andisinitiatedbyassertingtheLoadpin(LD). AHalf-Fullflag(HF)isavailable
when the FIFO is used in a single device configuration.
ThesedevicesaredepthexpandableusingaDaisy-Chaintechnique.The
XI and XO pins are used to expand the FIFOs. In depth expansion configu-
ration, First Load (FL) is grounded on the first device and set to HIGH for all
other devices in the Daisy Chain.
The IDT72205LB/72215LB/72225LB/72235LB/72245LB is fabricated
using high-speed submicron CMOS technology.


Similar Part No. - 72245LB10JG8

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
72245LB10JG8 RENESAS-72245LB10JG8 Datasheet
313Kb / 17P
   CMOS SyncFIFOTM
NOVEMBER 2017
More results

Similar Description - 72245LB10JG8

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72420 IDT-IDT72420_05 Datasheet
97Kb / 11P
   CMOS SyncFIFO
IDT72421 IDT-IDT72421_13 Datasheet
291Kb / 14P
   CMOS SyncFIFO
IDT72420 IDT-IDT72420_13 Datasheet
258Kb / 11P
   CMOS SyncFIFO
IDT723631 IDT-IDT723631_14 Datasheet
347Kb / 20P
   CMOS SyncFIFO
IDT72801 IDT-IDT72801 Datasheet
158Kb / 16P
   DUAL CMOS SyncFIFO
IDT72811 IDT-IDT72811 Datasheet
231Kb / 21P
   DUAL CMOS SyncFIFO
IDT72801 IDT-IDT72801_13 Datasheet
344Kb / 10P
   DUAL CMOS SyncFIFO
IDT72805LB IDT-IDT72805LB_16 Datasheet
265Kb / 26P
   CMOS DUAL SyncFIFO
logo
Renesas Technology Corp
IDT72420 RENESAS-IDT72420 Datasheet
257Kb / 12P
   CMOS SyncFIFO™
FEBRUARY 2018
IDT72421 RENESAS-IDT72421 Datasheet
301Kb / 15P
   CMOS SyncFIFO™
NOVEMBER 2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com