Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HY62WT08081E-DTI Datasheet(PDF) 11 Page - Hynix Semiconductor

Part # HY62WT08081E-DTI
Description  HY62WT08081E Series 32Kx8bit CMOS SRAM
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HY62WT08081E-DTI Datasheet(HTML) 11 Page - Hynix Semiconductor

Back Button HY62WT08081E-DTI Datasheet HTML 5Page - Hynix Semiconductor HY62WT08081E-DTI Datasheet HTML 6Page - Hynix Semiconductor HY62WT08081E-DTI Datasheet HTML 7Page - Hynix Semiconductor HY62WT08081E-DTI Datasheet HTML 8Page - Hynix Semiconductor HY62WT08081E-DTI Datasheet HTML 9Page - Hynix Semiconductor HY62WT08081E-DTI Datasheet HTML 10Page - Hynix Semiconductor HY62WT08081E-DTI Datasheet HTML 11Page - Hynix Semiconductor HY62WT08081E-DTI Datasheet HTML 12Page - Hynix Semiconductor HY62WT08081E-DTI Datasheet HTML 13Page - Hynix Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
HY62WT08081E Series
Rev 04 / May. 2001
10
PACKAGE INFORMATION
28pin 600mil Dual In-Line Package(Blank)
UNIT : INCH(mm)
MIN.
MAX.
1.467(37.262)
1.447(36.754)
0.140(3.556)
0.120(3.048)
0.155(3.937)
0.145(3.683)
0.020(0.508)
0.021(0.533)
0.015(0.381)
0.100(2.54)BSC
0.065(1.650)
0.050(1.270)
0.090(2.286)
0.070(1.778)
0.014(0.356)
0.008(0.200)
0.600(15.240)BSC
0.550(13.970)
0.530(13.462)
0.035(0.889)
3 deg
11 deg
28pin 330mil Small Outline Package(FW)
UNIT : INCH(mm)
0.346(8.788)
0.338(8.585)
0.480(12.192)
0.460(11.684)
0.110(2.794)
0.094(2.388)
0.014(0.356)
0.002(0.051)
0.050(1.270)BSC
0.020(0.508)
0.014(0.356)
0.728(18.491)
0.720(18.288)
0.012(0.305)
0.008(0.203)
0.050(1.270)
0.030(0.762)
MAX
.MIN.


Similar Part No. - HY62WT08081E-DTI

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY62256A HYNIX-HY62256A Datasheet
820Kb / 9P
   32Kx8bit CMOS SRAM
logo
List of Unclassifed Man...
HY62256A ETC-HY62256A Datasheet
795Kb / 14P
   DRAM & SRAM MEMORY
HY62256A-I ETC-HY62256A-I Datasheet
795Kb / 14P
   DRAM & SRAM MEMORY
logo
Hynix Semiconductor
HY62256AJ HYNIX-HY62256AJ Datasheet
820Kb / 9P
   32Kx8bit CMOS SRAM
logo
List of Unclassifed Man...
HY62256AJ ETC-HY62256AJ Datasheet
795Kb / 14P
   DRAM & SRAM MEMORY
More results

Similar Description - HY62WT08081E-DTI

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY62KT08081E HYNIX-HY62KT08081E Datasheet
192Kb / 12P
   32Kx8bit CMOS SRAM
HY62256A HYNIX-HY62256A Datasheet
820Kb / 9P
   32Kx8bit CMOS SRAM
HY62CT08081E HYNIX-HY62CT08081E Datasheet
186Kb / 12P
   32Kx8bit CMOS SRAM
logo
Samsung semiconductor
K6T4016C3C SAMSUNG-K6T4016C3C Datasheet
148Kb / 9P
   CMOS SRAM
KM6164002 SAMSUNG-KM6164002 Datasheet
167Kb / 9P
   CMOS SRAM
K6X8008T2B SAMSUNG-K6X8008T2B Datasheet
129Kb / 9P
   CMOS SRAM
K6R4008V1B SAMSUNG-K6R4008V1B Datasheet
214Kb / 10P
   CMOS SRAM
logo
Hynix Semiconductor
HY62V8200B HYNIX-HY62V8200B Datasheet
187Kb / 12P
   HY62V8200B Series 256Kx8bit CMOS SRAM
logo
List of Unclassifed Man...
STK11C68-M ETC-STK11C68-M Datasheet
59Kb / 10P
   CMOS NV SRAM
logo
Hynix Semiconductor
HY628100A HYNIX-HY628100A Datasheet
128Kb / 9P
   128Kx8bit CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com