Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HY29F400TG70 Datasheet(PDF) 8 Page - Hynix Semiconductor

Part # HY29F400TG70
Description  4 Megabit (512Kx8/256Kx16) 5 Volt-only Flash Memory
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HY29F400TG70 Datasheet(HTML) 8 Page - Hynix Semiconductor

Back Button HY29F400TG70 Datasheet HTML 4Page - Hynix Semiconductor HY29F400TG70 Datasheet HTML 5Page - Hynix Semiconductor HY29F400TG70 Datasheet HTML 6Page - Hynix Semiconductor HY29F400TG70 Datasheet HTML 7Page - Hynix Semiconductor HY29F400TG70 Datasheet HTML 8Page - Hynix Semiconductor HY29F400TG70 Datasheet HTML 9Page - Hynix Semiconductor HY29F400TG70 Datasheet HTML 10Page - Hynix Semiconductor HY29F400TG70 Datasheet HTML 11Page - Hynix Semiconductor HY29F400TG70 Datasheet HTML 12Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 40 page
background image
8
Rev. 5.2/May 01
HY29F400
Figure 1. Sector Protect Procedure
If RESET# is asserted during a program or erase
operation, the RY/BY# pin remains Low (busy) until
the internal reset operation is complete, which re-
quires a time of t
READY (during Automatic Algo-
rithms). The system can thus monitor RY/BY# to
determine when the reset operation completes,
and can perform a read or write operation t
RB after
RY/BY# goes High. If RESET# is asserted when
a program or erase operation is not executing (RY/
BY# pin is High), the reset operation is completed
within a time of t
RP. In this case, the host can per-
form a read or write operation t
RH after the RE-
SET# pin returns High .
The RESET# pin may be tied to the system reset
signal. Thus, a system reset would also reset the
device, enabling the system to read the boot-up
firmware from the Flash memory.
Sector Protect/Unprotect Operations
Hardware sector protection can be invoked to dis-
able program and erase operations in any single
sector or combination of sectors. This function is
typically used to protect data in the device from
unauthorized or accidental attempts to program
or erase the device while it is in the system (e.g.,
by a virus) and is implemented using program-
ming equipment. Sector unprotection re-enables
the program and erase operations in previously
protected sectors.
Table 1 identifies the eleven sectors and the ad-
dress range that each covers for both versions of
the device. The device is shipped with all sectors
unprotected.
The sector protect/unprotect operations require a
high voltage (V
ID) on address pin A[9] and the CE#
and/or OE# control pins, as detailed in Table 3.
When implementing these operations, note that
V
CC must be applied to the device before applying
V
ID, and that VID should be removed before remov-
ing V
CC from the device.
The flow chart in Figure 1 illustrates the proce-
dure for protecting sectors, and timing specifica-
tions and waveforms are shown in the specifica-
tions section of this document. Verification of pro-
tection is accomplished as described in the Elec-
tronic ID Mode section and shown in the flow chart.
START
Set TRYCNT = 1
Set A[9] = OE# = V
ID
Set Address:
A[17:12] = Sector to Protect
CE# = V
IL
RESET# = V
IH
WE# = V
IL
Wait t
WPP1
A[9] = V
ID
A[17:12] = Sector to Protect
OE# = CE# = V
IL
A[6] = A[0] = V
IL , A[1] = V IH
Read Data
Data = 0x01?
Protect Another
Sector?
YES
TRYCNT = 25?
NO
Increment TRYCNT
NO
YES
DEVICE FAILURE
YES
NO
Remove V
ID from A[9]
SECTOR PROTECT
COMPLETE
APPLY V
CC
WE# = V
IH


Similar Part No. - HY29F400TG70

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY29F400A HYNIX-HY29F400A Datasheet
591Kb / 40P
   4 Megabit (512Kx8/256Kx16) 5 Volt-only Flash Memory
HY29F400ABG-50 HYNIX-HY29F400ABG-50 Datasheet
591Kb / 40P
   4 Megabit (512Kx8/256Kx16) 5 Volt-only Flash Memory
HY29F400ABG-50I HYNIX-HY29F400ABG-50I Datasheet
591Kb / 40P
   4 Megabit (512Kx8/256Kx16) 5 Volt-only Flash Memory
HY29F400ABG-55 HYNIX-HY29F400ABG-55 Datasheet
591Kb / 40P
   4 Megabit (512Kx8/256Kx16) 5 Volt-only Flash Memory
HY29F400ABG-55I HYNIX-HY29F400ABG-55I Datasheet
591Kb / 40P
   4 Megabit (512Kx8/256Kx16) 5 Volt-only Flash Memory
More results

Similar Description - HY29F400TG70

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY29F400A HYNIX-HY29F400A Datasheet
591Kb / 40P
   4 Megabit (512Kx8/256Kx16) 5 Volt-only Flash Memory
logo
ATMEL Corporation
AT49F040B ATMEL-AT49F040B Datasheet
239Kb / 19P
   4-megabit (512K x 8) 5-volt Only Flash Memory
AT49F040A ATMEL-AT49F040A Datasheet
248Kb / 16P
   4-megabit (512K x 8) 5-volt Only Flash Memory
AT49F040A-70JU ATMEL-AT49F040A-70JU Datasheet
284Kb / 17P
   4-megabit (512K x 8) 5-volt Only Flash Memory
AT49F040 ATMEL-AT49F040 Datasheet
229Kb / 10P
   4-Megabit 512K x 8 5-volt Only CMOS Flash Memory
AT49F040 ATMEL-AT49F040 Datasheet
245Kb / 10P
   4 Megabit 512K x 8 5-volt Only CMOS Flash Memory
logo
Hynix Semiconductor
HY29F800A HYNIX-HY29F800A Datasheet
263Kb / 40P
   8 Megabit (1Mx8/512Kx16), 5 Volt-only, Flash Memory
HY29F800 HYNIX-HY29F800 Datasheet
509Kb / 40P
   8 Megabit (1Mx8/512Kx16), 5 Volt-only, Flash Memory
logo
ATMEL Corporation
AT49F040T ATMEL-AT49F040T Datasheet
232Kb / 12P
   4-Megabit (512K x 8) 5-volt Only CMOS Flash Memory
AT49F4096 ATMEL-AT49F4096 Datasheet
643Kb / 11P
   4 Megabit 256K x 16 5-volt Only CMOS Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com