Electronic Components Datasheet Search |
|
7016L12GG Datasheet(PDF) 6 Page - Integrated Device Technology |
|
7016L12GG Datasheet(HTML) 6 Page - Integrated Device Technology |
6 / 21 page 6.42 IDT7016S/L High-Speed 16K x 9 Dual-Port Static RAM Military, Industrial and Commercial Temperature Ranges 6 DC Electrical Characteristics Over the Operating Temperature and Supply Voltage Range(1) (con't.) (VCC = 5.0V ± 10%) NOTES: 1. 'X' in part numbers indicates power rating (S or L) 2. VCC = 5V, TA = +25°C, and are not production tested. ICCDC = 120mA(typ.) 3. At f = fMAX , address and I/Os are cycling at the maximum frequency read cycle of 1/tRC. 4. f = 0 means no address or control lines change. 5. Port "A" may be either left or right port. Port "B" is the opposite of Port "A". 7016X12 Com'l Only 7016X15 Com'l Only Symbol Parameter Test Condition Version Typ.(2) Max. Typ.(2) Max. Unit ICC Dynamic Operating Current (Both Ports Active) CE = VIL, Outputs Disabled SEM = VIH f = fMAX(3) COM'L S L 170 170 325 275 170 170 310 260 mA MIL & IND S L ____ ____ ____ ____ ____ ____ ____ ____ ISB1 Standby Current (Both Ports - TTL Level Inputs) CER = CEL = VIH SEMR = SEML = VIH f = fMAX(3) COM'L S L 25 25 70 60 25 25 60 50 mA MIL & IND S L ____ ____ ____ ____ ____ ____ ____ ____ ISB2 Standby Current (One Port - TTL Level Inputs) CE"A" = VIL and CE"B" = VIH(5) Active Port Outputs Disabled, f=fMAX(3) SEMR = SEML = VIH COM'L S L 105 105 200 170 105 105 190 160 mA MIL & IND S L ____ ____ ____ ____ ____ ____ ____ ____ ISB3 Full Standby Current (Both Ports - All CMOS Level Inputs) Both Ports CEL and CER > VCC - 0.2V VIN > VCC - 0.2V or VIN < 0.2V, f = 0(4) SEMR = SEML > VCC - 0.2V COM'L S L 1.0 0.2 15 5 1.0 0.2 15 5 mA MIL & IND S L ____ ____ ____ ____ ____ ____ ____ ____ ISB4 Full Standby Current (One Port - All CMOS Level Inputs) CE"A" < 0.2V and CE"B" > VCC - 0.2V(5) SEMR = SEML > VCC - 0.2V VIN > VCC - 0.2V or VIN < 0.2V Active Port Outputs Disabled f = fMAX(3) COM'L S L 100 100 180 150 100 100 170 140 mA MIL & IND S L ____ ____ ____ ____ ____ ____ ____ ____ 3190 tbl 10 7016X20 Com'l, Ind & Military 7016X25 Com'l & Military 7016X35 Com'l & Military Symbol Parameter Test Condition Version Typ.(2) Max. Typ.(2) Max. Typ.(2) Max. Unit ICC Dynamic Operating Current (Both Ports Active) CE = VIL, Outputs Disabled SEM = VIH f = fMAX(3) COM'L S L 160 160 290 240 155 155 265 220 150 150 250 210 mA MIL & IND S L 160 160 380 310 155 155 340 280 150 150 300 250 ISB1 Standby Current (Both Ports - TTL Level Inputs) CER = CEL = VIH SEMR = SEML = VIH f = fMAX(3) COM'L S L 20 20 60 50 16 16 60 50 13 13 60 50 mA MIL & IND S L 20 20 80 65 16 16 80 65 13 13 80 65 ISB2 Standby Current (One Port - TTL Level Inputs) CE"A" = VIL and CE"B" = VIH(5) Active Port Outputs Disabled, f=fMAX(3) SEMR = SEML = VIH COM'L S L 95 95 180 150 90 90 170 140 85 85 155 130 mA MIL & IND S L 95 95 240 210 90 90 215 180 85 85 190 160 ISB3 Full Standby Current (Both Ports - All CMOS Level Inputs) Both Ports CEL and CER > VCC - 0.2V VIN > VCC - 0.2V or VIN < 0.2V, f = 0(4) SEMR = SEML > VCC - 0.2V COM'L S L 1.0 0.2 15 5 1.0 0.2 15 5 1.0 0.2 15 5 mA MIL & IND S L 1.0 0.2 30 10 1.0 0.2 30 10 1.0 0.2 30 10 ISB4 Full Standby Current (One Port - All CMOS Level Inputs) CE"A" < 0.2V and CE"B" > VCC - 0.2V(5) SEMR = SEML > VCC - 0.2V VIN > VCC - 0.2V or VIN < 0.2V Active Port Outputs Disabled f = fMAX(3) COM'L S L 90 90 155 130 85 85 145 120 80 80 135 110 mA MIL & IND S L 90 90 230 200 85 85 200 170 80 80 175 150 3190 tbl 11 |
Similar Part No. - 7016L12GG |
|
Similar Description - 7016L12GG |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |