Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

7142LA35FGI8 Datasheet(PDF) 3 Page - Integrated Device Technology

Part # 7142LA35FGI8
Description  HIGH SPEED 2K x 8 DUAL PORT STATIC RAM
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

7142LA35FGI8 Datasheet(HTML) 3 Page - Integrated Device Technology

  7142LA35FGI8 Datasheet HTML 1Page - Integrated Device Technology 7142LA35FGI8 Datasheet HTML 2Page - Integrated Device Technology 7142LA35FGI8 Datasheet HTML 3Page - Integrated Device Technology 7142LA35FGI8 Datasheet HTML 4Page - Integrated Device Technology 7142LA35FGI8 Datasheet HTML 5Page - Integrated Device Technology 7142LA35FGI8 Datasheet HTML 6Page - Integrated Device Technology 7142LA35FGI8 Datasheet HTML 7Page - Integrated Device Technology 7142LA35FGI8 Datasheet HTML 8Page - Integrated Device Technology 7142LA35FGI8 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
6.42
IDT7132SA/LA and IDT 7142SA/LA
High Speed 2K x 8 Dual Port Static RAM
Military, Industrial and Commercial Temperature Ranges
3
Absolute Maximum Ratings(1)
Recommended DC Operating
Conditions
Recommended Operating
Temperature and Supply Voltage(1,2)
NOTES:
1. Stresses greater than those listed under ABSOLUTE MAXIMUM RATINGS may
cause permanent damage to the device. This is a stress rating only and functional
operation of the device at these or any other conditions above those indicated in
the operational sections of the specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect reliability.
2. VTERM must not exceed Vcc + 10% for more than 25% of the cycle time or 10ns
maximum, and is limited to < 20mA for the period of VTERM > Vcc + 10%.
NOTES:
1. This is the parameter TA. This is the "instant on" case temperature.
2. Industrial temperature: for specific speeds, packages and powers contact your
sales office.
NOTES:
1. VIL (min.) = -1.5V for pulse width less than 10ns.
2. VTERM must not exceed Vcc + 10%.
NOTES:
1. All VCC pins must be connected to the power supply.
2. All GND pins must be connected to the ground supply.
3. Package body is approximately .75 in x .75 in x .17 in.
4. This package code is used to reference the package diagram.
5. This text does not indicate orientation of the actual part-marking.
Pin Configurations(1,2,3) (con't.)
Symbol
Rating
Commercial
& Industrial
Military
Unit
VTERM(2)
Terminal Voltage
with Respect
to GND
-0.5 to +7.0
-0.5 to +7.0
V
TBIAS
Temperature
Under Bias
-55 to +125
-65 to +135
o
C
TSTG
Storage
Temperature
-65 to +150
-65 to +150
o
C
IOUT
DC Output
Current
50
50
mA
2692 tbl 01
Grade
Ambient
Temperature
GND
Vcc
Military
-55OC to+125OC0V
5.0V
+ 10%
Commercial
0OC to +70OC0V
5.0V
+ 10%
Industrial
-40OC to +85OC0V
5.0V
+ 10%
2692 tbl 02
Symbol
Parameter
Min.
Typ.
Max.
Unit
VCC
Supply Voltage
4.5
5.0
5.5
V
GND
Ground
0
0
0
V
VIH
Input High Voltage
2.2
____
6.0(2)
V
VIL
Input Low Voltage
-0.5(1)
____
0.8
V
2692 tbl 03


Similar Part No. - 7142LA35FGI8

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
7142 POMONA-7142 Datasheet
113Kb / 1P
   Cable Mounted 쩌??Phone Plugs and Jack
logo
List of Unclassifed Man...
7142 ETC2-7142 Datasheet
268Kb / 1P
   ROUND INSTRUMENTATION HANDLES
logo
Coto Technology
7142 COTO-7142 Datasheet
1Mb / 4P
   7000 SERIES/HIGH RELIABILITY REED RELAYS
logo
Renesas Technology Corp
71421LA RENESAS-71421LA Datasheet
492Kb / 19P
   HIGH SPEED 2K X 8 DUAL-PORT STATIC RAM WITH INTERRUPTS
SEPTEMBER 2019
logo
Integrated Device Techn...
71421LA20JG IDT-71421LA20JG Datasheet
143Kb / 17P
   HIGH SPEED 2K X 8 DUAL-PORT STATIC RAM
More results

Similar Description - 7142LA35FGI8

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT71321SA IDT-IDT71321SA_08 Datasheet
143Kb / 17P
   HIGH SPEED 2K X 8 DUAL-PORT STATIC RAM
IDT7132SA IDT-IDT7132SA_18 Datasheet
169Kb / 16P
   HIGH SPEED 2K x 8 DUAL PORT STATIC RAM
IDT71321SA IDT-IDT71321SA_18 Datasheet
184Kb / 18P
   HIGH SPEED 2K X 8 DUAL-PORT STATIC RAM
7132SA100J IDT-7132SA100J Datasheet
292Kb / 16P
   HIGH SPEED 2K x 8 DUAL PORT STATIC RAM
7132SA55JI IDT-7132SA55JI Datasheet
292Kb / 16P
   HIGH SPEED 2K x 8 DUAL PORT STATIC RAM
IDT7132SA IDT-IDT7132SA Datasheet
175Kb / 11P
   HIGH-SPEED 2K x 8 DUAL-PORT STATIC RAM
logo
Cypress Semiconductor
CY7C132 CYPRESS-CY7C132_05 Datasheet
562Kb / 18P
   2K x 8 Dual-Port Static RAM
CY7C146 CYPRESS-CY7C146 Datasheet
455Kb / 15P
   2K x 8 Dual-Port Static RAM
CY7C136 CYPRESS-CY7C136 Datasheet
455Kb / 15P
   2K x 8 Dual-Port Static RAM
CY7C132 CYPRESS-CY7C132_12 Datasheet
364Kb / 17P
   2K x 8 Dual-Port Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com