Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ASR433.42E Datasheet(PDF) 1 Page - Abracon Corporation

Part # ASR433.42E
Description  SMD ONE PORT 433.42 MHz SAW RESONATOR
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ASR433.42E Datasheet(HTML) 1 Page - Abracon Corporation

  ASR433.42E Datasheet HTML 1Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
3
5
0.047
(1.20)
0.08
(2.08)
0.024
(0.60)
4
6
5
7
8
8
7
6
0.47
(1.20)
2
3
1
0.053
(1.35)
2
1
0.05
(1.27)
0.20±.008
(5.0±0.2)
4
0.1±.006
(2.54±0.15)
Dimensions: inch (mm)
MARKING:
- 433.42R
(433.42 Frequency in MHz)
- A ZYX
(ZY: Date code Z for month
from A to L; Y for year,
I.e. 4 for 2004
X: Traceability code)
PIN NO. CONNECTIONS
2
6
4 & 8
1,3,5,7
Input/Output
Output/Input
Case Ground
N/C
To 50Ω Load
5
6
7
4
3
To 50Ω Load
8
1
2
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
ABRACON IS
CERTIFIED
30332 Esperanza, Rancho Santa Margarita, California 92688
tel 949-546-8000 | fax 949-546-8001 | www.abracon.com
|||| | ||||||||| |
ASR433.42E
5 x 5 x 1.35mm
SMD ONE PORT 433.42 MHz SAW RESONATOR
SMD ONE PORT 433.42 MHz SAW RESONATOR
STANDARD SPECIFICATIONS:
FREQUENCY RESPONSE:
OUTLINE DRAWING:
TEST CIRCUIT:
Data measured with: Source Impedance: Zs=50Ω, Load Impedance: ZL=50Ω, TA=25°C
Electrostatic Sensitive Device. Handle with precaution.
.
X
A
M
.
P
Y
T
.
N
I
M
T
I
N
U
S
C
I
T
S
I
R
E
T
C
A
R
A
H
C
Center Frequency Fo
Tolerance from Fo
Insertion Loss
Quality Factor
Unloaded
50loaded
Temperature Stability
Turnover Temperature
Turnover Frequency
Freq. Temp. Coefficient
Frequency Aging
DC Insulation Resistance
RF Equivalent RLC Model
Motional Resistance R1
Motional Inductance L1
Motional Capacitance C1
Shunt Capacitance C0
Operating temp.
°C
Storage temp.
°C
Max. Rating
DC voltage
V
RF Power Dissipation
dBm
MHz
KHz
dB
-
°C
KHz
ppm/°C2
ppm/year
MΩ
µ
H
fF
pF
433.345
-
25
1.0
433.420
±75
1.5
10,600
2,200
40
Fc
0.037
±10
19.0
101.841
1.3254
2.3
433.495
2.5
55
33
-40°C to +85°C
-45°C to +85°C
±10
10
ATTENTION: Abracon Corporation’s products are COTS – Commercial-Off-The-Shelf products; suitable for Commercial, Industrial and, where designated, Automotive Applications. Abracon’s products are not
specifically designed for Military, Aviation, Aerospace, Life-dependant Medical applications or any application requiring high reliability where component failure could result in loss of life and/or property. For
applications requiring high reliability and/or presenting an extreme operating environment, written consent and authorization from Abracon Corporation is required. Please contact Abracon Corporation for
more information.
ISO 9001:2008
Pb RoHS
Compliant


Similar Part No. - ASR433.42E

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ASR433.92E ABRACON-ASR433.92E Datasheet
743Kb / 1P
   SMD ONE PORT 433.92 MHz SAW RESONATOR
More results

Similar Description - ASR433.42E

ManufacturerPart #DatasheetDescription
logo
Vanlong Technology Co.,...
SR433M42 VANLONG-SR433M42 Datasheet
88Kb / 2P
   433.42 MHz One-Port SAW Resonator
SR5511 VANLONG-SR5511 Datasheet
86Kb / 2P
   433.42 MHz One Port SAW Resonator
SR5512 VANLONG-SR5512 Datasheet
93Kb / 2P
   433.42 MHz One Port SAW Resonator
SQ433M42 VANLONG-SQ433M42 Datasheet
116Kb / 2P
   433.42 MHz Two-Port SAW Resonator
logo
Murata Manufacturing Co...
RO3112C MURATA-RO3112C Datasheet
98Kb / 2P
   433.42 MHz SAW Resonator
RO3112D MURATA-RO3112D Datasheet
99Kb / 2P
   433.42 MHz SAW Resonator
RO3112E MURATA-RO3112E Datasheet
99Kb / 2P
   433.42 MHz SAW Resonator
logo
RF Monolithics, Inc
RO2112A RFM-RO2112A Datasheet
100Kb / 2P
   433.42 MHz SAW Resonator
logo
Murata Manufacturing Co...
RO3112A MURATA-RO3112A Datasheet
392Kb / 2P
   433.42 MHz SAW Resonator
logo
RF Monolithics, Inc
RO2112 RFM-RO2112 Datasheet
256Kb / 2P
   433.42 MHz SAW Resonator
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com