Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

72225LB10JGI Datasheet(PDF) 7 Page - Integrated Device Technology

Part # 72225LB10JGI
Description  CMOS SyncFIFO
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

72225LB10JGI Datasheet(HTML) 7 Page - Integrated Device Technology

Back Button 72225LB10JGI Datasheet HTML 3Page - Integrated Device Technology 72225LB10JGI Datasheet HTML 4Page - Integrated Device Technology 72225LB10JGI Datasheet HTML 5Page - Integrated Device Technology 72225LB10JGI Datasheet HTML 6Page - Integrated Device Technology 72225LB10JGI Datasheet HTML 7Page - Integrated Device Technology 72225LB10JGI Datasheet HTML 8Page - Integrated Device Technology 72225LB10JGI Datasheet HTML 9Page - Integrated Device Technology 72225LB10JGI Datasheet HTML 10Page - Integrated Device Technology 72225LB10JGI Datasheet HTML 11Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
7
IDT72205LB/72215LB/72225LB/72235LB/72245LB CMOS SyncFIFOTM
256 x 18, 512 x 18, 1,024 x 18, 2,048 x 18 and 4,096 x 18
COMMERCIALANDINDUSTRIAL
TEMPERATURERANGES
MARCH 2013
When the LD pin is LOW and WEN is HIGH, the WCLK input is disabled;
thenasignalatthisinputcanneitherincrementthewriteoffsetregisterpointer,
nor execute a write.
Thecontentsoftheoffsetregisterscanbereadontheoutputlineswhenthe
LD pin is set LOW and REN is set LOW; then, data can be read on the LOW-
to-HIGH transition of the read clock (RCLK). The act of reading the control
registersemploysadedicatedreadoffsetregisterpointer.(Thereadandwrite
pointersoperateindependently).
A read and a write should not be performed simultaneously to the offset
registers.
FIRST LOAD (FL)
FLisgroundedtoindicateoperationintheSingleDeviceorWidthExpansion
mode.IntheDepthExpansionconfiguration,FLisgroundedtoindicateitisthe
first device loaded and is set to HIGH for all other devices in the Daisy Chain.
(SeeOperatingConfigurationsforfurtherdetails.)
WRITE EXPANSION INPUT (WXI)
Thisisadualpurposepin. WXIisgroundedtoindicateoperationintheSingle
Device or Width Expansion mode. WXIisconnectedtoWriteExpansionOut
(WXO) of the previous device in the Daisy Chain Depth Expansion mode.
READ EXPANSION INPUT (RXI)
Thisisadualpurposepin.RXIisgroundedtoindicateoperationintheSingle
Device or Width Expansion mode. RXI is connected to Read Expansion Out
(RXO) of the previous device in the Daisy Chain Depth Expansion mode.
OUTPUTS:
FULL FLAG(FF)
When the FIFO is full, FF will go LOW, inhibiting further write operations.
WhenFFisHIGH,theFIFOisnotfull. Ifnoreadsareperformedafterareset,
FFwillgoLOWafterDwritestotheFIFO. D=256writesfortheIDT72205LB,
512fortheIDT72215LB,1,024fortheIDT72225LB,2,048fortheIDT72235LB
and 4,096 for the IDT72245LB.
TheFFisupdatedontheLOW-to-HIGHtransitionofthewriteclock(WCLK).
EMPTY FLAG/ (EF)
WhentheFIFOisempty,EFwillgoLOW,inhibitingfurtherreadoperations.
When EF is HIGH, the FIFO is not empty.
TheEFisupdatedontheLOW-to-HIGHtransitionofthereadclock(RCLK).
PROGRAMMABLE ALMOST-FULL FLAG (PAF)
The Programmable Almost-Full Flag (PAF) will go LOW when FIFO
reachestheAlmost-Fullcondition. IfnoreadsareperformedafterReset(RS),
thePAFwillgoLOWafter(256-m)writesfortheIDT72205LB,(512-m)writes
fortheIDT72215LB,(1,024-m)writesfortheIDT72225LB,(2,048–m)writes
fortheIDT72235LBand(4,096–m)writesfortheIDT72245LB. Theoffset“m”
isdefinedintheFULLoffsetregister.
IfthereisnoFulloffsetspecified,the PAFwillbeLOWwhenthedeviceis
31awayfromcompletelyfullforIDT72205LB,63awayfromcompletelyfullfor
IDT72215LB, and 127 away from completely full for IDT72225LB/72235LB/
72245LB.
ThePAFisassertedLOWontheLOW-to-HIGHtransitionofthewriteclock
(WCLK).PAFisresettoHIGHontheLOW-to-HIGHtransitionofthereadclock
(RCLK). Thus PAF is asynchronous.
PROGRAMMABLEALMOST-EMPTYFLAG(PAE)
TheProgrammableAlmost-EmptyFlag(PAE)willgoLOWwhentheread
pointeris"n+1"locationslessthanthewritepointer.Theoffset"n"isdefinedin
theEMPTYoffsetregister.
IfthereisnoEmptyoffsetspecified,theProgrammableAlmost-EmptyFlag
(PAE) will be LOW when the device is 31 away from completely empty for
IDT72205LB,63awayfromcompletelyemptyforIDT72215LB,and127away
fromcompletelyemptyforIDT72225LB/72235LB/72245LB.
ThePAEisassertedLOWontheLOW-to-HIGHtransitionofthereadclock
(RCLK).PAEisresettoHIGHontheLOW-to-HIGHtransitionofthewriteclock
(WCLK). Thus PAE is asynchronous.
WRITE EXPANSION OUT/HALF-FULL FLAG (WXO/HF)
This is a dual-purpose output. In the Single Device and Width Expansion
mode, when Write Expansion In (WXI) and Read Expansion In (RXI) are
grounded,thisoutputactsasanindicationofahalf-fullmemory.
Number of Words in FIFO
IDT72205LB
IDT72215LB
IDT72225LB
IDT72235LB
IDT72245LB
FF PAF
HF PAE EF
00
0
0
0
H
H
H
L
L
1 to n(1)
1 to n(1)
1 to n(1)
1 to n(1)
1 to n(1)
HH
H
L
H
(n + 1) to 128
(n + 1) to 256
(n + 1) to 512
(n + 1) to 1,024
(n + 1) to 2,048
H
H
H
H
H
129 to (256-(m+1))
257 to (512-(m+1))
513 to (1,024-(m+1))
1,025 to (2,048-(m+1))
2,049 to (4,096-(m+1))
HH
L
H
H
(256-m)(2)to255
(512-m)(2)to511
(1,024-m)(2)to1,023
(2,048-m)(2)to2,047
(4,096-m)(2)to4,095
H
L
L
H
H
256
512
1,024
2,048
4,096
L
L
L
H
H
TABLE 1 — STATUS FLAGS
NOTES:
1. n = Empty Offset (Default Values : IDT72205LB n=31, IDT72215LB n = 63, IDT72225LB/72235LB/72245LB n = 127)
2. m = Full Offset (Default Values : IDT72205LB m=31, IDT72215LB m = 63, IDT72225LB/72235LB/72245LB m = 127)


Similar Part No. - 72225LB10JGI

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
72225LB10JGI RENESAS-72225LB10JGI Datasheet
313Kb / 17P
   CMOS SyncFIFOTM
NOVEMBER 2017
72225LB10JGI8 RENESAS-72225LB10JGI8 Datasheet
313Kb / 17P
   CMOS SyncFIFOTM
NOVEMBER 2017
More results

Similar Description - 72225LB10JGI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72420 IDT-IDT72420_05 Datasheet
97Kb / 11P
   CMOS SyncFIFO
IDT72421 IDT-IDT72421_13 Datasheet
291Kb / 14P
   CMOS SyncFIFO
IDT72420 IDT-IDT72420_13 Datasheet
258Kb / 11P
   CMOS SyncFIFO
IDT723631 IDT-IDT723631_14 Datasheet
347Kb / 20P
   CMOS SyncFIFO
IDT72801 IDT-IDT72801 Datasheet
158Kb / 16P
   DUAL CMOS SyncFIFO
IDT72811 IDT-IDT72811 Datasheet
231Kb / 21P
   DUAL CMOS SyncFIFO
IDT72801 IDT-IDT72801_13 Datasheet
344Kb / 10P
   DUAL CMOS SyncFIFO
IDT72805LB IDT-IDT72805LB_16 Datasheet
265Kb / 26P
   CMOS DUAL SyncFIFO
logo
Renesas Technology Corp
IDT72420 RENESAS-IDT72420 Datasheet
257Kb / 12P
   CMOS SyncFIFO™
FEBRUARY 2018
IDT72421 RENESAS-IDT72421 Datasheet
301Kb / 15P
   CMOS SyncFIFO™
NOVEMBER 2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com