Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SKY72310-362LF Datasheet(PDF) 11 Page - Skyworks Solutions Inc.

Part # SKY72310-362LF
Description  General purpose RF systems
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SKY72310-362LF Datasheet(HTML) 11 Page - Skyworks Solutions Inc.

Back Button SKY72310-362LF Datasheet HTML 7Page - Skyworks Solutions Inc. SKY72310-362LF Datasheet HTML 8Page - Skyworks Solutions Inc. SKY72310-362LF Datasheet HTML 9Page - Skyworks Solutions Inc. SKY72310-362LF Datasheet HTML 10Page - Skyworks Solutions Inc. SKY72310-362LF Datasheet HTML 11Page - Skyworks Solutions Inc. SKY72310-362LF Datasheet HTML 12Page - Skyworks Solutions Inc. SKY72310-362LF Datasheet HTML 13Page - Skyworks Solutions Inc. SKY72310-362LF Datasheet HTML 14Page - Skyworks Solutions Inc. SKY72310-362LF Datasheet HTML 15Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
DATA SHEET • SKY72310 FREQUENCY SYNTHESIZER
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
200705E • Skyworks Proprietary and Confidential information • Products and Product Information are Subject to Change Without Notice • July 30, 2008
11
Table 3. Multiplexer Output
Multiplexer Output Select
(Bit 8)
Multiplexer Output Select
(Bit 7)
Multiplexer Output Select
(Bit 6)
Multiplexer Output
(Mux_out, Pin 24)
0
0
0
Reference Oscillator
0
0
1
Unused
0
1
0
Reference Frequency (Fref_main)
0
1
1
Unused
1
0
0
Phase Detector Frequency (Fpd_main)
1
0
1
Serial data out
1
1
0
Serial interface test output
1
1
1
Unused
A3
A2
A1
A0
11
10
9
8
7
6
5
4
3
2
1
0
1
0
0
0
0
00
0
X
X
Reserved Bits
Modulation Data Magnitude Offset
Modulation Data Input Select
Modulation Address Disable
C1425
Figure 11. Modulation Control Register (Write Only)
• Synthesizer Mode = One-bit flag to power down the ∆Σ
modulator and fractional unit. When this bit is cleared, the
synthesizer is in fractional-N mode. When this bit is set, the
synthesizer is in integer-N mode.
• Synthesizer ∆Σ Fractionality = One-bit flag to configure the size
of the
∆Σ modulator. This has a direct effect on power
consumption, and on the level of fractionality and step size.
When this bit is cleared, the
∆Σ modulator is 18-bit with a
fractionality of 218 and a step size of Fref_main/262144. When this
bit is set, the
∆Σ modulator is 10-bit with a fractionality of 210
and a step size of Fref_main/1024.
NOTE: There are no special power-up sequences required for the
SKY72310.
• Multiplexer Output Selection = Three-bit value that selects
which internal signal is output to the Mux_out pin. The following
internal signals are available on this pin:
− Reference oscillator: F
ref
− Divided reference (post-reference frequency divider): F
ref_main
− Phase detector frequency (post-frequency divider): F
pd_main
− Serial data out for loop-back and test purposes
Refer to Table 3 for more information.
• Mux_out Pin Tri-State Enable = One-bit flag to tri-state the
Mux_out pin. When this bit is cleared, the Mux_out pin is
enabled. When this bit is set, the Mux_out pin is tri-stated.
The Modulation Control Register is used to configure the
modulation unit of the main synthesizer. The modulation unit adds
or subtracts a frequency offset to the selected center frequency at
which the main synthesizer operates. The size of the modulation
data sample, controlled by the duration of the CS signal, can be
from 2 to 12 bits wide to provide from 4 to 4096 selectable
frequency offset steps.
The modulation data magnitude offset selects the magnitude
multiplier for the modulation data and can be from 0 to 8. As
shown in Figure 11, the values to be loaded are:
• Modulation Data Magnitude Offset = Four-bit value that
indicates the magnitude multiplier (m) for the modulation data
samples. Valid values range from 0 to 13, effectively providing a
2m multiplication of the modulation data sample.
• Modulation Data Input Select = One-bit flag to indicate the pin
on which modulation data samples are serially input when the
CS signal is between 2 and 12 bits long. When this bit is
cleared, modulation data samples are to be presented on the


Similar Part No. - SKY72310-362LF

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SKY72310-362 SKYWORKS-SKY72310-362 Datasheet
1Mb / 17P
   The Right Products for Your System Applications
More results

Similar Description - SKY72310-362LF

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRFIC0916 MOTOROLA-MRFIC0916 Datasheet
98Kb / 8P
   SILICON GENERAL PURPOSE RF CASCODE AMPLIFIER
logo
Intronics Power, Inc.
R101 INTRONICS-R101 Datasheet
217Kb / 1P
   GENERAL-PURPOSE LOW-COST TRUE-RMS COMPUTING SUB-SYSTEMS
logo
Advanced Power Technolo...
MS3302 ADPOW-MS3302 Datasheet
152Kb / 4P
   RF & MICROWAVE TRANSISTORS GENERAL PURPOSE AMPLIFIER APPLICATIONS
logo
STMicroelectronics
MSC82306 STMICROELECTRONICS-MSC82306 Datasheet
54Kb / 4P
   RF & MICROWAVE TRANSISTORS GENERAL PURPOSE AMPLIFIER APPLICATIONS
MSC82307 STMICROELECTRONICS-MSC82307 Datasheet
51Kb / 3P
   RF & MICROWAVE TRANSISTORS GENERAL PURPOSE AMPLIFIER APPLICATIONS
logo
Infineon Technologies A...
BGS12PL6 INFINEON-BGS12PL6 Datasheet
3Mb / 15P
   General purpose RF CMOS power SPDT Switch
Revision 2.4, 2014-05-27
logo
Microsemi Corporation
MS1642P MICROSEMI-MS1642P Datasheet
55Kb / 3P
   RF & MICROWAVE TRANSISTORS VHF, UHF GENERAL PURPOSE
logo
STMicroelectronics
MSC80185 STMICROELECTRONICS-MSC80185 Datasheet
108Kb / 6P
   RF & MICROWAVE TRANSISTORS GENERAL PURPOSE LINEAR APPLICATIONS
MSC80197 STMICROELECTRONICS-MSC80197 Datasheet
123Kb / 6P
   RF & MICROWAVE TRANSISTORS GENERAL PURPOSE LINEAR APPLICATIONS
October 1992
MSC81002 STMICROELECTRONICS-MSC81002 Datasheet
101Kb / 5P
   RF & MICROWAVE TRANSISTORS GENERAL PURPOSE AMPLIFIER APPLICATIONS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com