Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

72845LB10BGGI Datasheet(PDF) 5 Page - Integrated Device Technology

Part # 72845LB10BGGI
Description  CMOS DUAL SyncFIFO
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

72845LB10BGGI Datasheet(HTML) 5 Page - Integrated Device Technology

  72845LB10BGGI Datasheet HTML 1Page - Integrated Device Technology 72845LB10BGGI Datasheet HTML 2Page - Integrated Device Technology 72845LB10BGGI Datasheet HTML 3Page - Integrated Device Technology 72845LB10BGGI Datasheet HTML 4Page - Integrated Device Technology 72845LB10BGGI Datasheet HTML 5Page - Integrated Device Technology 72845LB10BGGI Datasheet HTML 6Page - Integrated Device Technology 72845LB10BGGI Datasheet HTML 7Page - Integrated Device Technology 72845LB10BGGI Datasheet HTML 8Page - Integrated Device Technology 72845LB10BGGI Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
5
COMMERCIAL AND INDUSTRIAL
TEMPERATURE RANGES
IDT72805LB/72815LB/72825LB/72845LB CMOS Dual SyncFIFOTM
256 x 18, 512 x 18, 1,024 x 18, and 4,096 x 18
RECOMMENDED DC OPERATING
CONDITIONS
NOTE:
1. 1.5V undershoots are allowed for 10ns once per cycle.
Symbol
Rating
Commercial
Unit
VTERM
Terminal Voltage
–0.5 to +7.0
V
with respect to GND
TSTG
Storage
–55 to +125
°C
Temperature
IOUT
DC Output Current
–50 to +50
mA
IDT72805LB
IDT72815LB
IDT72825LB
IDT72845LB
Com’l & Ind’l(1)
tCLK = 10, 15, 25 ns
Symbol
Parameter
Min.
Typ.
Max.
Unit
ILI(2)
InputLeakageCurrent(anyinput)
–1
1
μA
ILO(3)
OutputLeakageCurrent
–10
10
μA
VOH
Output Logic “1” Voltage, IOH = –2 mA
2.4
V
VOL
Output Logic “0” Voltage, IOL = 8 mA
0.4
V
ICC1(4,5,6)
Active Power Supply Current
100
mA
ICC2(4,7)
StandbyCurrent
10
mA
DC ELECTRICAL CHARACTERISTICS
(Commercial: VCC = 5V ± 10%, TA = 0
°C to +70°C; Industrial: VCC = 5V ± 10%, TA = -40°C to +85°C)
NOTES:
1. Industrial Temperature Range Product for the 15ns speed grade is available as a standard device.
2. Measurements with 0.4
≤ VIN ≤ VCC.
3. OE
≥ VIH, 0.4 ≤ VOUT ≤ VCC.
4. Tested with outputs open (IOUT = 0).
4. RCLK and WCLK toggle at 20 MHZ and data inputs switch at 10 MHz.
5. For the IDT72805LB/72815LB/72825LB the typical ICC1 = 2[1.81 + 1.12*fS + 0.02*CL*fS] (in mA);
for the IDT72845LB the typical ICC1 = 2[2.85 + 1.30*fS + 0.02*CL*fS] (in mA).
These equations are valid under the following conditions:
VCC = 5V, TA = 25°C, fS = WCLK frequency = RCLK frequency (in MHz, using TTL levels), data switching at fS/2, CL = capacitive load (in pF).
7. All Inputs = VCC - 0.2V or GND + 0.2V, except RCLK and WCLK, which toggle at 20 MHz.
ABSOLUTE MAXIMUM RATINGS
NOTE:
1. Stresses greater than those listed under ABSOLUTE MAXIMUM RATINGS may cause
permanent damage to the device. This is a stress rating only and functional operation of
the device at these or any other conditions above those indicated in the operational
sections of this specification is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect reliability.
Symbol
Parameter
Min.
Typ.
Max.
Unit
VCC
Supply Voltage (Com’l/Ind’l)
4.5
5.0
5.5
V
GND
Supply Voltage (Com’l/Ind’l)
0
0
0
V
VIH
Input High Voltage (Com’l/Ind’l)
2.0
⎯⎯
V
VIL(1)
Input Low Voltage (Com’l/Ind’l)
0.8
V
TA
OperatingTemperature
0
70
°C
Commercial
TA
OperatingTemperature
-40
85
°C
Industrial
Symbol
Parameter(1)
Conditions
Max.
Unit
CIN(2)
Input
VIN = 0V
10
pF
Capacitance
COUT(1,2)
Output
VOUT = 0V
10
pF
Capacitance
CAPACITANCE (TA= +25°C, f = 1.0MHz)
NOTES:
1. With output deselected, (OE
≥ VIH).
2. Characterized values, not currently tested.


Similar Part No. - 72845LB10BGGI

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
72845LB10BGGI RENESAS-72845LB10BGGI Datasheet
416Kb / 27P
   CMOS DUAL SyncFIFO™
MARCH 2018
72845LB10BGGI8 RENESAS-72845LB10BGGI8 Datasheet
416Kb / 27P
   CMOS DUAL SyncFIFO™
MARCH 2018
More results

Similar Description - 72845LB10BGGI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72801 IDT-IDT72801 Datasheet
158Kb / 16P
   DUAL CMOS SyncFIFO
IDT72811 IDT-IDT72811 Datasheet
231Kb / 21P
   DUAL CMOS SyncFIFO
IDT72801 IDT-IDT72801_13 Datasheet
344Kb / 10P
   DUAL CMOS SyncFIFO
logo
Renesas Technology Corp
IDT72805LB RENESAS-IDT72805LB Datasheet
416Kb / 27P
   CMOS DUAL SyncFIFO™
MARCH 2018
logo
Integrated Device Techn...
IDT72V801 IDT-IDT72V801 Datasheet
150Kb / 16P
   3.3 VOLT DUAL CMOS SyncFIFO?
IDT72420 IDT-IDT72420_05 Datasheet
97Kb / 11P
   CMOS SyncFIFO
IDT72V805 IDT-IDT72V805_16 Datasheet
200Kb / 26P
   3.3 VOLT CMOS DUAL SyncFIFO
IDT72V801 IDT-IDT72V801_14 Datasheet
166Kb / 16P
   3.3 VOLT DUAL CMOS SyncFIFO
IDT72421 IDT-IDT72421_13 Datasheet
291Kb / 14P
   CMOS SyncFIFO
IDT72420 IDT-IDT72420_13 Datasheet
258Kb / 11P
   CMOS SyncFIFO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com