Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

71342SA35PFG Datasheet(PDF) 8 Page - Integrated Device Technology

Part # 71342SA35PFG
Description  HIGH SPEED 4K X 8 DUAL-PORT STATIC RAM
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

71342SA35PFG Datasheet(HTML) 8 Page - Integrated Device Technology

Back Button 71342SA35PFG Datasheet HTML 4Page - Integrated Device Technology 71342SA35PFG Datasheet HTML 5Page - Integrated Device Technology 71342SA35PFG Datasheet HTML 6Page - Integrated Device Technology 71342SA35PFG Datasheet HTML 7Page - Integrated Device Technology 71342SA35PFG Datasheet HTML 8Page - Integrated Device Technology 71342SA35PFG Datasheet HTML 9Page - Integrated Device Technology 71342SA35PFG Datasheet HTML 10Page - Integrated Device Technology 71342SA35PFG Datasheet HTML 11Page - Integrated Device Technology 71342SA35PFG Datasheet HTML 12Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
6.42
IDT71342SA/LA
High-Speed 4K x 8 Dual-Port Static RAM with Semaphore
Industrial and Commercial Temperature Ranges
8
AC Electrical Characteristics Over the
Operating Temperature Supply Voltage(5)
NOTES:
1. Transition is measured 0mV from Low or High-impedance voltage with Output Test Load (Figure 2).
2. This parameter is guaranteed by device characterization but is not production tested.
3. To access SRAM, CE = VIL and SEM = VIH. To access semaphore, CE = VIH and SEM = VIL. Either condition must be valid for the entire tEW time.
4. The specification for tDH must be met by the device supplying write data to the SRAM under all operating conditions. Although tDH and tOW values will vary over voltage and
temperature, the actual tDH will always be smaller than the actual tOW.
5. 'X' in part number indicates power rating (SA or LA).
Symbol
Parameter
71342X20
Com'l Only
71342X25
Com'l & Ind
71342X35
Com'l Only
Unit
Min.
Max.
Min.
Max.
Min.
Max.
WRITE CYCLE
tWC
Write Cycle Time
20
____
25
____
35
____
ns
tEW
Chip Enable to End-of-Write(3)
15
____
20
____
30
____
ns
tAW
Address Valid to End-of-Write
15
____
20
____
30
____
ns
tAS
Address Set-up Time
0
____
0
____
0
____
ns
tWP
Write Pulse Width
15
____
20
____
25
____
ns
tWR
Write Recovery Time
0
____
0
____
0
____
ns
tDW
Data Valid to End-of-Write
15
____
15
____
20
____
ns
tHZ
Output High-Z Time(1,2)
____
15
____
15
____
20
ns
tDH
Data Hold Time(4)
0
____
0
____
3
____
ns
tWZ
Write Enable to Output in High-Z(1,2)
____
15
____
15
____
20
ns
tOW
Output Active from End-of-Write(1,2,4)
3
____
3
____
3
____
ns
tSWR
SEM Flag Write to Read Time
10
____
10
____
10
____
ns
tSPS
SEM Flag Contention Window
10
____
10
____
10
____
ns
2721 tbl 10a
Symbol
Parameter
71342X45
Com'l Only
71342X55
Com'l Only
71342X70
Com'l Only
Unit
Min.
Max.
Min.
Max.
Min.
Max.
WRITE CYCLE
tWC
Write Cycle Time
45
____
55
____
70
____
ns
tEW
Chip Enable to End-of-Write(3)
40
____
50
____
60
____
ns
tAW
Address Valid to End-of-Write
40
____
50
____
60
____
ns
tAS
Address Set-up Time
0
____
0
____
0
____
ns
tWP
Write Pulse Width
40
____
50
____
60
____
ns
tWR
Write Recovery Time
0
____
0
____
0
____
ns
tDW
Data Valid to End-of-Write
20
____
25
____
30
____
ns
tHZ
Output High-Z Time(1,2)
____
20
____
25
____
30
ns
tDH
Data Hold Time(4)
3
____
3
____
3
____
ns
tWZ
Write Enable to Output in High-Z(1,2)
____
20
____
25
____
30
ns
tOW
Output Active from End-of-Write(1,2,4)
3
____
3
____
3
____
ns
tSWR
SEM Flag Write to Read Time
10
____
10
____
10
____
ns
tSPS
SEM Flag Contention Window
10
____
10
____
10
____
ns
2721 tbl 10b


Similar Part No. - 71342SA35PFG

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
71342SA RENESAS-71342SA Datasheet
389Kb / 16P
   HIGH SPEED 4K X 8 DUAL-PORT STATIC RAM WITH SEMAPHORE
JULY 2019
More results

Similar Description - 71342SA35PFG

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT7134SA IDT-IDT7134SA Datasheet
110Kb / 9P
   HIGH-SPEED 4K x 8 DUAL-PORT STATIC RAM
IDT70V35 IDT-IDT70V35 Datasheet
216Kb / 25P
   HIGH-SPEED 3.3V 8/4K x 18 DUAL-PORT 8/4K x 16 DUAL-PORT STATIC RAM
IDT70P35 IDT-IDT70P35 Datasheet
293Kb / 22P
   HIGH-SPEED 1.8V 8/4K x 18 DUAL-PORT, 8/4K x 16 DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
70V35 RENESAS-70V35 Datasheet
570Kb / 26P
   HIGH-SPEED 3.3V 8/4K x 18 DUAL-PORT 8/4K x 16 DUAL-PORT STATIC RAM
OCTOBER 2019
logo
Integrated Device Techn...
IDT70T35 IDT-IDT70T35 Datasheet
159Kb / 21P
   HIGH-SPEED 2.5V 8/4K x 18 DUAL-PORT 8/4K x 16 DUAL-PORT STATIC RAM
IDT71342SA IDT-IDT71342SA Datasheet
144Kb / 13P
   HIGH-SPEED 4K x 8 DUAL-PORT STATIC RAM WITH SEMAPHORE
logo
Renesas Technology Corp
71342SA RENESAS-71342SA Datasheet
389Kb / 16P
   HIGH SPEED 4K X 8 DUAL-PORT STATIC RAM WITH SEMAPHORE
JULY 2019
logo
Integrated Device Techn...
IDT71342SA IDT-IDT71342SA_05 Datasheet
132Kb / 14P
   HIGH SPEED 4K X 8 DUAL-PORT STATIC RAM WITH SEMAPHORE
IDT7024S IDT-IDT7024S Datasheet
292Kb / 20P
   HIGH-SPEED 4K x 16 DUAL-PORT STATIC RAM
IDT7034S IDT-IDT7034S Datasheet
200Kb / 19P
   HIGH-SPEED 4K x 18 DUAL-PORT STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com