Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

72831L25TFGI8 Datasheet(PDF) 6 Page - Integrated Device Technology

Part # 72831L25TFGI8
Description  DUAL CMOS SyncFIFO
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

72831L25TFGI8 Datasheet(HTML) 6 Page - Integrated Device Technology

Back Button 72831L25TFGI8 Datasheet HTML 2Page - Integrated Device Technology 72831L25TFGI8 Datasheet HTML 3Page - Integrated Device Technology 72831L25TFGI8 Datasheet HTML 4Page - Integrated Device Technology 72831L25TFGI8 Datasheet HTML 5Page - Integrated Device Technology 72831L25TFGI8 Datasheet HTML 6Page - Integrated Device Technology 72831L25TFGI8 Datasheet HTML 7Page - Integrated Device Technology 72831L25TFGI8 Datasheet HTML 8Page - Integrated Device Technology 72831L25TFGI8 Datasheet HTML 9Page - Integrated Device Technology 72831L25TFGI8 Datasheet HTML 10Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
6
IDT72801/728211/72821/72831/72841/72851 DUAL CMOS SyncFIFOTM
DUAL 256 x 9, DUAL 512 x 9, DUAL 1K x 9, DUAL 2K x 9, DUAL 4K x 9, DUAL 8K x 9
COMMERCIAL AND INDUSTRIAL
TEMPERATURERANGES
MARCH 2013
When either of the two Read Enable RENA1, RENA2 (RENB1, RENB2)
associatedwithFIFOA(B)isHIGH,theoutputregisterholdsthepreviousdata
and no new data is allowed to be loaded into the register.
WhenallthedatahasbeenreadfromFIFOA(B),theEmptyFlagEFA(EFB)
willgoLOW,inhibitingfurtherreadoperations. Onceavalidwriteoperationhas
been accomplished, EFA(EFB) will go HIGH after tREF and a valid read can
begin. TheReadEnablesRENA1,RENA2(RENB1,RENB2)areignoredwhen
FIFO A (B) is empty.
OutputEnable(OEA,OEB)—WhenOutputEnableOEA(OEB)isenabled
(LOW),theparalleloutputbuffersofFIFOA(B)receivedatafromtheirrespective
outputregister. WhenOutputEnable OEA(OEB)isdisabled(HIGH),theQA
(QB) output data bus is in a high-impedance state.
Write Enable 2/Load (WENA2/LDA, WENB2/LDB) — This is a dual-
purpose pin. FIFO A (B) is configured at Reset to have programmable flags
or to have two write enables, which allows depth expansion. If WENA2/LDA
(WENB2/LDB) issetHIGHatResetRSA=LOW(RSB = LOW),thispinoperates
as a second write enable pin.
If FIFO A (B) is configured to have two write enables, when Write Enable
1WENA1(WENB1)isLOWandWENA2/LDA(WENB2/LDB)isHIGH,datacanbe
loaded into the input register and RAM array on the LOW-to-HIGH transition
ofeveryWriteClockWCLKA(WCLKB). Dataisstoredinthearraysequentially
and independently of any ongoing read operation.
Inthisconfiguration,whenWENA1(WENB1)isHIGHand/orWENA2/LDA
(WENB2/LDB)isLOW,theinputregisterofArrayAholdsthepreviousdataand
no new data is allowed to be loaded into the register.
To prevent data overflow, the Full Flag FFA(FFB) will go LOW, inhibiting
furtherwriteoperations. Uponthecompletionofavalidreadcycle,FFA(FFB)
willgoHIGHaftertWFF,allowingavalidwritetobegin. WENA1,(WENB1)and
WENA2/LDA(WENB2/LDB) are ignored when the FIFO is full.
FIFO A (B) is configured to have programmable flags when the WENA2/
LDA(WENB2/LDB)issetLOWatResetRSA = LOW(RSB=LOW). EachFIFO
containsfour8-bitoffsetregisterswhichcanbeloadedwithdataontheinputs,
orreadontheoutputs. SeeFigure3fordetailsofthesizeoftheregistersand
thedefaultvalues.
If FIFO A (B) is configured to have programmable flags, when the WENA1
(WENB1) and WENA2/LDA(WENB2/LDB) are set LOW, data on the DA (DB)
inputsarewrittenintotheEmpty(LeastSignificantBit)Offsetregisteronthefirst
LOW-to-HIGH transition of the WCLKA (WCLKB). Data are written into the
Empty (Most Significant Bit) Offset register on the second LOW-to-HIGH
transitionofWCLKA(WCLKB),intotheFull(LeastSignificantBit)Offsetregister
on the third transition, and into the Full (Most Significant Bit) Offset register on
thefourthtransition. ThefifthtransitionofWCLKA(WCLKB)againwritestothe
Empty(LeastSignificantBit)Offsetregister.
However,writingalloffsetregistersdoesnothavetooccuratonetime. One
ortwooffsetregisterscanbewrittenandthenbybringingLDA(LDB)HIGH,FIFO
A (B) is returned to normal read/write operation. When LDA(LDB) is set LOW,
andWENA1(WENB1)isLOW,thenextoffsetregisterinsequenceiswritten.
ThecontentsoftheoffsetregisterscanbereadontheQA(QB)outputs when
WENA2/LDA(WENB2/LDB)issetLOWandbothReadEnablesRENA1,RENA2
(RENB1,RENB2)aresetLOW. DatacanbereadontheLOW-to-HIGHtransition
of the Read Clock RCLKA (RCLKB).
SIGNAL DESCRIPTIONS
FIFOAandFIFOBareidenticalineveryrespect.Thefollowingdescription
explainstheinteractionofinputandoutputsignalsforFIFOA.Thecorrespond-
ing signal names for FIFO B are provided in parentheses.
INPUTS:
Data In (DA0 – DA8, DB0 – DB8)
DA0 - DA8 are the nine data inputs
for memory array A. DB0 - DB8 are the nine data inputs for memory array B.
CONTROLS:
Reset
(RSA,RSB)—ResetofFIFOA(B)isaccomplishedwheneverRSA
(RSB)inputistakentoaLOWstate.DuringReset,theinternalreadandwrite
pointersassociatedwiththeFIFOaresettothefirstlocation.AResetisrequired
afterpower-upbeforeawriteoperationcantakeplace. TheFullFlagFFA(FFB)
and Programmable Almost-Full flag PAFA(PAFB) will be reset to HIGH after
tRSF. TheEmptyFlagEFA(EFB)andProgrammableAlmost-EmptyflagPAEA
(PAEB) will be reset to LOW after tRSF. During Reset, the output register is
initializedtoallzerosandtheoffsetregistersareinitializedtotheirdefaultvalues.
Write Clock (WCLKA, WCLKB) — A write cycle to Array A (B) is
initiated on the LOW-to-HIGH transition of WCLKA (WCLKB). Data setup
and hold times must be met with respect to the LOW-to-HIGH transition of
WCLKA (WCLKB). The Full Flag FFA(FFB) and Programmable Almost-Full
flagPAFA(PAFB)aresynchronizedwithrespecttotheLOW-to-HIGHtransition
oftheWriteClockWCLKA(WCLKB).
The Write and Read Clocks can be asynchronous or coincident.
Write Enable 1 (WENA1, WENB1) — If FIFO A (B) is configured for
programmable flags, WENA1 (WENB1) is the only enable control pin. In this
configuration,whenWENA1(WENB1)isLOW,datacanbeloadedintotheinput
registerofRAMArrayA(B)ontheLOW-to-HIGHtransitionofeveryWriteClock
WCLKA(WCLKB). DataisstoredinArrayA(B)sequentiallyandindependently
of any ongoing read operation.
Inthisconfiguration,whenWENA1(WENB1)isHIGH,theinputregisterholds
the previous data and no new data is allowed to be loaded into the register.
IftheFIFOisconfiguredtohavetwowriteenables,whichallowsfordepth
expansion. See Write Enable 2 paragraph below for operation in this
configuration.
To prevent data overflow, FFA (FFB) will go LOW, inhibiting further write
operations. Uponthecompletionofavalidreadcycle,theFFA(FFB)willgoHIGH
aftertWFF,allowingavalidwritetobegin. WENA1(WENB1)isignoredwhenFIFO
A (B) is full.
Read Clock (RCLKA, RCLKB) — Data can be read from Array A (B) on
theLOW-to-HIGHtransitionofRCLKA(RCLKB). TheEmptyFlag EFA(EFB)
andProgrammableAlmost-EmptyFlagPAEA(PAEB)aresynchronizedwith
respect to the LOW-to-HIGH transition of RCLKA (RCLKB).
The Write and Read Clocks can be asynchronous or coincident.
Read Enables (RENA1, RENA2, RENB1, RENB2) — When both Read
Enables RENA1, RENA2 (RENB1, RENB2) are LOW, data is read from Array
A (B) to the output register on the LOW-to-HIGH transition of the Read Clock
RCLKA (RCLKB).


Similar Part No. - 72831L25TFGI8

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
72831L25LPFG RENESAS-72831L25LPFG Datasheet
323Kb / 17P
   nullDUAL CMOS SyncFIFO™
FEBRUARY 2018
72831L25LPFG8 RENESAS-72831L25LPFG8 Datasheet
323Kb / 17P
   nullDUAL CMOS SyncFIFO™
FEBRUARY 2018
72831L25LPFGI RENESAS-72831L25LPFGI Datasheet
323Kb / 17P
   nullDUAL CMOS SyncFIFO™
FEBRUARY 2018
72831L25LPFGI8 RENESAS-72831L25LPFGI8 Datasheet
323Kb / 17P
   nullDUAL CMOS SyncFIFO™
FEBRUARY 2018
72831L25LTFG RENESAS-72831L25LTFG Datasheet
323Kb / 17P
   nullDUAL CMOS SyncFIFO™
FEBRUARY 2018
More results

Similar Description - 72831L25TFGI8

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72801 IDT-IDT72801 Datasheet
158Kb / 16P
   DUAL CMOS SyncFIFO
IDT72811 IDT-IDT72811 Datasheet
231Kb / 21P
   DUAL CMOS SyncFIFO
IDT72805LB IDT-IDT72805LB_16 Datasheet
265Kb / 26P
   CMOS DUAL SyncFIFO
logo
Renesas Technology Corp
IDT72805LB RENESAS-IDT72805LB Datasheet
416Kb / 27P
   CMOS DUAL SyncFIFO™
MARCH 2018
logo
Integrated Device Techn...
IDT72V801 IDT-IDT72V801 Datasheet
150Kb / 16P
   3.3 VOLT DUAL CMOS SyncFIFO?
IDT72420 IDT-IDT72420_05 Datasheet
97Kb / 11P
   CMOS SyncFIFO
IDT72V805 IDT-IDT72V805_16 Datasheet
200Kb / 26P
   3.3 VOLT CMOS DUAL SyncFIFO
IDT72V801 IDT-IDT72V801_14 Datasheet
166Kb / 16P
   3.3 VOLT DUAL CMOS SyncFIFO
IDT72421 IDT-IDT72421_13 Datasheet
291Kb / 14P
   CMOS SyncFIFO
IDT72420 IDT-IDT72420_13 Datasheet
258Kb / 11P
   CMOS SyncFIFO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com