Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C4SMF-BJS-CR24Q4T1 Datasheet(PDF) 7 Page - Cree, Inc

Part # C4SMF-BJS-CR24Q4T1
Description  Cree Screen Master 4-mm Oval LED
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

C4SMF-BJS-CR24Q4T1 Datasheet(HTML) 7 Page - Cree, Inc

  C4SMF-BJS-CR24Q4T1 Datasheet HTML 1Page - Cree, Inc C4SMF-BJS-CR24Q4T1 Datasheet HTML 2Page - Cree, Inc C4SMF-BJS-CR24Q4T1 Datasheet HTML 3Page - Cree, Inc C4SMF-BJS-CR24Q4T1 Datasheet HTML 4Page - Cree, Inc C4SMF-BJS-CR24Q4T1 Datasheet HTML 5Page - Cree, Inc C4SMF-BJS-CR24Q4T1 Datasheet HTML 6Page - Cree, Inc C4SMF-BJS-CR24Q4T1 Datasheet HTML 7Page - Cree, Inc C4SMF-BJS-CR24Q4T1 Datasheet HTML 8Page - Cree, Inc C4SMF-BJS-CR24Q4T1 Datasheet HTML 9Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
Copyright © 2010 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree, the Cree logo and XLamp are registered trademarks
of Cree, Inc.
7
Copyright © 2013 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and the Cree logo are registered trademarks of Cree, Inc.
7
Cree 4-mm Oval LED
C4SMF-RJS/GJS/BJS
C4SME-RJS
MECHANICAL DIMENSIONS
All dimensions are in mm. Tolerance is ±0.25 mm unless otherwise noted.
An epoxy meniscus may extend about 1.5 mm down the leads.
Burr around bottom of epoxy may be 0.5 mm max.
NOTES
RoHS Compliance
The levels of environmentally sensitive, persistent biologically toxic (PBT), persistent organic pollutants (POP), or other-
wise restricted materials in this product are below the maximum concentration values (also referred to as the threshold
limits) permitted for such substances, or are used in an exempted application, in accordance with EU Directive 2002/95/
EC on the restriction of the use of certain hazardous substances in electrical and electronic equipment (RoHS), as
amended through April 21, 2006.
Vision Advisory Claim
Users should be cautioned not to stare at the light of this LED product. The bright light can damage the eye.


Similar Part No. - C4SMF-BJS-CR24Q4T1

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
C4SMF-BJF CREE-C4SMF-BJF Datasheet
732Kb / 9P
   Cree Screen Master 4-mm Oval LED
C4SMF-BJF-CR0U0351 CREE-C4SMF-BJF-CR0U0351 Datasheet
732Kb / 9P
   Cree Screen Master 4-mm Oval LED
C4SMF-BJF-CR0U0352 CREE-C4SMF-BJF-CR0U0352 Datasheet
732Kb / 9P
   Cree Screen Master 4-mm Oval LED
C4SMF-BJF-CR0U0451 CREE-C4SMF-BJF-CR0U0451 Datasheet
732Kb / 9P
   Cree Screen Master 4-mm Oval LED
C4SMF-BJF-CR0U0452 CREE-C4SMF-BJF-CR0U0452 Datasheet
732Kb / 9P
   Cree Screen Master 4-mm Oval LED
More results

Similar Description - C4SMF-BJS-CR24Q4T1

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
C4SMM-RJF CREE-C4SMM-RJF Datasheet
819Kb / 9P
   Cree Screen Master 4-mm Oval LED
C4SMG-RJF CREE-C4SMG-RJF Datasheet
788Kb / 9P
   Cree Screen Master 4-mm Oval LED
C4SMK-RJF CREE-C4SMK-RJF Datasheet
761Kb / 9P
   Cree Screen Master 4-mm Oval LED
C4SMN-RJF CREE-C4SMN-RJF Datasheet
806Kb / 9P
   Cree Screen Master 4-mm Oval LED
S4SMS-RJF CREE-S4SMS-RJF Datasheet
857Kb / 8P
   Cree Screen Master 4-mm Oval LED
C4SMB-RGF CREE-C4SMB-RGF Datasheet
685Kb / 9P
   Cree Screen Master 4-mm Oval LED
C4SMA-RGF CREE-C4SMA-RGF Datasheet
899Kb / 9P
   Cree Screen Master 4-mm Oval LED
C4SMC-RGF CREE-C4SMC-RGF Datasheet
848Kb / 9P
   Cree Screen Master 4-mm Oval LED
C4SMF-RJF CREE-C4SMF-RJF Datasheet
732Kb / 9P
   Cree Screen Master 4-mm Oval LED
C5SMF-RJF CREE-C5SMF-RJF Datasheet
941Kb / 11P
   Cree Screen Master 5-mm Oval LED
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com