Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C4SMB-BGF-CS3U4352 Datasheet(PDF) 8 Page - Cree, Inc

Part # C4SMB-BGF-CS3U4352
Description  Cree Screen Master 4-mm Oval LED
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

C4SMB-BGF-CS3U4352 Datasheet(HTML) 8 Page - Cree, Inc

  C4SMB-BGF-CS3U4352 Datasheet HTML 1Page - Cree, Inc C4SMB-BGF-CS3U4352 Datasheet HTML 2Page - Cree, Inc C4SMB-BGF-CS3U4352 Datasheet HTML 3Page - Cree, Inc C4SMB-BGF-CS3U4352 Datasheet HTML 4Page - Cree, Inc C4SMB-BGF-CS3U4352 Datasheet HTML 5Page - Cree, Inc C4SMB-BGF-CS3U4352 Datasheet HTML 6Page - Cree, Inc C4SMB-BGF-CS3U4352 Datasheet HTML 7Page - Cree, Inc C4SMB-BGF-CS3U4352 Datasheet HTML 8Page - Cree, Inc C4SMB-BGF-CS3U4352 Datasheet HTML 9Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
Copyright © 2010 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree, the Cree logo and XLamp are registered trademarks
of Cree, Inc.
8
Copyright © 2015 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and the Cree logo are registered trademarks of Cree, Inc.
8
Cree 4-mm Oval LED
C4SMB-RGF/GGF/BGF
KIT NUMBER SYSTEM
All dimensions in mm.Cree LED lamps are tested and sorted into performance bins. A bin is specified by ranges of color,
forward voltage, and brightness. Sorted LEDs are packaged for shipping in various convenient options. Please refer to
the “Cree LED Lamp Packaging Standard” document for more information about shipping and packaging options.
Cree LEDs are sold by order codes in combinations of bins called kits. Order codes are configured in the following man-
ner:
C C C C C - D X G - X H H K K M N T
D - C o l o r
C C C C C - P r o d u c t S e r i e s
G - O p t i o n
S : S t a n d o f f
N : N o S t a n d o f f
B : B l a c k F a c e
W : W h i t e F a c e
A : B l a c k B o d y
F : I r o n L e a d F r a m e w i t h S t a n d o f f
M - M i n . W a v e l e n g t h / C h r o m a t i c i t y R a n g e
R e f e r t o o r d e r c o d e t a b l e
N - M a x . W a v e l e n g t h / C h r o m a t i c i t y R a n g e
R : S e l e c t 1 h u e f r o m 4 h u e b i n s
S : S e l e c t 1 h u e f r o m 3 h u e b i n s
T : S e l e c t 1 h u e f r o m 2 h u e b i n s
U : S e l e c t 2 h u e f r o m 4 h u e b i n s
V : S e l e c t 2 h u e f r o m 3 h u e b i n s
T - P a c k a g i n g T y p e
1 : B u l k P a c k
2 : A m m o P a c k
3 : Ta p e & R e e l ( R o l l P a c k )
4 : T u b e P a c k
H H - M i n i m u m I n t e n s i t y B i n
R e f e r t o o r d e r c o d e t a b l e
K K - M a x i m u m I n t e n s i t y B i n
R e f e r t o o r d e r c o d e t a b l e
* P l e a s e c o n t a c t o u r s a l e s r e p r e s e n t a t i v e f o r o r d e r i n g i n f o r m a t i o n .


Similar Part No. - C4SMB-BGF-CS3U4352

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
C4SMB-BGY CREE-C4SMB-BGY Datasheet
900Kb / 10P
   Cree짰 Screen Master짰 4-mm Oval LED
C4SMB-BGY-CS3U4351 CREE-C4SMB-BGY-CS3U4351 Datasheet
900Kb / 10P
   Cree짰 Screen Master짰 4-mm Oval LED
C4SMB-BGY-CS3U4352 CREE-C4SMB-BGY-CS3U4352 Datasheet
900Kb / 10P
   Cree짰 Screen Master짰 4-mm Oval LED
C4SMB-BGY-CS44Q3C1 CREE-C4SMB-BGY-CS44Q3C1 Datasheet
900Kb / 10P
   Cree짰 Screen Master짰 4-mm Oval LED
C4SMB-BGY-CS44Q3C2 CREE-C4SMB-BGY-CS44Q3C2 Datasheet
900Kb / 10P
   Cree짰 Screen Master짰 4-mm Oval LED
More results

Similar Description - C4SMB-BGF-CS3U4352

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
C4SMF-RJS CREE-C4SMF-RJS Datasheet
975Kb / 9P
   Cree Screen Master 4-mm Oval LED
C4SMM-RJF CREE-C4SMM-RJF Datasheet
819Kb / 9P
   Cree Screen Master 4-mm Oval LED
C4SMG-RJF CREE-C4SMG-RJF Datasheet
788Kb / 9P
   Cree Screen Master 4-mm Oval LED
C4SMK-RJF CREE-C4SMK-RJF Datasheet
761Kb / 9P
   Cree Screen Master 4-mm Oval LED
C4SMN-RJF CREE-C4SMN-RJF Datasheet
806Kb / 9P
   Cree Screen Master 4-mm Oval LED
S4SMS-RJF CREE-S4SMS-RJF Datasheet
857Kb / 8P
   Cree Screen Master 4-mm Oval LED
C4SMA-RGF CREE-C4SMA-RGF Datasheet
899Kb / 9P
   Cree Screen Master 4-mm Oval LED
C4SMC-RGF CREE-C4SMC-RGF Datasheet
848Kb / 9P
   Cree Screen Master 4-mm Oval LED
C4SMF-RJF CREE-C4SMF-RJF Datasheet
732Kb / 9P
   Cree Screen Master 4-mm Oval LED
C5SMF-RJF CREE-C5SMF-RJF Datasheet
941Kb / 11P
   Cree Screen Master 5-mm Oval LED
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com