Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

71342SA20PFG Datasheet(PDF) 7 Page - Integrated Device Technology

Part # 71342SA20PFG
Description  HIGH SPEED 4K X 8 DUAL-PORT STATIC RAM
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

71342SA20PFG Datasheet(HTML) 7 Page - Integrated Device Technology

Back Button 71342SA20PFG Datasheet HTML 3Page - Integrated Device Technology 71342SA20PFG Datasheet HTML 4Page - Integrated Device Technology 71342SA20PFG Datasheet HTML 5Page - Integrated Device Technology 71342SA20PFG Datasheet HTML 6Page - Integrated Device Technology 71342SA20PFG Datasheet HTML 7Page - Integrated Device Technology 71342SA20PFG Datasheet HTML 8Page - Integrated Device Technology 71342SA20PFG Datasheet HTML 9Page - Integrated Device Technology 71342SA20PFG Datasheet HTML 10Page - Integrated Device Technology 71342SA20PFG Datasheet HTML 11Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
6.42
IDT71342SA/LA
High-Speed 4K x 8 Dual-Port Static RAM with Semaphore
Industrial and Commercial Temperature Ranges
7
Timing Waveform of Read Cycle No. 1, Either Side(1,2,4)
NOTES:
1. Write cycle parameters should be adhered to, in order to ensure proper writing.
2. CEL = CER = VIL. CE"B" = VIL.
3. Port "A" may be either left or right port. Port "B" is the opposite from port "A".
Timing Waveform of Read Cycle No. 2, Either Side(1,3)
Timing Waveform of Write with Port-to-Port Read(2,3)
NOTES:
1. Timing depends on which signal is asserted last, OE or CE.
2. Timing depends on which signal is de-asserted first, OE or CE.
3. R/W = VIH and OE = VIL, unless otherwise noted.
4. Start of valid data depends on which timing becomes effective last; tAOE, tACE, or tAA
5. To access SRAM, CE = VIL and SEM = VIH. To access semaphore, CE = VIH and SEM = VIL. tAA is for SRAM Address Access and tSAA is for Semaphore Address Access.
tAA or tSAA
ADDRESS
DATAOUT
PREVIOUS DATA VALID
DATA VALID
tOH
tOH
tRC
2721 drw 07
2721 drw 08
CE or SEM
DATAOUT
VALID DATA
tPD
tAOE
tACE
OE
tHZ
tLZ
tLZ
tPU
50%
50%
ICC
ISB
CURRENT
tHZ
tSOP
(5)
tSOP
(1)
(1)
(4)
(2)
(2)
(4)
2721 drw 09
R/
W "A"
VALID
tWC
MATCH
VALID
MATCH
tWP
tDW
tWDD
tDDD
ADDR "A"
DATAIN "A"
DATAOUT "B"
ADDR "B"
(1)
tDH


Similar Part No. - 71342SA20PFG

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
71342SA RENESAS-71342SA Datasheet
389Kb / 16P
   HIGH SPEED 4K X 8 DUAL-PORT STATIC RAM WITH SEMAPHORE
JULY 2019
More results

Similar Description - 71342SA20PFG

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT7134SA IDT-IDT7134SA Datasheet
110Kb / 9P
   HIGH-SPEED 4K x 8 DUAL-PORT STATIC RAM
IDT70V35 IDT-IDT70V35 Datasheet
216Kb / 25P
   HIGH-SPEED 3.3V 8/4K x 18 DUAL-PORT 8/4K x 16 DUAL-PORT STATIC RAM
IDT70P35 IDT-IDT70P35 Datasheet
293Kb / 22P
   HIGH-SPEED 1.8V 8/4K x 18 DUAL-PORT, 8/4K x 16 DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
70V35 RENESAS-70V35 Datasheet
570Kb / 26P
   HIGH-SPEED 3.3V 8/4K x 18 DUAL-PORT 8/4K x 16 DUAL-PORT STATIC RAM
OCTOBER 2019
logo
Integrated Device Techn...
IDT70T35 IDT-IDT70T35 Datasheet
159Kb / 21P
   HIGH-SPEED 2.5V 8/4K x 18 DUAL-PORT 8/4K x 16 DUAL-PORT STATIC RAM
IDT71342SA IDT-IDT71342SA Datasheet
144Kb / 13P
   HIGH-SPEED 4K x 8 DUAL-PORT STATIC RAM WITH SEMAPHORE
logo
Renesas Technology Corp
71342SA RENESAS-71342SA Datasheet
389Kb / 16P
   HIGH SPEED 4K X 8 DUAL-PORT STATIC RAM WITH SEMAPHORE
JULY 2019
logo
Integrated Device Techn...
IDT71342SA IDT-IDT71342SA_05 Datasheet
132Kb / 14P
   HIGH SPEED 4K X 8 DUAL-PORT STATIC RAM WITH SEMAPHORE
IDT7024S IDT-IDT7024S Datasheet
292Kb / 20P
   HIGH-SPEED 4K x 16 DUAL-PORT STATIC RAM
IDT7034S IDT-IDT7034S Datasheet
200Kb / 19P
   HIGH-SPEED 4K x 18 DUAL-PORT STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com