Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

7024L17FGI8 Datasheet(PDF) 3 Page - Integrated Device Technology

Part # 7024L17FGI8
Description  HIGH-SPEED 4K x 16 DUAL-PORT STATIC RAM
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

7024L17FGI8 Datasheet(HTML) 3 Page - Integrated Device Technology

  7024L17FGI8 Datasheet HTML 1Page - Integrated Device Technology 7024L17FGI8 Datasheet HTML 2Page - Integrated Device Technology 7024L17FGI8 Datasheet HTML 3Page - Integrated Device Technology 7024L17FGI8 Datasheet HTML 4Page - Integrated Device Technology 7024L17FGI8 Datasheet HTML 5Page - Integrated Device Technology 7024L17FGI8 Datasheet HTML 6Page - Integrated Device Technology 7024L17FGI8 Datasheet HTML 7Page - Integrated Device Technology 7024L17FGI8 Datasheet HTML 8Page - Integrated Device Technology 7024L17FGI8 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
6.42
IDT7024S/L
High-Speed 4K x 16 Dual-Port Static RAM
Military, Industrial and Commercial Temperature Ranges
3
Pin Names
Maximum Operating Temperature
and Supply Voltage(1)
NOTES:
1. All VCC pins must be connected to the power supply.
2. All GND pins must be connected to the ground supply.
3. Package body is approximately 1.12 in x 1.12 in x .16 in.
4. This package code is used to reference the package diagram.
5. This text does not indicate orientation of the actual part-marking.
Pin Configurations(1,2,3) (con't.)
NOTES:
1. This is the parameter TA. This is the "instant on" case temperature.
2740 drw 04
I/O7L
63
61
60
58
55
54
51
48
46
45
66
67
69
72
75
76
79
81
82
83
12
5
7
8
11
10
12
14
17
20
23
26
28
29
32
31
33
35
38
41
43
IDT7024G
G84-3(4)
84-Pin PGA
Top View(5)
AB
C
D
E
F
G
H
J
KL
42
59
56
49
50
40
25
27
30
36
34
37
39
84
3
4
6
9
15
13
16
18
22
24
19
21
68
71
70
77
80
UBR
CER
GND
11
10
09
08
07
06
05
04
03
02
01
64
65
62
57
53
52
47
44
73
74
78
GND
GND
R/
WR
OER
LBR
GND
GND
SEMR
N/C
UBL
CEL
R/
WL
OEL
GND
SEML
VCC
LBL
INTR
BUSYR
BUSYL
M/
S
INTL
A11L
N/C
Index
I/O5L
I/O4L
I/O2L
I/O0L
I/O10L
I/O8L
I/O6L
I/O3L
I/O1L
I/O11L
I/O9L
I/O13L
I/O12L
I/O15L
I/O14L
I/O0R
A9L
A10L
A8L
A7L
A5L
A6L
A4L
A3L
A2L
A0L
A1L
A0R
A2R
A1R
A5R
A3R
A6R
A4R
A9R
A7R
A8R
A10R
A11R
I/O1R
I/O2R
VCC
I/O3R
I/O4R
I/O5R
I/O7R
I/O6R
I/O9R
I/O8R
I/O11R
I/O10R
I/O12R
I/O13R
I/O14R
I/O15R
VCC
11/06/01
Left Port
Right Port
Names
CEL
CER
Chip Enable
R/
WL
R/
WR
Read/Write Enable
OEL
OER
Output Enable
A0L - A11L
A0R - A11R
Address
I/O0L - I/O15L
I/O0R - I/O15R
Data Input/Output
SEML
SEMR
Semaphore Enable
UBL
UBR
Upper Byte Select
LBL
LBR
Lower Byte Select
INTL
INTR
Interrupt Flag
BUSYL
BUSYR
Busy Flag
M/
S
Master or Slave Select
VCC
Power
GND
Ground
2740 tbl 01
Grade
Ambient
Temperature
GND
Vcc
Military
-55OC to +125OC0V
5.0V
+ 10%
Commercial
0OC to +70OC0V
5.0V
+ 10%
Industrial
-40OC to +85OC0V
5.0V
+ 10%
2740 tbl 02


Similar Part No. - 7024L17FGI8

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
7024L17FGI8 IDT-7024L17FGI8 Datasheet
693Kb / 22P
   HIGH-SPEED 4K x 16 DUAL-PORT STATIC RAM
More results

Similar Description - 7024L17FGI8

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT7024S IDT-IDT7024S_18 Datasheet
693Kb / 22P
   HIGH-SPEED 4K x 16 DUAL-PORT STATIC RAM
IDT7024S IDT-IDT7024S Datasheet
292Kb / 20P
   HIGH-SPEED 4K x 16 DUAL-PORT STATIC RAM
IDT7025S IDT-IDT7025S_12 Datasheet
192Kb / 22P
   HIGH-SPEED 4K x 16 DUAL-PORT STATIC RAM
IDT70V24S IDT-IDT70V24S Datasheet
281Kb / 17P
   HIGH-SPEED 3.3V 4K x 16 DUAL-PORT STATIC RAM
IDT70V24 IDT-IDT70V24 Datasheet
191Kb / 22P
   HIGH-SPEED 3.3V 4K x 16 DUAL-PORT STATIC RAM
IDT7134SA IDT-IDT7134SA Datasheet
110Kb / 9P
   HIGH-SPEED 4K x 8 DUAL-PORT STATIC RAM
IDT7034S IDT-IDT7034S Datasheet
200Kb / 19P
   HIGH-SPEED 4K x 18 DUAL-PORT STATIC RAM
IDT7034S IDT-IDT7034S_15 Datasheet
673Kb / 19P
   HIGH-SPEED 4K x 18 DUAL-PORT STATIC RAM
IDT71342SA IDT-IDT71342SA_12 Datasheet
318Kb / 14P
   HIGH SPEED 4K X 8 DUAL-PORT STATIC RAM
IDT70V35 IDT-IDT70V35 Datasheet
216Kb / 25P
   HIGH-SPEED 3.3V 8/4K x 18 DUAL-PORT 8/4K x 16 DUAL-PORT STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com