Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

72825LB25PFG Datasheet(PDF) 8 Page - Integrated Device Technology

Part # 72825LB25PFG
Description  CMOS DUAL SyncFIFO
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

72825LB25PFG Datasheet(HTML) 8 Page - Integrated Device Technology

Back Button 72825LB25PFG Datasheet HTML 4Page - Integrated Device Technology 72825LB25PFG Datasheet HTML 5Page - Integrated Device Technology 72825LB25PFG Datasheet HTML 6Page - Integrated Device Technology 72825LB25PFG Datasheet HTML 7Page - Integrated Device Technology 72825LB25PFG Datasheet HTML 8Page - Integrated Device Technology 72825LB25PFG Datasheet HTML 9Page - Integrated Device Technology 72825LB25PFG Datasheet HTML 10Page - Integrated Device Technology 72825LB25PFG Datasheet HTML 11Page - Integrated Device Technology 72825LB25PFG Datasheet HTML 12Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
COMMERCIALANDINDUSTRIAL
TEMPERATURERANGES
IDT72805LB/72815LB/72825LB/72845LB CMOS Dual SyncFIFOTM
256 x 18, 512 x 18, 1,024 x 18, and 4,096 x 18
8
TABLE 1 — STATUS FLAGS FOR IDT STANDARD MODE
Number of Words in FIFO
IDT72805LB
IDT72815LB
IDT72825LB
IDT72845LB
FF
PAF
HF
PAE
EF
000
0
H
H
H
L
L
1 to n(1)
1 to n(1)
1 to n(1)
1 to n(1)
HHH
L
H
(n + 1) to 128
(n + 1) to 256
(n + 1) to 512
(n + 1) to 2,048
HHHHH
129 to (256-(m+1))(2)
257 to (512-(m+1))(2)
513 to (1,024-(m+1))(2)
2,049 to (4,096-(m+1))(2)
HH
L
H
H
(256-m)to255
(512-m)to511
(1,024-m)to1,023
(4,096-m)to4,095
H
L
L
H
H
256
512
1,024
4,096
L
L
L
H
H
TABLE 2 — STATUS FLAGS FOR FWFT MODE
Number of Words in FIFO
IDT72805LB
IDT72815LB
IDT72825LB
IDT72845LB
IR
PAF
HF
PAE
OR
0
000
L
H
H
L
H
1 to (n + 1)(1)
1 to (n + 1)(1)
1 to (n + 1)(1)
1 to (n + 1)(1)
LH
H
L
L
(n + 2) to 129
(n + 2) to 257
(n + 2) to 513
(n + 2) to 2,049
L
H
H
H
L
130 to (257-(m+1))(2)
258 to (513-(m+1))(2)
514 to (1,025-(m+1))(2)
2,050 to (4,097-(m+1))(2)
LH
LH
L
(257-m) to 256
(513-m) to 512
(1,025-m) to 1,024
(4,097-m) to 4,096
LLL
H
L
257
513
1,025
4,097
H
L
L
H
L
NOTES:
1. n = Empty offset (Default Values : IDT72805LB n = 31, IDT72815LB n = 63, IDT72825LB/72845LB n = 127)
2. m = Full Offset (Default Values : IDT72805LB m = 31, IDT72815LB m = 63, IDT72825LB/72845LB m = 127)
NOTES:
1. n = Empty offset (Default Values : IDT72805LB n=31, IDT72815LB n = 63, IDT72825LB/72845LB n = 127)
2. m = Full offset (Default Values : IDT72805LB m=31, IDT72815LB m = 63, IDT72825LB/72845LB m = 127)
onthenextLOW-to-HIGHtransitionofRCLK.ThefirsttransitionofRCLKwill
presenttheEmptyOffsetvaluetothedataoutputlines.Thenexttransitionof
RCLKwillpresenttheFulloffsetvalue.Offsetregistercontentcanbereadout
in the IDT Standard mode only. It cannot be read in the FWFT mode.
SYNCHRONOUS vs ASYNCHRONOUS PROGRAMMABLE FLAG TIM-
ING SELECTION
TheIDT72805LB/72815LB/72825LB/72845LBcanbeconfiguredduring
the"ConfigurationatReset"cycledescribedinTable3witheitherasynchronous
or synchronous timing for PAE and PAF flags.
If asynchronous PAE/PAF configuration is selected (as per Table 3), the
PAE is asserted LOW on the LOW-to-HIGH transition of RCLK. PAE is reset
to HIGH on the LOW-to-HIGH transition of WCLK. Similarly, the PAF is
asserted LOW on the LOW-to-HIGH transition of WCLK and PAF is reset
to HIGH on the LOW-to-HIGH transition of RCLK. For detail timing dia-
grams, see Figure 13 for asynchronous PAE timing and Figure 14 for
asynchronousPAFtiming.
IfsynchronousPAE/PAFconfigurationisselected,thePAEisassertedand
updated on the rising edge of RCLK only and not WCLK. Similarly, PAF is
assertedandupdatedontherisingedgeofWCLKonlyandnotRCLK.Fordetail
timingdiagrams,seeFigure22forsynchronousPAEtimingandFigure23for
synchronousPAFtiming.
REGISTER-BUFFERED FLAG OUTPUT SELECTION
TheIDT72805LB/72815LB/72825LB/72845LBcanbeconfiguredduring
the "Configuration at Reset" cycle described in Table 4 with single, double or
tripleregister-bufferedflagoutputsignals.Thevariouscombinationsavailable
are described in Table 4 and Table 5. In general, going from single to double
ortriplebufferedflagoutputsremovesthepossibilityofmetastableflagindications
onboundarystates(i.e,emptyorfullconditions).Thetrade-offistheaddition
ofclockcycledelaysfortherespectiveflagtobeasserted.Notallcombinations
ofregister-bufferedflagoutputsaresupported.Register-bufferedoutputsapply
totheEmptyFlagandFullFlagonly.Partialflagsarenoteffected.Table4and
Table5summarizetheoptionsavailable.


Similar Part No. - 72825LB25PFG

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
72825LB25PFG RENESAS-72825LB25PFG Datasheet
416Kb / 27P
   CMOS DUAL SyncFIFO™
MARCH 2018
72825LB25PFG8 RENESAS-72825LB25PFG8 Datasheet
416Kb / 27P
   CMOS DUAL SyncFIFO™
MARCH 2018
72825LB25PFGI RENESAS-72825LB25PFGI Datasheet
416Kb / 27P
   CMOS DUAL SyncFIFO™
MARCH 2018
72825LB25PFGI8 RENESAS-72825LB25PFGI8 Datasheet
416Kb / 27P
   CMOS DUAL SyncFIFO™
MARCH 2018
More results

Similar Description - 72825LB25PFG

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72801 IDT-IDT72801 Datasheet
158Kb / 16P
   DUAL CMOS SyncFIFO
IDT72811 IDT-IDT72811 Datasheet
231Kb / 21P
   DUAL CMOS SyncFIFO
IDT72801 IDT-IDT72801_13 Datasheet
344Kb / 10P
   DUAL CMOS SyncFIFO
logo
Renesas Technology Corp
IDT72805LB RENESAS-IDT72805LB Datasheet
416Kb / 27P
   CMOS DUAL SyncFIFO™
MARCH 2018
logo
Integrated Device Techn...
IDT72V801 IDT-IDT72V801 Datasheet
150Kb / 16P
   3.3 VOLT DUAL CMOS SyncFIFO?
IDT72420 IDT-IDT72420_05 Datasheet
97Kb / 11P
   CMOS SyncFIFO
IDT72V805 IDT-IDT72V805_16 Datasheet
200Kb / 26P
   3.3 VOLT CMOS DUAL SyncFIFO
IDT72V801 IDT-IDT72V801_14 Datasheet
166Kb / 16P
   3.3 VOLT DUAL CMOS SyncFIFO
IDT72421 IDT-IDT72421_13 Datasheet
291Kb / 14P
   CMOS SyncFIFO
IDT72420 IDT-IDT72420_13 Datasheet
258Kb / 11P
   CMOS SyncFIFO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com