Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AAT1184 Datasheet(PDF) 11 Page - Skyworks Solutions Inc.

Part # AAT1184
Description  Small Solution Size
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

AAT1184 Datasheet(HTML) 11 Page - Skyworks Solutions Inc.

Back Button AAT1184 Datasheet HTML 7Page - Skyworks Solutions Inc. AAT1184 Datasheet HTML 8Page - Skyworks Solutions Inc. AAT1184 Datasheet HTML 9Page - Skyworks Solutions Inc. AAT1184 Datasheet HTML 10Page - Skyworks Solutions Inc. AAT1184 Datasheet HTML 11Page - Skyworks Solutions Inc. AAT1184 Datasheet HTML 12Page - Skyworks Solutions Inc. AAT1184 Datasheet HTML 13Page - Skyworks Solutions Inc. AAT1184 Datasheet HTML 14Page - Skyworks Solutions Inc. AAT1184 Datasheet HTML 15Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
11
AAT1184
High Voltage Step-Down Regulator
DATA SHEET
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
202000A • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice. • May 29, 2012
Applications Information
The high voltage DC/DC step-down converter provides
an output voltage from 1.5V to 5.5V. The integrated
high-side n-channel MOSFET device provides up to 1.2A
output current1. Input voltage range is 6.0V to 24.0V.
The step-down converter utilizes constant frequency
(PWM-mode) voltage mode control to achieve high oper-
ating efficiency while maintaining extremely low output
noise across the operating range. High 490kHz (nominal)
switching frequency allows small external filtering com-
ponents, achieving minimum cost and solution size.
External compensation allows the designer to optimize
the transient response while achieving stability across
the operating range.
Output Voltage and Current
The output voltage is set using an external resistor
divider as shown in Table 1. Minimum output voltage is
1.5V and maximum output voltage is 5.5V. Typical max-
imum duty cycle is 85%.
VOUT(V)
R5 = 6.04k
R4(k)
1.5
9.09
1.8
12.1
1.85
12.4
2.0
14.0
2.5
19.1
3.0
24.3
3.3
27.4
5.0
44.2
Table 1: Feedback Resistor Values.
Alternatively, the feedback resistor may be calculated
using the following equation:
(V
OUT - 0.6) · R5
0.6
R
4 =
R4 is rounded to the nearest 1% resistor value.
Buck Regulator Output
Capacitor Selection
A 22μF ceramic output capacitor is required to filter the
inductor current ripple and supply the load transient cur-
rent for IOUT = 1.2A. The 1206 package with 10V mini-
mum voltage rating is recommended for the output
capacitors to maintain a minimum capacitance drop with
DC bias.
Output Inductor Selection
The step-down converter utilizes constant frequency
(PWM-mode) voltage mode control. A 4.7μH inductor
value is selected to maintain the desired output current
ripple and minimize the converter’s response time to
load transients. The peak switch current should not
exceed the inductor saturation current, the MOSFET or
the external Schottky rectifier peak current ratings.
Rectifier Selection
When the high-side switch is on, the input voltage will be
applied to the cathode of the Schottky diode. The recti-
fier's rated reverse breakdown voltage must be chosen
at least equal to the maximum input voltage of the step-
down regulator.
When the high-side switch is off, the current will flow
from the power ground to the output through the
Schottky diode and the inductor. The power dissipation
of the Schottky diode during the time-off can be deter-
mined by the following equation:
V
OUT
P
D = IOUT · VD ·
1 -
V
IN
Where VD is the voltage drop across the Schottky diode.
Input Capacitor Selection
For low cost applications, a 100μF/25V electrolytic
capacitor is selected to control the voltage overshoot
across the high side MOSFET. A small ceramic capacitor
with voltage rating at least 1.05 times greater than the
maximum input voltage is connected as close as possible
to the input pin (Pin 14) for high frequency decoupling.
Feedback and Compensation Networks
The transfer function of the Error Amplifier is dominated
by the DC Gain and the L COUT output filter of the regula-
tor. This output filter and its equivalent series resistor
(ESR) create a double pole at FLC and a zero at FESR in the
following equations:
Eq. 1: F
LC =
1
2 ·
π · L · C
OUT
1. Output current capability may vary and is dependent on package selection, maximum ambient temperature, airflow and PCB heatsinking.


Similar Part No. - AAT1184

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT1184 ANALOGICTECH-AAT1184 Datasheet
3Mb / 19P
   High Voltage Step-Down Regulator
AAT1184ITP-0.6-T1 ANALOGICTECH-AAT1184ITP-0.6-T1 Datasheet
3Mb / 19P
   High Voltage Step-Down Regulator
More results

Similar Description - AAT1184

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX77596 MAXIM-MAX77596 Datasheet
1Mb / 16P
   Minimizes Solution Size
Rev 1; 3/16
MAX16141EVKIT MAXIM-MAX16141EVKIT Datasheet
433Kb / 8P
   Demonstrates Compact Solution Size
Rev 1; 12/19
logo
Texas Instruments
TPS63805 TI-TPS63805_V02 Datasheet
3Mb / 42P
[Old version datasheet]   TPS6380x High-Efficiency, Low IQ Buck-Boost Converter with Small Solution Size
AUGUST 2021
logo
Keysight Technologies
E6650A-001 KEYSIGHT-E6650A-001 Datasheet
1Mb / 8P
   Small Cell Test, Reference Solution
logo
RF Monolithics, Inc
SF2190B RFM-SF2190B Datasheet
626Kb / 5P
   Small Size
logo
Texas Instruments
TPS63802 TI1-TPS63802 Datasheet
1Mb / 28P
[Old version datasheet]   2-A, High-Efficient, Low IQ Buck-Boost Converter with Small Solution Size
logo
Murata Manufacturing Co...
BLM15HB121SZ1 MURATA1-BLM15HB121SZ1_V01 Datasheet
241Kb / 3P
   Small size: 1.0x0.5mm
Last updated06/30/2022
DLW21SH391XQ2 MURATA1-DLW21SH391XQ2 Datasheet
583Kb / 3P
   Small size: 2.0x1.2x1.2mm
Last updated07/26/2022
DLW21SH121HQ2 MURATA1-DLW21SH121HQ2 Datasheet
583Kb / 3P
   Small size: 2.0x1.2x1.2mm
Last updated07/26/2022
DLW21SN900HQ2 MURATA1-DLW21SN900HQ2_V01 Datasheet
392Kb / 3P
   Small size: 2.0x1.2x1.2mm
Last updated07/26/2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com